Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CPC1014N Datasheet(PDF) 4 Page - Clare, Inc.

Part No. CPC1014N
Description  4-Pin SOP OptoMOS® Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1014N Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1014N Datasheet HTML 1Page - Clare, Inc. CPC1014N Datasheet HTML 2Page - Clare, Inc. CPC1014N Datasheet HTML 3Page - Clare, Inc. CPC1014N Datasheet HTML 4Page - Clare, Inc. CPC1014N Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.clare.com
4
CPC1014N
R01
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Time
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
I
F=2mA
LED Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
Typical Turn-On vs. LED Forward Current
(I
L=80mA)
LED Forward Current (mA)
0
5
1015202530354045
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
Typical Turn-Off vs. LED Forward Current
(I
L=80mA)
-40
0.9
0.8
0.7
0.6
0.5
0.4
0.3
-20
0
20
40
60
80
100
Steady State
Temperature (ºC)
I
F=5mA
I
F=10mA
Typical On-Resistance vs. Temperature
(I
L=200mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.16
0.20
0.24
0.28
0.32
0.36
Typical I
F for Switch Operation
vs. Temperature
(I
L=200mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.28
Typical I
F for Switch Dropout
vs. Temperature
(I
L=200mA)
0.36
0.24
0.20
0.16
0.32
Load Voltage (V)
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
-500
-400
-300
-200
-100
0
100
200
300
400
500
Typical Load Current vs. Load Voltage
(I
F=2mA)
Time
10
μs 100μs 1ms 10ms 100ms 1s
10s
100s
0
100
200
300
400
500
600
700
800
900
1000
1100
Energy Rating Curve
(I
F=2mA)


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn