Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMA7496L Datasheet(PDF) 4 Page - Gamma Microelectronics Inc.

Part # GMA7496L
Description  2W2W AMPLIFIER WITH DC VOLUME CONTROL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GMA7496L Datasheet(HTML) 4 Page - Gamma Microelectronics Inc.

  GMA7496L_1 Datasheet HTML 1Page - Gamma Microelectronics Inc. GMA7496L_1 Datasheet HTML 2Page - Gamma Microelectronics Inc. GMA7496L_1 Datasheet HTML 3Page - Gamma Microelectronics Inc. GMA7496L_1 Datasheet HTML 4Page - Gamma Microelectronics Inc. GMA7496L_1 Datasheet HTML 5Page - Gamma Microelectronics Inc. GMA7496L_1 Datasheet HTML 6Page - Gamma Microelectronics Inc. GMA7496L_1 Datasheet HTML 7Page - Gamma Microelectronics Inc. GMA7496L_1 Datasheet HTML 8Page - Gamma Microelectronics Inc. GMA7496L_1 Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
GMA7496L
2W+2W AMPLIFIER WITH
DC VOLUME CONTROL
Electrical Characteristics Refer to the test circuit: V
S = 14V, RL = 8Ω, Rg = 50 Ω, TA = 25ºC
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Voltage
VS
10
18
V
Total Quiescent Current
IQ
25
50
mA
Output DC Offset Referred to
SVR Potential
DCVOS
No Input Signal
200
mV
Quiescent Output Voltage
VO
6.0
6.7
8.0
V
THD = 10%, RL = 8Ω
1.6
2
Output Power
PO
THD = 1%, RL = 8Ω
1.3
W
Total Harmonic Distortion
THD
GV = 30dB, PO = 1W, f = 1kHz
0.4
%
Output Peak Current
IPEAK
(Internally Limited)
0.7
0.9
A
Input Signal
VIN
2.8
VRMS
Closed Loop Gain
GV
Vol Ctrl > 4.5V
28.5
30
31.5
dB
Monitor Out Gain
GVLine
Vol Ctrl > 4.5V, Zload > 30KΩ
-1.5
0
1.5
dB
Attenuation at Minimum
Volume
AMIN VOL
Vol Ctrl < 0.5V
80
dB
Frequency Response
BW
0.6
MHz
f = 20Hz to 22KHz, Play Max
Volume
500
800
f = 20Hz to 22KHz, Play Max
Attenuation
100
250
Total Output Noise
eN
f = 20Hz to 22KHz, Mute
60
150
µV
Slew Rate
SR
5
8
V/µS
Input Resistance
Ri
22.5
30
kΩ
Variable Output Resistance
RVar Out
30
100
Variable Output Load
Rload Var
2
kΩ
f = 1kHz, Max Volume,
CSVR = 470µF, VRIP = 1Vrms
35
39
Supply voltage Rejection
SVR
f = 1kHz, Max Attenuation,
CSVR = 470µF, VRIP = 1Vrms
55
65
dB
Thermal Muting
TM
150
ºC
Thermal Shut-down
TS
160
ºC


Similar Part No. - GMA7496L_1

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GMA7496LD20 GAMMA-GMA7496LD20 Datasheet
190Kb / 11P
   2W2W AMPLIFIER W/ DC VOLUME CONTROL
More results

Similar Description - GMA7496L_1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7496L STMICROELECTRONICS-TDA7496L Datasheet
162Kb / 10P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
Wuxi Youda electronics ...
YD7496L YOUDA-YD7496L Datasheet
85Kb / 5P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
KODENSHI_AUK CORP.
KKA7496L KODENSHI-KKA7496L Datasheet
526Kb / 8P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
First Components Intern...
FC7496L FCI-FC7496L Datasheet
1Mb / 8P
   FC7496L 2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
Gamma Microelectronics ...
GMA7496L GAMMA-GMA7496L Datasheet
190Kb / 11P
   2W2W AMPLIFIER W/ DC VOLUME CONTROL
logo
Global Mixed-mode Techn...
G1438 GMT-G1438 Datasheet
91Kb / 1P
   2W Stereo Audio Amplifier with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4843 NSC-LM4843 Datasheet
597Kb / 19P
   Stereo 2W Audio Power Amplifiers with DC Volume Control
logo
MOSA ELECTRONICS
MS6865 MOSA-MS6865 Datasheet
713Kb / 20P
   Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
MS6865 MOSA-MS6865_1 Datasheet
767Kb / 22P
   Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
MS6864 MOSA-MS6864_1 Datasheet
696Kb / 21P
   Dual 2W Power Amplifier, I2C interface Stereo Input with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com