Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY56011R Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY56011R
Description  Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY56011R Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY56011R Datasheet HTML 3Page - Micrel Semiconductor SY56011R Datasheet HTML 4Page - Micrel Semiconductor SY56011R Datasheet HTML 5Page - Micrel Semiconductor SY56011R Datasheet HTML 6Page - Micrel Semiconductor SY56011R Datasheet HTML 7Page - Micrel Semiconductor SY56011R Datasheet HTML 8Page - Micrel Semiconductor SY56011R Datasheet HTML 9Page - Micrel Semiconductor SY56011R Datasheet HTML 10Page - Micrel Semiconductor SY56011R Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Micrel, Inc.
SY56011R
July 2008
7
M9999-070208-A
hbwhelp@micrel.com or (408) 955-1690
Interface Applications
For Input Interface Applications see Figures 4a-e and
for CML Output Termination, see Figures 5a-d.
CML Output Termination with VCCO 1.2V
For VCCO of 1.2V, Figure 5a, terminate the output
with 50 Ohms to 1.2V, not 100 ohms differentially
across the outputs. If AC-coupling is used, Figure 5d,
terminate into 50 ohms to 1.2V before the coupling
capacitor and then connect to a high value resistor to
a reference voltage. Any unused output pair needs to
be terminated, do not leave floating.
CML Output Termination with VCCO 1.8V
For VCCO of 1.8V, Figure 5a and Figure 5b,
terminate either with 50 ohms to 1.8V or 100 ohms
differentially across the outputs. AC- or DC-coupling
is fine. For best signal integrity, terminate any unused
output pairs.
Input Termination
1.8V CML driver: Terminate input with VT tied to 1.8V.
Don’t terminate 100 ohms differentially.
2.5V CML driver: Terminate input with either VT tied
to 2.5V or 100 ohms differentially.
The input cannot be DC-coupled from a 1.2V CML
driver.
Timing Diagrams
Figure 1. Propagation Delay


Similar Part No. - SY56011R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY56011R MICREL-SY56011R Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56011RMG MICREL-SY56011RMG Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56011RMGTR MICREL-SY56011RMGTR Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56011R MICREL-SY56011R_11 Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
More results

Similar Description - SY56011R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY56011R MICREL-SY56011R_11 Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56020R MICREL-SY56020R_10 Datasheet
472Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56020XR MICREL-SY56020XR Datasheet
311Kb / 10P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56020R MICREL-SY56020R Datasheet
430Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56028XR MICREL-SY56028XR Datasheet
349Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56017R MICREL-SY56017R Datasheet
502Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 2:1 MUX 6.4Gbps with Equalization
SY56028XR_1009 MICREL-SY56028XR_1009 Datasheet
330Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56572XR MICREL-SY56572XR Datasheet
356Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56572XR_1009 MICREL-SY56572XR_1009 Datasheet
336Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56216R MICREL-SY56216R Datasheet
508Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML Dual Channel Buffer 4.5GHz/6.4Gbps with Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com