Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY54016R Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY54016R
Description  Low Voltage 1.2V/1.8V CML Differential Line Driver/Receiver with Fail Safe Input 3.2Gbps, 2.5GHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY54016R Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY54016R Datasheet HTML 1Page - Micrel Semiconductor SY54016R Datasheet HTML 2Page - Micrel Semiconductor SY54016R Datasheet HTML 3Page - Micrel Semiconductor SY54016R Datasheet HTML 4Page - Micrel Semiconductor SY54016R Datasheet HTML 5Page - Micrel Semiconductor SY54016R Datasheet HTML 6Page - Micrel Semiconductor SY54016R Datasheet HTML 7Page - Micrel Semiconductor SY54016R Datasheet HTML 8Page - Micrel Semiconductor SY54016R Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SY54016R
Low Voltage 1.2V/1.8V CML Differential Line
Driver/Receiver with Fail Safe Input
3.2Gbps, 2.5GHz
Precision Edge is a registered trademark of Micrel, Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technology.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
June 2008
M9999-061808-A
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY54016R is a fully differential, low voltage
1.2V/1.8V CML Line Driver/Receiver with Fail-Safe
Input. The SY54016R can process clock signals as fast
as 2.5GHz or data patterns up to 3.2Gbps.
The differential input includes Micrel’s unique, 3-pin
input termination architecture that interfaces to LVPECL,
LVDS or CML differential signals, as small as 100mV
(200mVPP) without any level-shifting or termination
resistor networks in the signal path. For AC-coupled
input
interface
applications,
an
internal
voltage
reference is provided to bias the VT pin. The outputs are
CML, with extremely fast rise/fall times guaranteed to be
less than 95ps.
The SY54016R operates from a 2.5V ±5% core supply
and a 1.8V or 1.2V ±5% output supply and is
guaranteed over the full industrial temperature range
(–40°C to +85°C). The SY54016R is part of Micrel’s
high-speed, Precision Edge
® product line.
Data sheets and support documentation can be found
on Micrel’s web site at: www.micrel.com.
Functional Block Diagram
Precision Edge
®
Features
• 1.2V/1.8V CML Line Driver/Receiver with Fail-Safe
Input
• Guaranteed AC performance over temperature and
voltage:
– DC-to- > 3.2Gbps throughput
– <370ps propagation delay (IN-to-Q)
– <95ps rise/fall times
• Ultra-low jitter design
– <1psRMS cycle-to-cycle jitter
– <10psPP total jitter
– <1psRMS random jitter
– <10psPP deterministic jitter
• High-speed CML outputs
• 2.5V ±5% , 1.8/1.2V ±5% power supply operation
• Industrial temperature range: –40°C to +85°C
• Available in 8-pin (2mm x 2mm) MLF® package
Applications
• Data Distribution: OC-48, OC-48+FEC
• SONET clock and data distribution
• Fibre Channel clock and data distribution
• Gigabit Ethernet clock and data distribution
Markets
• Storage
• ATE
• Test and measurement
• Enterprise networking equipment
• High-end servers
• Metro area network equipment


Similar Part No. - SY54016R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY54016RMGTR MICREL-SY54016RMGTR Datasheet
804Kb / 13P
   Low Voltage 1.2V/1.8V CML Differential Line Driver/Receiver with Fail Safe Input 3.2Gbps, 2.5GHz
SY54016R MICREL-SY54016R_10 Datasheet
804Kb / 13P
   Low Voltage 1.2V/1.8V CML Differential Line Driver/Receiver with Fail Safe Input 3.2Gbps, 2.5GHz
More results

Similar Description - SY54016R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY54016R MICREL-SY54016R_10 Datasheet
804Kb / 13P
   Low Voltage 1.2V/1.8V CML Differential Line Driver/Receiver with Fail Safe Input 3.2Gbps, 2.5GHz
SY54023R MICREL-SY54023R Datasheet
619Kb / 15P
   Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch with Fail-Safe Inputs, 3.2Gbps, 2.5GHz
SY54016AR MICREL-SY54016AR Datasheet
763Kb / 12P
   Low Voltage 1.2V/1.8V CML Differential Line Driver/Receiver 3.2Gbps, 3.2GHz
SY54017R MICREL-SY54017R Datasheet
631Kb / 15P
   Low Voltage 1.2V/1.8V CML 2:1 MUX with Fail Safe Inputs, 3.2Gbps, 2.5GHz
SY54020R MICREL-SY54020R Datasheet
556Kb / 14P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN and Fail-Safe Input 3.2Gbps, 2.5GHz
SY54017AR MICREL-SY54017AR Datasheet
546Kb / 14P
   Low Voltage 1.2V/1.8V CML 2:1 MUX 3.2Gbps, 2.5GHz
SY54020R MICREL-SY54020R_09 Datasheet
556Kb / 14P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN and Fail-Safe Input 3.2Gbps
SY56016R MICREL-SY56016R Datasheet
755Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML Differential Line Driver/Receiver 6.4Gbps with Equalization
SY54023AR MICREL-SY54023AR Datasheet
520Kb / 14P
   Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch 3.2Gbps, 3.2GHz
SY54011R MICREL-SY54011R_10 Datasheet
517Kb / 10P
   Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com