Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW3281G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NJW3281G
Description  Complementary NPN-PNP Silicon Power Bipolar Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NJW3281G Datasheet(HTML) 3 Page - ON Semiconductor

  NJW3281G Datasheet HTML 1Page - ON Semiconductor NJW3281G Datasheet HTML 2Page - ON Semiconductor NJW3281G Datasheet HTML 3Page - ON Semiconductor NJW3281G Datasheet HTML 4Page - ON Semiconductor NJW3281G Datasheet HTML 5Page - ON Semiconductor NJW3281G Datasheet HTML 6Page - ON Semiconductor NJW3281G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NJW3281G (NPN) NJW1302G (PNP)
http://onsemi.com
3
TYPICAL CHARACTERISTICS
IC, COLLECTOR CURRENT (A)
Figure 1. Typical Current Gain
Bandwidth Product
Figure 2. Typical Current Gain
Bandwidth Product
PNP NJW1302G
NPN NJW3281G
IC, COLLECTOR CURRENT (A)
0
10
20
30
40
50
60
0.1
1
10
VCE = 10 V
TJ = 25°C
ftest = 1 MHz
5 V
0
20
40
60
80
0.1
1
10
VCE = 10 V
5 V
TJ = 25°C
ftest = 1 MHz
10
100
1000
0.01
0.1
1
10
100
125
°C
25
°C
-30
°C
VCE = 5 V
IC, COLLECTOR CURRENT (A)
Figure 3. DC Current Gain
10
100
1000
0.1
1
10
100
IC, COLLECTOR CURRENT (A)
Figure 4. DC Current Gain
VCE = 5 V
125
°C
25
°C
-30
°C
10
100
1000
0.01
0.1
1
10
100
IC, COLLECTOR CURRENT (A)
Figure 5. DC Current Gain
125
°C
25
°C
-30
°C
VCE = 20 V
10
100
1000
0.1
1
10
10
IC, COLLECTOR CURRENT (A)
Figure 6. DC Current Gain
VCE = 20 V
125
°C
25
°C
-30
°C


Similar Part No. - NJW3281G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJW3281G ONSEMI-NJW3281G Datasheet
117Kb / 7P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
September, 2013 ??Rev. 1
logo
Inchange Semiconductor ...
NJW3281G ISC-NJW3281G Datasheet
301Kb / 2P
   isc Silicon NPN Power Transistors
logo
Thinki Semiconductor Co...
NJW3281G THINKISEMI-NJW3281G Datasheet
4Mb / 6P
   200Watt/15A/250V Silicon Planar NPN Type Power Transistor
Rev.13T
logo
ON Semiconductor
NJW3281G ONSEMI-NJW3281G_13 Datasheet
117Kb / 7P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
September, 2013 ??Rev. 1
More results

Similar Description - NJW3281G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJW3281G ONSEMI-NJW3281G_13 Datasheet
117Kb / 7P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
September, 2013 ??Rev. 1
MJW3281A ONSEMI-MJW3281A_10 Datasheet
160Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2010 ??Rev. 4
MJL4281A ONSEMI-MJL4281A Datasheet
55Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
July, 2003 ??Rev. 1
MJW3281A ONSEMI-MJW3281A Datasheet
91Kb / 8P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2002 ??Rev. 1
MJL0281A ONSEMI-MJL0281A Datasheet
58Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
June, 2006 ??Rev. 1
NJW0281G ONSEMI-NJW0281G_13 Datasheet
108Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
MJW0281A ONSEMI-MJW0281A_05 Datasheet
67Kb / 6P
   Complementary NPN-PNP Power Bipolar Transistors
June, 2005 ??Rev. 2
NJW0281G ONSEMI-NJW0281G Datasheet
80Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
MJL4281A ONSEMI-MJL4281A_13 Datasheet
102Kb / 5P
   Complementary NPN-PN Silicon Power Bipolar Transistors
June, 2013 ??Rev. 3
MJW0281AG ONSEMI-MJW0281AG Datasheet
63Kb / 6P
   Complementary NPN?뭁NP Power Bipolar Transistors
June, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com