Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NJW0302G Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NJW0302G
Description  Complementary NPN-PNP Power Bipolar Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NJW0302G Datasheet(HTML) 4 Page - ON Semiconductor

  NJW0302G Datasheet HTML 1Page - ON Semiconductor NJW0302G Datasheet HTML 2Page - ON Semiconductor NJW0302G Datasheet HTML 3Page - ON Semiconductor NJW0302G Datasheet HTML 4Page - ON Semiconductor NJW0302G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NJW0281G (NPN) NJW0302G (PNP)
http://onsemi.com
4
0
10
20
30
40
50
60
70
0.01
0.1
1
10
Figure 9. NJW0281G Current Gain Bandwidth
Product
IC, COLLECTOR CURRENT (A)
Figure 10. NJW0302G Current Gain Bandwidth
Product
IC, COLLECTOR CURRENT (A)
VCE= 5.0 V
25
°C
0
10
20
30
40
50
60
0.01
0.1
1
10
VCE= 5.0 V
25
°C


Similar Part No. - NJW0302G

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NJW0302G ONSEMI-NJW0302G Datasheet
108Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
Foshan Blue Rocket Electronics Co.,Ltd.
Foshan Blue Rocket Elec...
NJW0302G FOSHAN-NJW0302G Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-3P Plastic Package.
Thinki Semiconductor Co., Ltd.
Thinki Semiconductor Co...
NJW0302G THINKISEMI-NJW0302G Datasheet
1Mb / 4P
   150 Watt Silicon Epitaxial Planar PNP Power Transistor
Inchange Semiconductor Company Limited
Inchange Semiconductor ...
NJW0302G ISC-NJW0302G Datasheet
290Kb / 2P
   isc Silicon PNP Power Transistor
NJW0302GD ISC-NJW0302GD Datasheet
283Kb / 2P
   isc Silicon PNP Power Transistor
More results

Similar Description - NJW0302G

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
MJL0281A ONSEMI-MJL0281A Datasheet
58Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
June, 2006 ??Rev. 1
NJW0281G ONSEMI-NJW0281G_13 Datasheet
108Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
MJW0281A ONSEMI-MJW0281A_05 Datasheet
67Kb / 6P
   Complementary NPN-PNP Power Bipolar Transistors
June, 2005 ??Rev. 2
MJW0281AG ONSEMI-MJW0281AG Datasheet
63Kb / 6P
   Complementary NPN?뭁NP Power Bipolar Transistors
June, 2005 ??Rev. 2
NJW3281G ONSEMI-NJW3281G_13 Datasheet
117Kb / 7P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
September, 2013 ??Rev. 1
MJW3281A ONSEMI-MJW3281A_10 Datasheet
160Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2010 ??Rev. 4
MJL4281A ONSEMI-MJL4281A Datasheet
55Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
July, 2003 ??Rev. 1
NJW3281G ONSEMI-NJW3281G Datasheet
89Kb / 7P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
January, 2008 - Rev. 0
MJW3281A ONSEMI-MJW3281A Datasheet
91Kb / 8P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2002 ??Rev. 1
MJL3281A ONSEMI-MJL3281A_13 Datasheet
114Kb / 5P
   Complementary Bipolar Power Transistors
September, 2013 ??Rev. 11
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz