Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NJW0302G Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NJW0302G
Description  Complementary NPN-PNP Power Bipolar Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NJW0302G Datasheet(HTML) 1 Page - ON Semiconductor

  NJW0302G Datasheet HTML 1Page - ON Semiconductor NJW0302G Datasheet HTML 2Page - ON Semiconductor NJW0302G Datasheet HTML 3Page - ON Semiconductor NJW0302G Datasheet HTML 4Page - ON Semiconductor NJW0302G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2008
January, 2008 - Rev. 0
1
Publication Order Number:
NJW0281/D
NJW0281G (NPN)
NJW0302G (PNP)
Preferred Devices
Complementary NPN-PNP
Power Bipolar Transistors
These complementary devices are lower power versions of the
popular NJW3281G and NJW1302G audio output transistors. With
superior gain linearity and safe operating area performance, these
transistors are ideal for high fidelity audio amplifier output stages and
other linear applications.
Features
Exceptional Safe Operating Area
NPN/PNP Gain Matching within 10% from 50 mA to 3 A
Excellent Gain Linearity
High BVCEO
High Frequency
These are Pb-Free Devices
Benefits
Reliable Performance at Higher Powers
Symmetrical Characteristics in Complementary Configurations
Accurate Reproduction of Input Signal
Greater Dynamic Range
High Amplifier Bandwith
Applications
High-End Consumer Audio Products
Home Amplifiers
Home Receivers
Professional Audio Amplifiers
Theater and Stadium Sound Systems
Public Address Systems (PAs)
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
250
Vdc
Collector-Base Voltage
VCBO
250
Vdc
Emitter-Base Voltage
VEBO
5.0
Vdc
Collector-Emitter Voltage - 1.5 V
VCEX
250
Vdc
Collector Current - Continuous
Collector Current - Peak (Note 1)
IC
15
30
Adc
Base Current - Continuous
IB
1.5
Adc
Total Power Dissipation @ TC = 25°C
PD
150
Watts
Operating and Storage Junction
Temperature Range
TJ, Tstg
- 65 to
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Pulse Test: Pulse Width = 5.0 ms, Duty Cycle < 10%.
15 AMPERES
COMPLEMENTARY SILICON
POWER TRANSISTORS
250 VOLTS, 150 WATTS
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
TO-3P
CASE 340AB
MARKING
DIAGRAM
Preferred devices are recommended choices for future use
and best overall value.
NJW0302G
TO-3P
(Pb-Free)
30 Units/Rail
NJW0281G
TO-3P
(Pb-Free)
30 Units/Rail
xxxx
= 0281 or 0302
G
= Pb-Free Package
A
= Assembly Location
Y
= Year
WW
= Work Week
NJWxxxG
AYWW


Similar Part No. - NJW0302G

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NJW0302G ONSEMI-NJW0302G Datasheet
108Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
Foshan Blue Rocket Electronics Co.,Ltd.
Foshan Blue Rocket Elec...
NJW0302G FOSHAN-NJW0302G Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-3P Plastic Package.
Thinki Semiconductor Co., Ltd.
Thinki Semiconductor Co...
NJW0302G THINKISEMI-NJW0302G Datasheet
1Mb / 4P
   150 Watt Silicon Epitaxial Planar PNP Power Transistor
Inchange Semiconductor Company Limited
Inchange Semiconductor ...
NJW0302G ISC-NJW0302G Datasheet
290Kb / 2P
   isc Silicon PNP Power Transistor
NJW0302GD ISC-NJW0302GD Datasheet
283Kb / 2P
   isc Silicon PNP Power Transistor
More results

Similar Description - NJW0302G

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
MJL0281A ONSEMI-MJL0281A Datasheet
58Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
June, 2006 ??Rev. 1
NJW0281G ONSEMI-NJW0281G_13 Datasheet
108Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
MJW0281A ONSEMI-MJW0281A_05 Datasheet
67Kb / 6P
   Complementary NPN-PNP Power Bipolar Transistors
June, 2005 ??Rev. 2
MJW0281AG ONSEMI-MJW0281AG Datasheet
63Kb / 6P
   Complementary NPN?뭁NP Power Bipolar Transistors
June, 2005 ??Rev. 2
NJW3281G ONSEMI-NJW3281G_13 Datasheet
117Kb / 7P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
September, 2013 ??Rev. 1
MJW3281A ONSEMI-MJW3281A_10 Datasheet
160Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2010 ??Rev. 4
MJL4281A ONSEMI-MJL4281A Datasheet
55Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
July, 2003 ??Rev. 1
NJW3281G ONSEMI-NJW3281G Datasheet
89Kb / 7P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
January, 2008 - Rev. 0
MJW3281A ONSEMI-MJW3281A Datasheet
91Kb / 8P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2002 ??Rev. 1
MJL3281A ONSEMI-MJL3281A_13 Datasheet
114Kb / 5P
   Complementary Bipolar Power Transistors
September, 2013 ??Rev. 11
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz