Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9D340G64BG2I15 Datasheet(PDF) 10 Page - LOGIC Devices Incorporated

Part # L9D340G64BG2I15
Description  4.0 Gb, DDR3, 64 M x 64 Integrated Module (IMOD)
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L9D340G64BG2I15 Datasheet(HTML) 10 Page - LOGIC Devices Incorporated

Back Button L9D340G64BG2I15 Datasheet HTML 6Page - LOGIC Devices Incorporated L9D340G64BG2I15 Datasheet HTML 7Page - LOGIC Devices Incorporated L9D340G64BG2I15 Datasheet HTML 8Page - LOGIC Devices Incorporated L9D340G64BG2I15 Datasheet HTML 9Page - LOGIC Devices Incorporated L9D340G64BG2I15 Datasheet HTML 10Page - LOGIC Devices Incorporated L9D340G64BG2I15 Datasheet HTML 11Page - LOGIC Devices Incorporated L9D340G64BG2I15 Datasheet HTML 12Page - LOGIC Devices Incorporated L9D340G64BG2I15 Datasheet HTML 13Page - LOGIC Devices Incorporated L9D340G64BG2I15 Datasheet HTML 14Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 155 page
background image
LOGIC Devices Incorporated
www.logicdevices.com
May 19, 2009 LDS-L9D340G6BG2-A
10
4.0 Gb, DDR3, 64 M x 64 Integrated Module (IMOD)
PRELIMINARY INFORMATION
L9D340G64BG2
High Performance, Integrated Memory Module Product
TABLE 3 - BALL/SIGNAL LOCATION AND DESCRIPTION CONTINUED
Ball Assignments
Symbol
Type
Description
F11, G4, E8, E3, F2, E9,
H3, G8
H9, H5, G9, G6, H4,
H11, J6, H8
B3, B5, B6, B8, B9, B11,
C2, C12, J7, K2, K6, K8,
K12, L5, L9, M2, M6, M8,
M12, N7, W2, W12, Y3,
Y5, Y6, Y8, Y9, Y11
A3, A4, A10, A11, C1,
C13, D1, D13, K1, K13,
M1, M13, V13, W1, W13,
AA3, AA4, AA10, AA11
B4, B7, B10, C3, C11,
D2, D12, H7, K7, L2,
L6, L8, L12, M7, P7, V2,
V12, W3, W11, Y2, Y4,
Y7, Y10, Y12
A2, A7, A12, A13, B1,
B13, L1, L13, Y1, Y13,
AA1, AA2, AA7, AA12,
AA13
E7
L7
C5, C6, D5, D6
A1
A5, A6, A8, A9, C4, C7,
C8, C9, C10, D3, D4,
D7, D8, E1, E4, E5, E13,
F1, F5, F13, G1, G13,
H1, H13, J1, J13, N1,
N13, P1, P13, R1, R13,
T1, T7, T8, T9, T13, U1,
U7, U8, U13, V8, V9,
V10, V11, W4, W5, W7,
W8, W9, W10, AA5,
AA6, AA8, AA9
DQ48, DQ49,
DQ50, DQ51,
DQ52, DQ53,
DQ54, DQ55
DQ56, DQ57,
DQ58, DQ59,
DQ60, DQ61,
DQ62, DQ63
Vcc
VccQ
Vss
VssQ
VrefCA
VrefDQ
ZQx
UNPOPULATED
NC
Supply
Supply
Supply
Supply
Supply
Supply
Supply
Supply
Ref.
_
Data Input/Output: LOW Byte, HIGH WORD (WORD 4). Pin referenced to VrefDQ.
Data Input/Output: HIGH Byte, HIGH WORD (WORD 4). Pin referenced to VrefDQ.
Power Supply: 1.5V ± 0.075V
Data I/O Supply: 1.5V ± 0.075V
Ground
Data I/O Ground: Isolated from Core for improved noise immunity
Voltage Reference CORE: VrefCA must be maintained at all times
Voltage Reference I/O: VrefDQ must be maintained at all times.
External Reference for output drive calibration
Unpopulated, un-plated matrix location(s)
No Connect: These ball locations have no electrical connection internally. Locations other than
those indicating an upgrade or alternative function should be left isolated (non-connected)


Similar Part No. - L9D340G64BG2I15

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L9D345G72BG5 LODEV-L9D345G72BG5 Datasheet
3Mb / 155P
   4.5 Gb, DDR3, 64 M x 72 Integrated Module (IMOD)
L9D345G72BG5E19 LODEV-L9D345G72BG5E19 Datasheet
3Mb / 155P
   4.5 Gb, DDR3, 64 M x 72 Integrated Module (IMOD)
L9D345G72BG5I15 LODEV-L9D345G72BG5I15 Datasheet
3Mb / 155P
   4.5 Gb, DDR3, 64 M x 72 Integrated Module (IMOD)
L9D345G72BG5M25 LODEV-L9D345G72BG5M25 Datasheet
3Mb / 155P
   4.5 Gb, DDR3, 64 M x 72 Integrated Module (IMOD)
More results

Similar Description - L9D340G64BG2I15

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L9D364M64SBG2 LODEV-L9D364M64SBG2 Datasheet
3Mb / 159P
   4.0 Gb, DDR3, 64 M x 64 Integrated Module
L9D345G72BG5 LODEV-L9D345G72BG5 Datasheet
3Mb / 155P
   4.5 Gb, DDR3, 64 M x 72 Integrated Module (IMOD)
L9D320G32BG6 LODEV-L9D320G32BG6 Datasheet
3Mb / 154P
   2.0 Gb, DDR3, 64 M x 32 Integrated Module (IMOD)
L9D232M64SBG5 LODEV-L9D232M64SBG5 Datasheet
2Mb / 115P
   2 - 5.0 Gb, DDR2, 32 M [64 M] x 64/72/80 Integrated Memory Module
L9D3256M72SBG2 LODEV-L9D3256M72SBG2 Datasheet
3Mb / 160P
   18-20 Gb, DDR3, 256 M x 72/80 Integrated Module
logo
List of Unclassifed Man...
HX313C9FB-4 ETC2-HX313C9FB-4 Datasheet
426Kb / 2P
   4GB 512M x 64-Bit DDR3-1333
HX313C9FB-8 ETC2-HX313C9FB-8 Datasheet
390Kb / 2P
   8GB 1G x 64-Bit DDR3-1333
HX316C10F-8 ETC2-HX316C10F-8 Datasheet
393Kb / 2P
   8GB 1G x 64-Bit DDR3-1600
HX316C10FB-4 ETC2-HX316C10FB-4 Datasheet
427Kb / 2P
   4GB 512M x 64-Bit DDR3-1600
HX316C10FB-8 ETC2-HX316C10FB-8 Datasheet
391Kb / 2P
   8GB 1G x 64-Bit DDR3-1600
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com