Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9D340G64BG2 Datasheet(PDF) 65 Page - LOGIC Devices Incorporated

Part # L9D340G64BG2
Description  4.0 Gb, DDR3, 64 M x 64 Integrated Module (IMOD)
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L9D340G64BG2 Datasheet(HTML) 65 Page - LOGIC Devices Incorporated

Back Button L9D340G64BG2 Datasheet HTML 61Page - LOGIC Devices Incorporated L9D340G64BG2 Datasheet HTML 62Page - LOGIC Devices Incorporated L9D340G64BG2 Datasheet HTML 63Page - LOGIC Devices Incorporated L9D340G64BG2 Datasheet HTML 64Page - LOGIC Devices Incorporated L9D340G64BG2 Datasheet HTML 65Page - LOGIC Devices Incorporated L9D340G64BG2 Datasheet HTML 66Page - LOGIC Devices Incorporated L9D340G64BG2 Datasheet HTML 67Page - LOGIC Devices Incorporated L9D340G64BG2 Datasheet HTML 68Page - LOGIC Devices Incorporated L9D340G64BG2 Datasheet HTML 69Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 155 page
background image
∆tDS ∆tDH ∆tDS ∆tDH ∆tDS ∆tDH ∆tDS ∆tDH ∆tDS ∆tDH ∆tDS ∆tDH ∆tDS ∆tDH ∆tDS ∆tDH
2.0
1.5
1.0
0.9
0.8
0.7
0.6
0.5
0.4
TABLE 57: DERATING VALUE FOR tDS/tDH – AC150/DC100 - BASED
DQ Slew
Rate V/ns
4.0V/ns
3.0V/ns
2.0V/ns
1.8V/ns
1.6V/ns
1.4V/ns
1.2V/ns
1.0V/ns
DQS, DQS# Differential Slew Rate
tDS, ∆tDH Derating (ps) – AC150/DC100-Based
Shaded cells indicate slew-rate combinations not supported
LOGIC Devices Incorporated
www.logicdevices.com
May 19, 2009 LDS-L9D340G6BG2-A
65
4.0 Gb, DDR3, 64 M x 64 Integrated Module (IMOD)
PRELIMINARY INFORMATION
L9D340G64BG2
High Performance, Integrated Memory Module Product
75
50
0
50
34
0
75
50
0
0
50
34
0
-4
75
50
0
0
0
50
34
0
-4
-10
58
8
8
8
8
42
8
4
-2
-8
16
16
16
16
15
16
12
6
0
-10
24
24
24
23
14
20
14
8
-2
-16
32
32
31
22
7
24
18
8
-6
-26
40
39
30
15
34
24
10
-10
Slew Rate (V/ns)
tVAC at 175mV(ps) [MIN]
tVAC at 150mV(ps) [MIN]
>2.0
2.0
1.5
1.0
0.9
0.8
0.7
0.6
0.5
<0.5
175
170
167
163
162
161
159
155
150
150
TABLE 58: REQUIRED TIME tVAC ABOVE VIH(AC) (BELOW VIL[AC]) FOR A VALID TRANSITION
75
57
50
38
34
29
22
13
0
0


Similar Part No. - L9D340G64BG2

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L9D345G72BG5 LODEV-L9D345G72BG5 Datasheet
3Mb / 155P
   4.5 Gb, DDR3, 64 M x 72 Integrated Module (IMOD)
L9D345G72BG5E19 LODEV-L9D345G72BG5E19 Datasheet
3Mb / 155P
   4.5 Gb, DDR3, 64 M x 72 Integrated Module (IMOD)
L9D345G72BG5I15 LODEV-L9D345G72BG5I15 Datasheet
3Mb / 155P
   4.5 Gb, DDR3, 64 M x 72 Integrated Module (IMOD)
L9D345G72BG5M25 LODEV-L9D345G72BG5M25 Datasheet
3Mb / 155P
   4.5 Gb, DDR3, 64 M x 72 Integrated Module (IMOD)
More results

Similar Description - L9D340G64BG2

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L9D364M64SBG2 LODEV-L9D364M64SBG2 Datasheet
3Mb / 159P
   4.0 Gb, DDR3, 64 M x 64 Integrated Module
L9D345G72BG5 LODEV-L9D345G72BG5 Datasheet
3Mb / 155P
   4.5 Gb, DDR3, 64 M x 72 Integrated Module (IMOD)
L9D320G32BG6 LODEV-L9D320G32BG6 Datasheet
3Mb / 154P
   2.0 Gb, DDR3, 64 M x 32 Integrated Module (IMOD)
L9D232M64SBG5 LODEV-L9D232M64SBG5 Datasheet
2Mb / 115P
   2 - 5.0 Gb, DDR2, 32 M [64 M] x 64/72/80 Integrated Memory Module
L9D3256M72SBG2 LODEV-L9D3256M72SBG2 Datasheet
3Mb / 160P
   18-20 Gb, DDR3, 256 M x 72/80 Integrated Module
logo
List of Unclassifed Man...
HX313C9FB-4 ETC2-HX313C9FB-4 Datasheet
426Kb / 2P
   4GB 512M x 64-Bit DDR3-1333
HX313C9FB-8 ETC2-HX313C9FB-8 Datasheet
390Kb / 2P
   8GB 1G x 64-Bit DDR3-1333
HX316C10F-8 ETC2-HX316C10F-8 Datasheet
393Kb / 2P
   8GB 1G x 64-Bit DDR3-1600
HX316C10FB-4 ETC2-HX316C10FB-4 Datasheet
427Kb / 2P
   4GB 512M x 64-Bit DDR3-1600
HX316C10FB-8 ETC2-HX316C10FB-8 Datasheet
391Kb / 2P
   8GB 1G x 64-Bit DDR3-1600
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com