Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9D320G32BG6 Datasheet(PDF) 11 Page - LOGIC Devices Incorporated

Part # L9D320G32BG6
Description  2.0 Gb, DDR3, 64 M x 32 Integrated Module (IMOD)
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L9D320G32BG6 Datasheet(HTML) 11 Page - LOGIC Devices Incorporated

Back Button L9D320G32BG6 Datasheet HTML 7Page - LOGIC Devices Incorporated L9D320G32BG6 Datasheet HTML 8Page - LOGIC Devices Incorporated L9D320G32BG6 Datasheet HTML 9Page - LOGIC Devices Incorporated L9D320G32BG6 Datasheet HTML 10Page - LOGIC Devices Incorporated L9D320G32BG6 Datasheet HTML 11Page - LOGIC Devices Incorporated L9D320G32BG6 Datasheet HTML 12Page - LOGIC Devices Incorporated L9D320G32BG6 Datasheet HTML 13Page - LOGIC Devices Incorporated L9D320G32BG6 Datasheet HTML 14Page - LOGIC Devices Incorporated L9D320G32BG6 Datasheet HTML 15Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 154 page
background image
PACKAGE OUTLINE DIMENSIONS
LOGIC Devices Incorporated
www.logicdevices.com
Jul 08, 2009 LDS-L9D320G32BG6-A
11
2.0 Gb, DDR3, 64 M x 32 Integrated Module (IMOD)
ADVANCE INFORMATION
L9D320G32BG6
High Performance, Integrated Memory Module Product
NOTES:
1. Vcc and VccQ must be within 300mV of each other at all times and VREF must not be greater than 0.6 x VccQ. When Vcc and
VccQ are less than 500MV, VREF may be ≤300mV.
2. Max operating case temperature. Tc is measured in the center of the package.
3. Device Functionality is not guaranteed if the DRAM device exceeds the Maximum Tc during operation.
NOTES:
1. Vcc = +1.5V± 0.075mV, VccQ = Vcc, VREF = Vss, f= 100MHz, Tc = 25°C, VOUT (DC
) = 0.5 x VccQ, VOUT (peak to peak) = 0.1V
2. DM input is grouped with I/O pins, reflecting the signal is grouped with DQ and therefore matched in loading.
3. CCCQS is for DQS vs. DQS\
4. CDIO = CIO (DQ) - 0.5 x (CIO [DQS] + CIO [DQS\])
5. Excludes CK, CK\
6. CDI_CNTL = CI(CNTL) - 0.5 x (CCK[CK] + CCK [CK\]); CNTL = ODT, CS\ and CKE
7. CDI_CMD_ADDR = CI (CMD_ADDR) - 0.5 x (CCK [CK] + CCK [CK\]); CMD = RAS\, CAS\, and WE\ ADDR = [n:0]
Capacitance Parameter
Symbol
MIN
MAX
MIN
MAX
MIN
MAX UNITS NOTES
CK and CK\
∆C: CK to CK\
Single-end I/O: DQ, DM
Differential I/O: DQS, DQS\
∆C: DQS to DQS\
∆C: DQ to DQS
∆C: CNTL to CK
∆C: cmd_ADDR to CK
Inputs (RAS\, CAS\, WE\, CS\, CKE, ADDR)
TABLE 6: INPUT/OUTPUT CAPACITANCE
CCK
CDCK
C10
C10
CCCQS
CDI0
CDI_CNTL
CDI_CMD_ADDR
CI_Shared
3.1
0
1.5
1.5
0
-0.5
-0.5
-0.5
2.9
6.2
0.2
3.0
3.0
0.2
0.3
0.3
0.3
5.5
6.2
0.2
3.0
3.0
0.2
0.3
0.3
0.3
5.3
3.0
0
1.5
1.5
0
-0.5
-0.5
-0.5
2.9
6.1
0.2
2.5
2.5
0.2
0.3
0.3
0.3
5.1
pF
pF
pF
pF
pF
pF
pF
pF
pF
2
3
3
4
6
7
5
DDR3-800
DDR3-1066
DDR3-1333
3.1
0
1.5
1.5
0
-0.5
-0.5
-0.5
2.9
Symbol
Parameter
MIN
MAX
UNITS
NOTES
Vcc
VccQ
VIN, VOUT
TcIndustrial
TcExtended
TcMiltemp
TSTG
V
V
V
°C
°C
°C
°C
1
1
1
2,3
2,3
2,3
2,3
TABLE 5: ABSOLUTE MAXIMUM RATINGS
1.975
1.975
1.975
85
105
125
120
-0.4
-0.4
-0.4
0
-40
-55
-55
Vcc Supply Voltage relative to Vss
Vcc Supply Voltage relative to VssQ
Voltage on any pin relative to Vss
Operating Case Temperature
Operating Case Temperature
Operating Case Temperature
Storage Temperature


Similar Part No. - L9D320G32BG6

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L9D3256M32DBG2 LODEV-L9D3256M32DBG2 Datasheet
3Mb / 162P
   16-32 Gb, DDR3, 256-512M x 32 Dual Channel Memory Module
L9D3256M32SBG1 LODEV-L9D3256M32SBG1 Datasheet
3Mb / 164P
   8-16 Gb, DDR3, 256-512M x 32 Single Channel Memory Module
L9D3256M72SBG2 LODEV-L9D3256M72SBG2 Datasheet
3Mb / 160P
   18-20 Gb, DDR3, 256 M x 72/80 Integrated Module
L9D3256M80SBG2 LODEV-L9D3256M80SBG2 Datasheet
3Mb / 160P
   18-20 Gb, DDR3, 256 M x 72/80 Integrated Module
More results

Similar Description - L9D320G32BG6

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L9D340G64BG2 LODEV-L9D340G64BG2 Datasheet
3Mb / 155P
   4.0 Gb, DDR3, 64 M x 64 Integrated Module (IMOD)
L9D345G72BG5 LODEV-L9D345G72BG5 Datasheet
3Mb / 155P
   4.5 Gb, DDR3, 64 M x 72 Integrated Module (IMOD)
L9D364M64SBG2 LODEV-L9D364M64SBG2 Datasheet
3Mb / 159P
   4.0 Gb, DDR3, 64 M x 64 Integrated Module
L9D232M64SBG5 LODEV-L9D232M64SBG5 Datasheet
2Mb / 115P
   2 - 5.0 Gb, DDR2, 32 M [64 M] x 64/72/80 Integrated Memory Module
L9D3256M72SBG2 LODEV-L9D3256M72SBG2 Datasheet
3Mb / 160P
   18-20 Gb, DDR3, 256 M x 72/80 Integrated Module
L9D3256M32DBG2 LODEV-L9D3256M32DBG2 Datasheet
3Mb / 162P
   16-32 Gb, DDR3, 256-512M x 32 Dual Channel Memory Module
L9D3256M32SBG1 LODEV-L9D3256M32SBG1 Datasheet
3Mb / 164P
   8-16 Gb, DDR3, 256-512M x 32 Single Channel Memory Module
logo
List of Unclassifed Man...
MB967 ETC2-MB967 Datasheet
589Kb / 1P
   4x DDR3 DIMM, Max. 32 GB
logo
Axiomtek Co., Ltd.
IMB207 AXIOMTEK-IMB207_14 Datasheet
253Kb / 2P
   DDR3-1333/1600 MHz up to 32 GB
NA570 AXIOMTEK-NA570 Datasheet
226Kb / 1P
   Supports 32 GB DDR3-1600 non-ECC/ECC memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com