Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-G5KK-911M50-D4KE Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FAR-G5KK-911M50-D4KE
Description  JCDMA/CDMA (B.W.27MHz 25MHz) Tx
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-G5KK-911M50-D4KE Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FAR-G5KK-911M50-D4KE Datasheet HTML 1Page - Fujitsu Component Limited. FAR-G5KK-911M50-D4KE Datasheet HTML 2Page - Fujitsu Component Limited. FAR-G5KK-911M50-D4KE Datasheet HTML 3Page - Fujitsu Component Limited. FAR-G5KK-911M50-D4KE Datasheet HTML 4Page - Fujitsu Component Limited. FAR-G5KK-911M50-D4KE Datasheet HTML 5Page - Fujitsu Component Limited. FAR-G5KK-911M50-D4KE Datasheet HTML 6Page - Fujitsu Component Limited. FAR-G5KK-911M50-D4KE Datasheet HTML 7Page - Fujitsu Component Limited. FAR-G5KK-911M50-D4KE Datasheet HTML 8Page - Fujitsu Component Limited. FAR-G5KK-911M50-D4KE Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
*Pb Free Par t
Customer Name
Standar d Specification
FUJITSU MEDIA DEVICES LIMITED
System
JCDMA/CDMA (B.W.27MHz + 25MHz) Tx
DATE
Mar 13, 2008
FMD Part Number
FAR-G5KK-911M50-D4KE
Version 2.0ad
Fig.3 VSWR (Fi lter1)
Fig.4 Wide-ban d Characteristic (Filter1)
INPUT
OUTPUT


Similar Part No. - FAR-G5KK-911M50-D4KE

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FAR-G5KC-942M50-Y4YW TAIYO-YUDEN-FAR-G5KC-942M50-Y4YW Datasheet
1Mb / 12P
   SAW Dual Filter
logo
Fujitsu Component Limit...
FAR-G5KL-911M50-D4XC FUJITSU-FAR-G5KL-911M50-D4XC Datasheet
220Kb / 9P
   JCDMA(BW27MHz)/ Cell Tx
logo
Taiyo Yuden (U.S.A.), I...
FAR-G5KT-942M50-Y4RW TAIYO-YUDEN-FAR-G5KT-942M50-Y4RW Datasheet
558Kb / 12P
   SAW Dual Filter
FAR-G5KT-942M50-Y4RZ TAIYO-YUDEN-FAR-G5KT-942M50-Y4RZ Datasheet
532Kb / 12P
   SAW Dual Filter
FAR-G5KW-942M50-Y4YD TAIYO-YUDEN-FAR-G5KW-942M50-Y4YD Datasheet
1Mb / 12P
   SAW Dual Filter
More results

Similar Description - FAR-G5KK-911M50-D4KE

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-G5KL-911M50-D4XC FUJITSU-FAR-G5KL-911M50-D4XC Datasheet
220Kb / 9P
   JCDMA(BW27MHz)/ Cell Tx
FAR-F5KB-836M50-B4EG FUJITSU-FAR-F5KB-836M50-B4EG Datasheet
242Kb / 6P
   CDMA Tx (200/50ohm)
logo
Holtek Semiconductor In...
HT82K74E HOLTEK-HT82K74E Datasheet
348Kb / 56P
   27MHz Keyboard/ Mouse TX 8-Bit MCU
logo
Radiometrix Ltd
NTX0 RADIOMETRIX-NTX0 Datasheet
405Kb / 8P
   27MHz HF Narrow Band FM TX & RX
NRX0 RADIOMETRIX-NRX0 Datasheet
405Kb / 8P
   27MHz HF Narrow Band FM TX & RX
logo
Oscilent Corporation
803-RF374.0M-A OSCILENT-803-RF374.0M-A Datasheet
491Kb / 3P
   CDMA Tx RF SAW Filter
logo
Transko Electronics, In...
TA836DL TRANSKO-TA836DL Datasheet
342Kb / 4P
   CDMA, RF-Tx SAW Filter
Revision 0:
logo
Oscilent Corporation
803-RF374.0M-A OSCILENT-803-RF374.0M-A_14 Datasheet
140Kb / 5P
   CDMA, RF/Tx SAW Filter
logo
Transko Electronics, In...
TA836DM TRANSKO-TA836DM Datasheet
363Kb / 4P
   CDMA , RF-Tx SAW Filter
Revision 0:
logo
EPCOS
B5059 EPCOS-B5059 Datasheet
226Kb / 8P
   SAW Tx filter CDMA 800
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com