Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9311-NZW Datasheet(PDF) 100 Page - SMSC Corporation

Part # LAN9311-NZW
Description  Two Port 10/100 Managed Ethernet Switch with 16-Bit Non-PCI CPU Interface
Download  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9311-NZW Datasheet(HTML) 100 Page - SMSC Corporation

Back Button LAN9311-NZW Datasheet HTML 96Page - SMSC Corporation LAN9311-NZW Datasheet HTML 97Page - SMSC Corporation LAN9311-NZW Datasheet HTML 98Page - SMSC Corporation LAN9311-NZW Datasheet HTML 99Page - SMSC Corporation LAN9311-NZW Datasheet HTML 100Page - SMSC Corporation LAN9311-NZW Datasheet HTML 101Page - SMSC Corporation LAN9311-NZW Datasheet HTML 102Page - SMSC Corporation LAN9311-NZW Datasheet HTML 103Page - SMSC Corporation LAN9311-NZW Datasheet HTML 104Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 459 page
background image
Two Port 10/100 Managed Ethernet Switch with 16-Bit Non-PCI CPU Interface
Datasheet
Revision 1.6 (08-18-09)
100
SMSC LAN9311/LAN9311i
DATASHEET
8.3.1
16-Bit Bus Writes
The host is required to perform two contiguous 16-bit writes to complete a single DWORD transfer.
The DWORD must not cross a DWORD address boundary (A[2] and higher cannot change between
a pair of writes). No ordering requirements exist. The host can access either the low or high word first,
as long as the next write is performed on the other word. If a write to the same word is performed, the
device disregards the transfer. Once both writes occur, an internal 32-bit write is performed to the
appropriate register.
8.3.2
16-Bit Bus Read
The host is required to perform two consecutive 16-bit reads to complete a single DWORD transfer.
The DWORD must not cross a DWORD address boundary (A[2] and higher cannot change between
a pair of writes). No ordering requirements exist. The host can access either the low or high word first,
as long as the next read is performed from the other word. If a read to the same word is performed,
the data read is invalid and should be re-read. However, this is not a fatal error. The
LAN9311/LAN9311i will reset its read counters and restart a new cycle on the next read.
Note:
Some registers are readable as 16-bit registers. In this case, if desired, only one 16-bit read
may be performed without the need to read the other word. If a register is 16-bit readable, it
will be noted in its register description.
8.4
Host Endianess
The LAN9311/LAN9311i supports big and little endian host byte ordering based upon the END_SEL
pin. When END_SEL is low, host access is little endian. When END_SEL is high, host access is big
endian. In a typical application, END_SEL is connected to a high-order address line, making endian
selection address based. This highly flexible interface provides mixed endian access for registers and
memory for both PIO and host DMA access. As an example, PIO transfers to/from the System CSRs
can utilize a different byte ordering than host DMA transactions to/from the RX and TX Data FIFOs.
All internal busses are 32-bit with little endian byte ordering. Logic within the host bus interface re-
orders bytes based on the state of the endian select signal (END_SEL), and the state of the least
significant address line (A1).
Data path operations for the supported endian configurations are illustrated in Figure 8.1, "Little Endian
Byte Ordering" and Figure 8.2, "Big Endian Byte Ordering".


Similar Part No. - LAN9311-NZW

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9312 SMSC-LAN9312 Datasheet
4Mb / 458P
   High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
logo
Microchip Technology
LAN9312-NZW MICROCHIP-LAN9312-NZW Datasheet
3Mb / 460P
   High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Revision 2.0 (02-14-13)
logo
SMSC Corporation
LAN9313 SMSC-LAN9313 Datasheet
4Mb / 398P
   Three Port 10/100 Managed Ethernet Switch with MII
logo
Microchip Technology
LAN9313 MICROCHIP-LAN9313 Datasheet
312Kb / 9P
   Three Port 10/100 Managed Ethernet Switch with MII
Revision 1.9 03-13-12
logo
SMSC Corporation
LAN9313I SMSC-LAN9313I Datasheet
4Mb / 398P
   Three Port 10/100 Managed Ethernet Switch with MII
More results

Similar Description - LAN9311-NZW

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN9312-NZW MICROCHIP-LAN9312-NZW Datasheet
3Mb / 460P
   High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Revision 2.0 (02-14-13)
logo
SMSC Corporation
LAN9312 SMSC-LAN9312 Datasheet
4Mb / 458P
   High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
logo
Microchip Technology
KSZ8842-16M MICROCHIP-KSZ8842-16M Datasheet
2Mb / 132P
   Two-Port Ethernet Switch with Non-PCI Interface
02/28/20
KSZ8842-PMQL MICROCHIP-KSZ8842-PMQL Datasheet
2Mb / 126P
   Two-Port Ethernet Switch with PCI Interface
02/28/20
KSZ8862-16M MICROCHIP-KSZ8862-16M Datasheet
2Mb / 126P
   Two-Port Ethernet Switch with Non-PCI Interface and Fiber Support
05/14/19
logo
Micrel Semiconductor
KSZ8842-16 MICREL-KSZ8842-16_08 Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-MQL MICREL-KSZ8842-MQL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16_1 Datasheet
108Kb / 2P
   2-Port Ethernet Switch with Non-PCI Interface
KS8842-16MQL MICREL-KS8842-16MQL Datasheet
67Kb / 1P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16 Datasheet
1Mb / 126P
   2-Port Ethernet Switch with Non-PCI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com