Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9311-NU Datasheet(PDF) 1 Page - SMSC Corporation

Part # LAN9311-NU
Description  Two Port 10/100 Managed Ethernet Switch with 16-Bit Non-PCI CPU Interface
Download  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9311-NU Datasheet(HTML) 1 Page - SMSC Corporation

  LAN9311-NU Datasheet HTML 1Page - SMSC Corporation LAN9311-NU Datasheet HTML 2Page - SMSC Corporation LAN9311-NU Datasheet HTML 3Page - SMSC Corporation LAN9311-NU Datasheet HTML 4Page - SMSC Corporation LAN9311-NU Datasheet HTML 5Page - SMSC Corporation LAN9311-NU Datasheet HTML 6Page - SMSC Corporation LAN9311-NU Datasheet HTML 7Page - SMSC Corporation LAN9311-NU Datasheet HTML 8Page - SMSC Corporation LAN9311-NU Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 459 page
background image
SMSC LAN9311/LAN9311i
DATASHEET
Revision 1.6 (08-18-09)
Datasheet
PRODUCT FEATURES
LAN9311/LAN9311i
Two Port 10/100 Managed
Ethernet Switch with 16-Bit
Non-PCI CPU Interface
Highlights
High performance and full featured 2 port switch with
VLAN, QoS packet prioritization, Rate Limiting, IGMP
monitoring and management functions
Easily interfaces to most 16-bit embedded CPU’s
Unique Virtual PHY feature simplifies software
development by mimicking the multiple switch ports
as a single port MAC/PHY
Integrated IEEE 1588 Hardware Time Stamp Unit
Target Applications
Cable, satellite, and IP set-top boxes
Digital televisions
Digital video recorders
VoIP/Video phone systems
Home gateways
Test/Measurement equipment
Industrial automation systems
Key Benefits
Ethernet Switch Fabric
— 32K buffer RAM
— 1K entry forwarding table
— Port based IEEE 802.1Q VLAN support (16 groups)
– Programmable IEEE 802.1Q tag insertion/removal
— IEEE 802.1d spanning tree protocol support
— QoS/CoS Packet prioritization
– 4 dynamic QoS queues per port
– Input priority determined by VLAN tag, DA lookup,
TOS, DIFFSERV or port default value
– Programmable class of service map based on input
priority
– Remapping of 802.1Q priority field on per port basis
– Programmable rate limiting at the ingress/egress
ports with random early discard, per port / priority
— IGMP v1/v2/v3 monitoring for Multicast packet filtering
— Programmable filter by MAC address
Switch Management
— Port mirroring/monitoring/sniffing: ingress and/or egress
traffic on any ports or port pairs
— Fully compliant statistics (MIB) gathering counters
— Control registers configurable on-the-fly
Ports
— 2 internal 10/100 PHYs with HP Auto-MDIX support
— Fully compliant with IEEE 802.3 standards
— 10BASE-T and 100BASE-TX support
— Full and half duplex support
— Full duplex flow control
— Backpressure (forced collision) half duplex flow control
— Automatic flow control based on programmable levels
— Automatic 32-bit CRC generation and checking
— Automatic payload padding
— 2K Jumbo packet support
— Programmable interframe gap, flow control pause value
— Full transmit/receive statistics
— Auto-negotiation
— Automatic MDI/MDI-X
— Loop-back mode
High-performance host bus interface
— Provides in-band network communication path
— Access to management registers
— Simple, SRAM-like interface
— 16-bit data bus
— Big, little, and mixed endian support
— Large TX and RX FIFO’s for high latency applications
— Programmable water marks and threshold levels
— Host interrupt support
IEEE 1588 Hardware Time Stamp Unit
— Global 64-bit tunable clock
— Master or slave mode per port
— Time stamp on TX or RX of Sync and Delay_req
packets per port, Timestamp on GPIO
— 64-bit timer comparator event generation (GPIO or IRQ)
Comprehensive Power Management Features
— Wake on LAN
— Wake on link status change (energy detect)
— Magic packet wakeup
— Wakeup indicator event signal
Other Features
— General Purpose Timer
— Serial EEPROM interface (I2C master or MicrowireTM
master) for non-managed configuration
— Programmable GPIOs/LEDs
Single 3.3V power supply
Available in Commercial & Industrial Temp. Ranges


Similar Part No. - LAN9311-NU

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9312 SMSC-LAN9312 Datasheet
4Mb / 458P
   High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
logo
Microchip Technology
LAN9312-NZW MICROCHIP-LAN9312-NZW Datasheet
3Mb / 460P
   High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Revision 2.0 (02-14-13)
logo
SMSC Corporation
LAN9313 SMSC-LAN9313 Datasheet
4Mb / 398P
   Three Port 10/100 Managed Ethernet Switch with MII
logo
Microchip Technology
LAN9313 MICROCHIP-LAN9313 Datasheet
312Kb / 9P
   Three Port 10/100 Managed Ethernet Switch with MII
Revision 1.9 03-13-12
logo
SMSC Corporation
LAN9313I SMSC-LAN9313I Datasheet
4Mb / 398P
   Three Port 10/100 Managed Ethernet Switch with MII
More results

Similar Description - LAN9311-NU

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN9312-NZW MICROCHIP-LAN9312-NZW Datasheet
3Mb / 460P
   High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Revision 2.0 (02-14-13)
logo
SMSC Corporation
LAN9312 SMSC-LAN9312 Datasheet
4Mb / 458P
   High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
logo
Microchip Technology
KSZ8842-16M MICROCHIP-KSZ8842-16M Datasheet
2Mb / 132P
   Two-Port Ethernet Switch with Non-PCI Interface
02/28/20
KSZ8842-PMQL MICROCHIP-KSZ8842-PMQL Datasheet
2Mb / 126P
   Two-Port Ethernet Switch with PCI Interface
02/28/20
KSZ8862-16M MICROCHIP-KSZ8862-16M Datasheet
2Mb / 126P
   Two-Port Ethernet Switch with Non-PCI Interface and Fiber Support
05/14/19
logo
Micrel Semiconductor
KSZ8842-16 MICREL-KSZ8842-16_08 Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-MQL MICREL-KSZ8842-MQL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16_1 Datasheet
108Kb / 2P
   2-Port Ethernet Switch with Non-PCI Interface
KS8842-16MQL MICREL-KS8842-16MQL Datasheet
67Kb / 1P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16 Datasheet
1Mb / 126P
   2-Port Ethernet Switch with Non-PCI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com