Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9311-NU Datasheet(PDF) 56 Page - SMSC Corporation

Part # LAN9311-NU
Description  Two Port 10/100 Managed Ethernet Switch with 16-Bit Non-PCI CPU Interface
Download  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9311-NU Datasheet(HTML) 56 Page - SMSC Corporation

Back Button LAN9311-NU Datasheet HTML 52Page - SMSC Corporation LAN9311-NU Datasheet HTML 53Page - SMSC Corporation LAN9311-NU Datasheet HTML 54Page - SMSC Corporation LAN9311-NU Datasheet HTML 55Page - SMSC Corporation LAN9311-NU Datasheet HTML 56Page - SMSC Corporation LAN9311-NU Datasheet HTML 57Page - SMSC Corporation LAN9311-NU Datasheet HTML 58Page - SMSC Corporation LAN9311-NU Datasheet HTML 59Page - SMSC Corporation LAN9311-NU Datasheet HTML 60Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 459 page
background image
Two Port 10/100 Managed Ethernet Switch with 16-Bit Non-PCI CPU Interface
Datasheet
Revision 1.6 (08-18-09)
56
SMSC LAN9311/LAN9311i
DATASHEET
6.2.1
Switch Fabric CSR Writes
To perform a write to an individual switch fabric register, the desired data must first be written into the
Switch Fabric CSR Interface Data Register (SWITCH_CSR_DATA). The write cycle is initiated by
performing a single write to the Switch Fabr ic CS R Interface Command Register
(SWITCH_CSR_CMD) with CSR_BUSY (bit 31) set, the CSR_ADDRESS field (bits 15:0) set to the
desired register address, the R_nW (bit 30) cleared, the AUTO_INC and AUTO_DEC fields cleared,
and the desired CSR byte enable bits selected (bits 19:16). The completion of the write cycle is
indicated by the clearing of the CSR_BUSY bit.
A second write method may be used which utilizes the auto increment/decrement function of the
Switch Fabric CSR Interface Command Register (SWITCH_CSR_CMD) for writing sequential register
addresses. When using this method, the Switch Fabric CSR Interface Command Register
(SWITCH_CSR_CMD) must first be written with the auto increment(AUTO_INC) or auto
decrement(AUTO_DEC) bit set, the CSR_ADDRESS field written with the desired register address, the
R_nW bit cleared, and the desired CSR byte enable bits selected (typically all set). The write cycles
are then initiated by writing the desired data into the Switch Fabric CSR Interface Data Register
(SWITCH_CSR_DATA). The completion of the write cycle is indicated by the clearing of the
CSR_BUSY bit, at which time the address in the Switch Fabric CSR Interface Command Register
(SWITCH_CSR_CMD) is incremented or decremented accordingly. The user may then initiate a
subsequent write cycle by writing the desired data into the Switch Fabric CSR Interface Data Register
(SWITCH_CSR_DATA).
The third write method is to use the direct data range write function. Writes within the Switch Fabric
CSR Interface Direct Data Register (SWITCH_CSR_DIRECT_DATA) address range automatically set
the appropriate register address, set all four byte enable bits (CSR_BE[3:0]), clears the R_nW bit, and
sets the CSR_BUSY bit of the Sw i t ch Fa bri c C S R In terf ace C o mm an d Re gi ste r
(SWITCH_CSR_CMD). The completion of the write cycle is indicated by the clearing of the
CSR_BUSY bit. Since the address range of the switch fabric CSRs exceeds that of the Switch Fabric
CSR Interface Direct Data Register (SWITCH_CSR_DIRECT_DATA) address range, a sub-set of the
switch fabric CSRs are mapped to the Switch Fabric CSR Interface Direct Data Register
(SWITCH_CSR_DIRECT_DATA) address range as detailed in Table 14.3, “Switch Fabric CSR to
SWITCH_CSR_DIRECT_DATA Address Range Map,” on page 241.
Figure 6.1 illustrates the process required to perform a switch fabric CSR write. The minimum wait
periods as specified in Table 8.1, “Read After Write Timing Rules,” on page 103 are required where
noted.


Similar Part No. - LAN9311-NU

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9312 SMSC-LAN9312 Datasheet
4Mb / 458P
   High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
logo
Microchip Technology
LAN9312-NZW MICROCHIP-LAN9312-NZW Datasheet
3Mb / 460P
   High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Revision 2.0 (02-14-13)
logo
SMSC Corporation
LAN9313 SMSC-LAN9313 Datasheet
4Mb / 398P
   Three Port 10/100 Managed Ethernet Switch with MII
logo
Microchip Technology
LAN9313 MICROCHIP-LAN9313 Datasheet
312Kb / 9P
   Three Port 10/100 Managed Ethernet Switch with MII
Revision 1.9 03-13-12
logo
SMSC Corporation
LAN9313I SMSC-LAN9313I Datasheet
4Mb / 398P
   Three Port 10/100 Managed Ethernet Switch with MII
More results

Similar Description - LAN9311-NU

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN9312-NZW MICROCHIP-LAN9312-NZW Datasheet
3Mb / 460P
   High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Revision 2.0 (02-14-13)
logo
SMSC Corporation
LAN9312 SMSC-LAN9312 Datasheet
4Mb / 458P
   High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
logo
Microchip Technology
KSZ8842-16M MICROCHIP-KSZ8842-16M Datasheet
2Mb / 132P
   Two-Port Ethernet Switch with Non-PCI Interface
02/28/20
KSZ8842-PMQL MICROCHIP-KSZ8842-PMQL Datasheet
2Mb / 126P
   Two-Port Ethernet Switch with PCI Interface
02/28/20
KSZ8862-16M MICROCHIP-KSZ8862-16M Datasheet
2Mb / 126P
   Two-Port Ethernet Switch with Non-PCI Interface and Fiber Support
05/14/19
logo
Micrel Semiconductor
KSZ8842-16 MICREL-KSZ8842-16_08 Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-MQL MICREL-KSZ8842-MQL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16_1 Datasheet
108Kb / 2P
   2-Port Ethernet Switch with Non-PCI Interface
KS8842-16MQL MICREL-KS8842-16MQL Datasheet
67Kb / 1P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16 Datasheet
1Mb / 126P
   2-Port Ethernet Switch with Non-PCI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com