Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9311-NU Datasheet(PDF) 54 Page - SMSC Corporation

Part # LAN9311-NU
Description  Two Port 10/100 Managed Ethernet Switch with 16-Bit Non-PCI CPU Interface
Download  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9311-NU Datasheet(HTML) 54 Page - SMSC Corporation

Back Button LAN9311-NU Datasheet HTML 50Page - SMSC Corporation LAN9311-NU Datasheet HTML 51Page - SMSC Corporation LAN9311-NU Datasheet HTML 52Page - SMSC Corporation LAN9311-NU Datasheet HTML 53Page - SMSC Corporation LAN9311-NU Datasheet HTML 54Page - SMSC Corporation LAN9311-NU Datasheet HTML 55Page - SMSC Corporation LAN9311-NU Datasheet HTML 56Page - SMSC Corporation LAN9311-NU Datasheet HTML 57Page - SMSC Corporation LAN9311-NU Datasheet HTML 58Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 459 page
background image
Two Port 10/100 Managed Ethernet Switch with 16-Bit Non-PCI CPU Interface
Datasheet
Revision 1.6 (08-18-09)
54
SMSC LAN9311/LAN9311i
DATASHEET
5.2.8
Software Interrupt
A general purpose software interrupt is provided in the top level Interrupt Status Register (INT_STS)
and Interrupt Enable Register (INT_EN). The SW_INT interrupt (bit 31) of the Interrupt Status Register
(INT_STS) is generated when SW_INT_EN (bit 31) of the Interrupt Enable Register (INT_EN) is set.
This interrupt provides an easy way for software to generate an interrupt, and is designed for general
software usage.
5.2.9
Device Ready Interrupt
A device ready interrupt is provided in the top-level Interrupt Status Register (INT_STS) and Interrupt
Enable Register (INT_EN). The READY interrupt (bit 30) of the Interrupt Status Register (INT_STS)
indicates that the LAN9311/LAN9311i is ready to be accessed after a power-up or reset condition.
Writing a 1 to this bit in the Interrupt Status Register (INT_STS) will clear it.
In order for a device ready interrupt event to trigger the external IRQ interrupt pin, bit 30 of the Interrupt
Enable Register (INT_EN) must be set, and IRQ output must be enabled via bit 8 (IRQ_EN) of the
Interrupt Configuration Register (IRQ_CFG).


Similar Part No. - LAN9311-NU

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9312 SMSC-LAN9312 Datasheet
4Mb / 458P
   High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
logo
Microchip Technology
LAN9312-NZW MICROCHIP-LAN9312-NZW Datasheet
3Mb / 460P
   High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Revision 2.0 (02-14-13)
logo
SMSC Corporation
LAN9313 SMSC-LAN9313 Datasheet
4Mb / 398P
   Three Port 10/100 Managed Ethernet Switch with MII
logo
Microchip Technology
LAN9313 MICROCHIP-LAN9313 Datasheet
312Kb / 9P
   Three Port 10/100 Managed Ethernet Switch with MII
Revision 1.9 03-13-12
logo
SMSC Corporation
LAN9313I SMSC-LAN9313I Datasheet
4Mb / 398P
   Three Port 10/100 Managed Ethernet Switch with MII
More results

Similar Description - LAN9311-NU

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN9312-NZW MICROCHIP-LAN9312-NZW Datasheet
3Mb / 460P
   High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Revision 2.0 (02-14-13)
logo
SMSC Corporation
LAN9312 SMSC-LAN9312 Datasheet
4Mb / 458P
   High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
logo
Microchip Technology
KSZ8842-16M MICROCHIP-KSZ8842-16M Datasheet
2Mb / 132P
   Two-Port Ethernet Switch with Non-PCI Interface
02/28/20
KSZ8842-PMQL MICROCHIP-KSZ8842-PMQL Datasheet
2Mb / 126P
   Two-Port Ethernet Switch with PCI Interface
02/28/20
KSZ8862-16M MICROCHIP-KSZ8862-16M Datasheet
2Mb / 126P
   Two-Port Ethernet Switch with Non-PCI Interface and Fiber Support
05/14/19
logo
Micrel Semiconductor
KSZ8842-16 MICREL-KSZ8842-16_08 Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-MQL MICREL-KSZ8842-MQL Datasheet
769Kb / 141P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16_1 Datasheet
108Kb / 2P
   2-Port Ethernet Switch with Non-PCI Interface
KS8842-16MQL MICREL-KS8842-16MQL Datasheet
67Kb / 1P
   2-Port Ethernet Switch with Non-PCI Interface
KSZ8842-16 MICREL-KSZ8842-16 Datasheet
1Mb / 126P
   2-Port Ethernet Switch with Non-PCI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com