Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9303i-ABZJ Datasheet(PDF) 25 Page - SMSC Corporation

Part # LAN9303i-ABZJ
Description  Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
Download  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9303i-ABZJ Datasheet(HTML) 25 Page - SMSC Corporation

Back Button LAN9303i-ABZJ Datasheet HTML 21Page - SMSC Corporation LAN9303i-ABZJ Datasheet HTML 22Page - SMSC Corporation LAN9303i-ABZJ Datasheet HTML 23Page - SMSC Corporation LAN9303i-ABZJ Datasheet HTML 24Page - SMSC Corporation LAN9303i-ABZJ Datasheet HTML 25Page - SMSC Corporation LAN9303i-ABZJ Datasheet HTML 26Page - SMSC Corporation LAN9303i-ABZJ Datasheet HTML 27Page - SMSC Corporation LAN9303i-ABZJ Datasheet HTML 28Page - SMSC Corporation LAN9303i-ABZJ Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 366 page
background image
Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
Datasheet
SMSC LAN9303/LAN9303i
25
Revision 1.3 (08-27-09)
DATASHEET
Note 3.2
The pin names for the twisted pair pins apply to a normal connection. If HP Auto-MDIX is
enabled and a reverse connection is detected or manually selected, the RX and TX pins
will be swapped internally.
Note 3.3
Please refer to the LAN9303/LAN9303i Reference Schematic and LANCheck Schematic
Checklist on the SMSC website for additional connection information.
Table 3.3 LAN Port 1 & 2 Power and Common Pins
NUM
PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
Bias Reference
EXRES
AI
Used for internal bias circuits. Connect to an
external 12.4K ohm, 1% resistor to ground.
2
+3.3V Port 1
Analog Power
Supply
VDD33A1
P
See Note 3.3.
2
+3.3V Port 2
Analog Power
Supply
VDD33A2
P
See Note 3.3.
1
+3.3V Master
Bias Power
Supply
VDD33BIAS
P
See Note 3.3.
1
Port 2
Transmitter
+1.8V Power
Supply
VDD18TX2
P
This pin is supplied from the internal PHY voltage
regulator. This pin must be tied to the VDD18TX1
pin for proper operation.
See Note 3.3.
1
Port 1
Transmitter
+1.8V Power
Supply
VDD18TX1
P
This pin must be connected directly to the
VDD18TX2 pin for proper operation.
See Note 3.3.
Table 3.4 Port 0 MII/RMII Pins
NUM
PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
Port 0 MII Input
Data 3
P0_IND3
IS
(PD)
MII MAC Mode: This pin is the receive data 3 bit
from the external PHY to the switch.
IS
(PD)
MII PHY Mode: This pin is the transmit data 3 bit
from the external MAC to the switch. The pull-down
and input buffer are disabled when the Isolate
(VPHY_ISO) bit is set in the Virtual PHY Basic
Control Register (VPHY_BASIC_CTRL).
-
RMII PHY Mode: This pin is not used.


Similar Part No. - LAN9303i-ABZJ

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9303M SMSC-LAN9303M Datasheet
587Kb / 11P
   The LAN9303M is a full featured, three-port 10/100 managed Ethernet switch designed for embedded applications where performance, flexibility, ease of integration and system cost control are required
LAN9303MI-AKZE SMSC-LAN9303MI-AKZE Datasheet
4Mb / 386P
   Small Form Factor Three Port 10/100 Managed Ethernet Switch with Dual MII/RMII/Turbo MII
More results

Similar Description - LAN9303i-ABZJ

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9303MI-AKZE SMSC-LAN9303MI-AKZE Datasheet
4Mb / 386P
   Small Form Factor Three Port 10/100 Managed Ethernet Switch with Dual MII/RMII/Turbo MII
logo
Microchip Technology
LAN9313I-NZW MICROCHIP-LAN9313I-NZW Datasheet
312Kb / 9P
   Three Port 10/100 Managed Ethernet Switch with MII
Revision 1.9 03-13-12
logo
SMSC Corporation
LAN9313 SMSC-LAN9313 Datasheet
4Mb / 398P
   Three Port 10/100 Managed Ethernet Switch with MII
logo
Micrel Semiconductor
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8895MQ MICREL-KSZ8895MQ Datasheet
1Mb / 116P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
logo
Microchip Technology
KSZ8895MQX MICROCHIP-KSZ8895MQX Datasheet
1Mb / 108P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
06/23/16
logo
Micrel Semiconductor
KSZ8895MQ MICREL-KSZ8895MQ_12 Datasheet
1Mb / 116P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
logo
Infineon Technologies A...
KSZ8895 INFINEON-KSZ8895 Datasheet
870Kb / 115P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
January 2011
logo
Microchip Technology
KSZ8794CNX MICROCHIP-KSZ8794CNX Datasheet
1Mb / 124P
   Integrated 4-Port 10/100 Managed Ethernet Switch with Gigabit RGMII/MII/RMII Interface
07/14/15
logo
Davicom Semiconductor, ...
DM8603 DAVICOM-DM8603 Datasheet
780Kb / 107P
   10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com