Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9303i Datasheet(PDF) 74 Page - SMSC Corporation

Part # LAN9303i
Description  Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
Download  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9303i Datasheet(HTML) 74 Page - SMSC Corporation

Back Button LAN9303i Datasheet HTML 70Page - SMSC Corporation LAN9303i Datasheet HTML 71Page - SMSC Corporation LAN9303i Datasheet HTML 72Page - SMSC Corporation LAN9303i Datasheet HTML 73Page - SMSC Corporation LAN9303i Datasheet HTML 74Page - SMSC Corporation LAN9303i Datasheet HTML 75Page - SMSC Corporation LAN9303i Datasheet HTML 76Page - SMSC Corporation LAN9303i Datasheet HTML 77Page - SMSC Corporation LAN9303i Datasheet HTML 78Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 366 page
background image
Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
Datasheet
Revision 1.3 (08-27-09)
74
SMSC LAN9303/LAN9303i
DATASHEET
6.4.4
VLAN Support
The Switch Engine supports 16 active VLANs out of a possible 4096. The VLAN table contains the 16
active VLAN entries, each consisting of the VID, the port membership, and un-tagging instructions.
On ingress, if a packet has a VLAN tag containing a valid VID (not 000h or FFFh), the VID table is
searched. If the VID is found, the VLAN is considered active and the membership and un-tag
instruction is used. If the VID is not found, the VLAN is considered foreign and the membership result
is NULL. A NULL membership will result in the packet being filtered if Enable Membership Checking
is set. A NULL membership will also result in the packet being filtered if the destination address is not
found in the ALR table (since the packet would have no destinations).
On ingress, if a packet does not have a VLAN tag or if the VLAN tag contains VID with a value of 0
(priority tag), the packet is assigned a VLAN based on the Port Default VID (PVID) and Priority. The
PVID is then used to access the above VLAN table. The usage of the PVID can be forced by setting
the 802.1Q VLAN Disable bit, in effect creating port based VLANs.
The VLAN membership of the packet is used for ingress and egress checking and for VLAN broadcast
domain containment. The un-tag instructions are used at egress on ports defined as hybrid ports.
Refer to Section 13.4.3.8, on page 280 through Section 13.4.3.11, on page 284 for detailed VLAN
register descriptions.
6.4.5
Spanning Tree Support
Hardware support for the Spanning Tree Protocol (STP) and the Rapid Spanning Tree Protocol (RSTP)
includes a per port state register as well as the override bit in the MAC Address Table entries (Section
6.4.1.5, on page 68) and the host CPU port special tagging (Section 6.4.10, on page 80).
The Switch Engine Port State Register (SWE_PORT_STATE) is used to place a port into one of the
modes as shown in Table 6.2. Normally only Port 1 and Port 2 are placed into modes other than
forwarding. Port 0, which is connected to the host CPU, should normally be left in forwarding mode.
Figure 6.6 VLAN Table Entry Structure
Table 6.2 Spanning Tree States
Port State
Hardware Action
Software Action
11 - Disabled
Received packets on the port are
always discarded.
Transmissions to the port are always
blocked.
Learning on the port is disabled.
The host CPU may attempt to send packets to the
port in this state, but they will not be transmitted.
17
16
15
14
13
12
VID
11
0
...
Un-tag
MII
Member
MII
Un-tag
Port 1
Member
Port 1
Un-tag
Port 2
Member
Port 2


Similar Part No. - LAN9303i

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9303M SMSC-LAN9303M Datasheet
587Kb / 11P
   The LAN9303M is a full featured, three-port 10/100 managed Ethernet switch designed for embedded applications where performance, flexibility, ease of integration and system cost control are required
LAN9303MI-AKZE SMSC-LAN9303MI-AKZE Datasheet
4Mb / 386P
   Small Form Factor Three Port 10/100 Managed Ethernet Switch with Dual MII/RMII/Turbo MII
More results

Similar Description - LAN9303i

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9303MI-AKZE SMSC-LAN9303MI-AKZE Datasheet
4Mb / 386P
   Small Form Factor Three Port 10/100 Managed Ethernet Switch with Dual MII/RMII/Turbo MII
logo
Microchip Technology
LAN9313I-NZW MICROCHIP-LAN9313I-NZW Datasheet
312Kb / 9P
   Three Port 10/100 Managed Ethernet Switch with MII
Revision 1.9 03-13-12
logo
SMSC Corporation
LAN9313 SMSC-LAN9313 Datasheet
4Mb / 398P
   Three Port 10/100 Managed Ethernet Switch with MII
logo
Micrel Semiconductor
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8895MQ MICREL-KSZ8895MQ Datasheet
1Mb / 116P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
logo
Microchip Technology
KSZ8895MQX MICROCHIP-KSZ8895MQX Datasheet
1Mb / 108P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
06/23/16
logo
Micrel Semiconductor
KSZ8895MQ MICREL-KSZ8895MQ_12 Datasheet
1Mb / 116P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
logo
Infineon Technologies A...
KSZ8895 INFINEON-KSZ8895 Datasheet
870Kb / 115P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
January 2011
logo
Microchip Technology
KSZ8794CNX MICROCHIP-KSZ8794CNX Datasheet
1Mb / 124P
   Integrated 4-Port 10/100 Managed Ethernet Switch with Gigabit RGMII/MII/RMII Interface
07/14/15
logo
Davicom Semiconductor, ...
DM8603 DAVICOM-DM8603 Datasheet
780Kb / 107P
   10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com