Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9303i Datasheet(PDF) 29 Page - SMSC Corporation

Part # LAN9303i
Description  Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
Download  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9303i Datasheet(HTML) 29 Page - SMSC Corporation

Back Button LAN9303i Datasheet HTML 25Page - SMSC Corporation LAN9303i Datasheet HTML 26Page - SMSC Corporation LAN9303i Datasheet HTML 27Page - SMSC Corporation LAN9303i Datasheet HTML 28Page - SMSC Corporation LAN9303i Datasheet HTML 29Page - SMSC Corporation LAN9303i Datasheet HTML 30Page - SMSC Corporation LAN9303i Datasheet HTML 31Page - SMSC Corporation LAN9303i Datasheet HTML 32Page - SMSC Corporation LAN9303i Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 366 page
background image
Small Form Factor Three Port 10/100 Managed Ethernet Switch with Single MII/RMII/Turbo MII
Datasheet
SMSC LAN9303/LAN9303i
29
Revision 1.3 (08-27-09)
DATASHEET
1
Port 0 MII
Output Data 0
P0_OUTD0
O8
MII MAC Mode: This pin is the transmit data 0 bit
from the switch to the external PHY.
O8
MII PHY Mode: This pin is the receive data 0 bit
from the switch to the external MAC. The output
driver is disabled when the Isolate (VPHY_ISO) bit
is set in the Virtual PHY Basic Control Register
(VPHY_BASIC_CTRL).
O8
RMII PHY Mode: This pin is the receive data 0 bit
from the switch to the external MAC. The output
driver is disabled when the Isolate (VPHY_ISO) bit
is set in the Virtual PHY Basic Control Register
(VPHY_BASIC_CTRL).
Port 0 Mode[0]
Configuration
Strap
P0_MODE0
IS
(PU)
Note 3.5
This strap configures the mode for Port 0. See
Note 3.4.
The P0_MODE[2:0] configuration strap encoding is
as follows:
000 = MII MAC mode
001 = MII PHY mode
010 = MII PHY mode 200 Mbps 12 ma clock output
011 = MII PHY mode 200 Mbps 16 ma clock output
100 = RMII PHY mode clock is 12 ma output
101 = RMII PHY mode clock is 16 ma output
110 = RMII PHY mode clock is input
111 = RESERVED
1
Port 0 MII
Output Data
Valid
P0_OUTDV
O8
MII MAC Mode: This pin is the TX_EN signal to the
external PHY and indicates valid data on
P0_OUTD[3:0].
O8
MII PHY Mode: This pin is the RX_DV signal to the
external MAC. The output driver is disabled when
the Isolate (VPHY_ISO) bit is set in the Virtual PHY
Basic Control Register (VPHY_BASIC_CTRL).
O8
RMII PHY Mode: This pin is the CRS_DV signal to
the external MAC. The output driver is disabled
when the Isolate (VPHY_ISO) bit is set in the
Virtual PHY Basic Control Register
(VPHY_BASIC_CTRL).
Table 3.4 Port 0 MII/RMII Pins (continued)
NUM
PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION


Similar Part No. - LAN9303i

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9303M SMSC-LAN9303M Datasheet
587Kb / 11P
   The LAN9303M is a full featured, three-port 10/100 managed Ethernet switch designed for embedded applications where performance, flexibility, ease of integration and system cost control are required
LAN9303MI-AKZE SMSC-LAN9303MI-AKZE Datasheet
4Mb / 386P
   Small Form Factor Three Port 10/100 Managed Ethernet Switch with Dual MII/RMII/Turbo MII
More results

Similar Description - LAN9303i

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9303MI-AKZE SMSC-LAN9303MI-AKZE Datasheet
4Mb / 386P
   Small Form Factor Three Port 10/100 Managed Ethernet Switch with Dual MII/RMII/Turbo MII
logo
Microchip Technology
LAN9313I-NZW MICROCHIP-LAN9313I-NZW Datasheet
312Kb / 9P
   Three Port 10/100 Managed Ethernet Switch with MII
Revision 1.9 03-13-12
logo
SMSC Corporation
LAN9313 SMSC-LAN9313 Datasheet
4Mb / 398P
   Three Port 10/100 Managed Ethernet Switch with MII
logo
Micrel Semiconductor
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8895MQ MICREL-KSZ8895MQ Datasheet
1Mb / 116P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
logo
Microchip Technology
KSZ8895MQX MICROCHIP-KSZ8895MQX Datasheet
1Mb / 108P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
06/23/16
logo
Micrel Semiconductor
KSZ8895MQ MICREL-KSZ8895MQ_12 Datasheet
1Mb / 116P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
logo
Infineon Technologies A...
KSZ8895 INFINEON-KSZ8895 Datasheet
870Kb / 115P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
January 2011
logo
Microchip Technology
KSZ8794CNX MICROCHIP-KSZ8794CNX Datasheet
1Mb / 124P
   Integrated 4-Port 10/100 Managed Ethernet Switch with Gigabit RGMII/MII/RMII Interface
07/14/15
logo
Davicom Semiconductor, ...
DM8603 DAVICOM-DM8603 Datasheet
780Kb / 107P
   10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com