Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9221 Datasheet(PDF) 16 Page - SMSC Corporation

Part # LAN9221
Description  High-Performance 16-bit Non-PCI 10/100 Ethernet Controller with Variable Voltage I/O
Download  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9221 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button LAN9221 Datasheet HTML 12Page - SMSC Corporation LAN9221 Datasheet HTML 13Page - SMSC Corporation LAN9221 Datasheet HTML 14Page - SMSC Corporation LAN9221 Datasheet HTML 15Page - SMSC Corporation LAN9221 Datasheet HTML 16Page - SMSC Corporation LAN9221 Datasheet HTML 17Page - SMSC Corporation LAN9221 Datasheet HTML 18Page - SMSC Corporation LAN9221 Datasheet HTML 19Page - SMSC Corporation LAN9221 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 151 page
background image
High-Performance 16-bit Non-PCI 10/100 Ethernet Controller with Variable Voltage I/O
Datasheet
Revision 2.6 (12-04-08)
16
SMSC LAN9221/LAN9221i
DATASHEET
2.1
Pin List
Note: The pin names for the twisted pair pins shown above apply to a normal connection. If HP Auto-
MDIX is enabled and a reverse connection is detected, or a reverse connection is manually
selected, the input pins become outputs, and vice-versa, as indicated in the descriptions.
Table 2.1 Host Bus Interface Signals
NAME
SYMBOL
BUFFER
TYPE
#
PINS
DESCRIPTION
Host Data
D[15:0]
VIS/VO8
16
Bi-directional data port.
Host Address
A[7:1]
VIS
7
7-bit Address Port. Used to select Internal CSR’s and
TX and RX FIFOs.
Read Strobe
nRD
VIS
1
Active low strobe to indicate a read cycle.
Write Strobe
nWR
VIS
1
Active low strobe to indicate a write cycle. This signal,
qualified with nCS, is also used to wakeup the
LAN9221/LAN9221i when it is in a reduced power
state.
Chip Select
nCS
VIS
1
Active low signal used to qualify read and write
operations. This signal qualified with nWR is also used
to wakeup the LAN9221/LAN9221i when it is in a
reduced power state.
Interrupt
Request
IRQ
VO8/
VOD8
1
Programmable Interrupt request. Programmable
polarity, source and buffer types.
FIFO Select
FIFO_SEL
VIS
1
When driven high all accesses to the
LAN9221/LAN9221i are to the RX or TX Data FIFOs.
In this mode, the A[7:3] upper address inputs are
ignored.
Table 2.2 LAN Interface Signals
NAME
SYMBOL
BUFFER
TYPE
NUM
PINS
DESCRIPTION
TPO+
TPO+
AO
1
Transmit Positive Output (normal)
Receive Positive Input (reversed)
TPO-
TPO-
AO
1
Transmit Negative Output (normal)
Receive Negative Input (reversed)
TPI+
TPI+
AI
1
Receive Positive Input (normal)
Transmit Positive Input (reversed)
TPI-
TPI-
AI
1
Receive Negative Input (normal)
Transmit Negative Output (reversed)
PHY External Bias
Resistor
EXRES
AI
1
Must be connected to ground through a 12.4K
ohm 1% resistor.


Similar Part No. - LAN9221

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9221 SMSC-LAN9221 Datasheet
2Mb / 151P
   High-Performance 16-bit Non-PCI 10/100 Ethernet Controller with Variable Voltage I/O
LAN9221-ABZJ SMSC-LAN9221-ABZJ Datasheet
2Mb / 151P
   High-Performance 16-bit Non-PCI 10/100 Ethernet Controller with Variable Voltage I/O
LAN9221i SMSC-LAN9221i Datasheet
2Mb / 151P
   High-Performance 16-bit Non-PCI 10/100 Ethernet Controller with Variable Voltage I/O
LAN9221i-ABZJ SMSC-LAN9221i-ABZJ Datasheet
2Mb / 151P
   High-Performance 16-bit Non-PCI 10/100 Ethernet Controller with Variable Voltage I/O
LAN9221 SMSC-LAN9221_12 Datasheet
2Mb / 151P
   High-Performance 16-bit Non-PCI 10/100 Ethernet Controller with Variable Voltage I/O
More results

Similar Description - LAN9221

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9221 SMSC-LAN9221_12 Datasheet
2Mb / 151P
   High-Performance 16-bit Non-PCI 10/100 Ethernet Controller with Variable Voltage I/O
logo
Microchip Technology
LAN9220 MICROCHIP-LAN9220 Datasheet
1Mb / 142P
   16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
11/07/16
logo
SMSC Corporation
LAN9220 SMSC-LAN9220_12 Datasheet
2Mb / 151P
   16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
LAN9220 SMSC-LAN9220 Datasheet
2Mb / 150P
   16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
logo
ASIX Electronics Corpor...
AX88180 ASIX-AX88180 Datasheet
482Kb / 47P
   High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
logo
SMSC Corporation
LAN9117 SMSC-LAN9117_08 Datasheet
1Mb / 136P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9117 MICROCHIP-LAN9117 Datasheet
1Mb / 114P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9118 SMSC-LAN9118_05 Datasheet
1Mb / 126P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9118 MICROCHIP-LAN9118 Datasheet
1,015Kb / 109P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9118 SMSC-LAN9118_07 Datasheet
1Mb / 129P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com