Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN8710i Datasheet(PDF) 40 Page - SMSC Corporation

Part # LAN8710i
Description  MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710i Datasheet(HTML) 40 Page - SMSC Corporation

Back Button LAN8710i Datasheet HTML 36Page - SMSC Corporation LAN8710i Datasheet HTML 37Page - SMSC Corporation LAN8710i Datasheet HTML 38Page - SMSC Corporation LAN8710i Datasheet HTML 39Page - SMSC Corporation LAN8710i Datasheet HTML 40Page - SMSC Corporation LAN8710i Datasheet HTML 41Page - SMSC Corporation LAN8710i Datasheet HTML 42Page - SMSC Corporation LAN8710i Datasheet HTML 43Page - SMSC Corporation LAN8710i Datasheet HTML 44Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 79 page
background image
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology in a Small Footprint
Datasheet
Revision 1.0 (04-15-09)
40
SMSC LAN8710/LAN8710i
DATASHEET
Table 5.21 Register 0 - Basic Control
ADDRESS
NAME
DESCRIPTION
MODE
DEFAULT
0.15
Reset
1 = software reset. Bit is self-clearing. For best results,
when setting this bit do not set other bits in this
register. The configuration (as described in
Section 5.3.9.2) is set from the register bit values,
and not from the mode pins.
RW/
SC
0
0.14
Loopback
1 = loopback mode,
0 = normal operation
RW
0
0.13
Speed Select
1 = 100Mbps,
0 = 10Mbps.
Ignored if Auto Negotiation is enabled (0.12 = 1).
RW
Set by
MODE[2:0]
bus
0.12
Auto-
Negotiation
Enable
1 = enable auto-negotiate process
(overrides 0.13 and 0.8)
0 = disable auto-negotiate process
RW
Set by
MODE[2:0]
bus
0.11
Power Down
1 = General power down mode,
0 = normal operation
RW
0
0.10
Isolate
1 = electrical isolation of transceiver from MII
0 = normal operation
RW
0
0.9
Restart Auto-
Negotiate
1 = restart auto-negotiate process
0 = normal operation. Bit is self-clearing.
RW/
SC
0
0.8
Duplex Mode
1 = Full duplex,
0 = Half duplex.
Ignored if Auto Negotiation is enabled (0.12 = 1).
RW
Set by
MODE[2:0]
bus
0.7
Collision Test
1 = enable COL test,
0 = disable COL test
RW
0
0.6:0
Reserved
RO
0
Table 5.22 Register 1 - Basic Status
ADDRESS
NAME
DESCRIPTION
MODE
DEFAULT
1.15
100Base-T4
1 = T4 able,
0 = no T4 ability
RO
0
1.14
100Base-TX Full
Duplex
1 = TX with full duplex,
0 = no TX full duplex ability
RO
1
1.13
100Base-TX Half
Duplex
1 = TX with half duplex,
0 = no TX half duplex ability
RO
1
1.12
10Base-T Full
Duplex
1 = 10Mbps with full duplex
0 = no 10Mbps with full duplex ability
RO
1
1.11
10Base-T Half
Duplex
1 = 10Mbps with half duplex
0 = no 10Mbps with half duplex ability
RO
1
1.10:6
Reserved
1.5
Auto-Negotiate
Complete
1 = auto-negotiate process completed
0 = auto-negotiate process not completed
RO
0


Similar Part No. - LAN8710i

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN8710A SMSC-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
logo
Microchip Technology
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8710A-EZC SMSC-LAN8710A-EZC Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
LAN8710A-EZC-TR SMSC-LAN8710A-EZC-TR Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
LAN8710AI SMSC-LAN8710AI Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
More results

Similar Description - LAN8710i

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN8710A SMSC-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
logo
Microchip Technology
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
LAN8700C-AEZG-TR MICROCHIP-LAN8700C-AEZG-TR Datasheet
723Kb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR Technology in a Small Footprint
Revision 2.3 04-12-11
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8741A MICROCHIP-LAN8741A Datasheet
1,012Kb / 106P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8742A MICROCHIP-LAN8742A Datasheet
1Mb / 124P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8700IC-AEZG MICROCHIP-LAN8700IC-AEZG Datasheet
1Mb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
Revision 2.3 (04-12-11)
LAN8700 MICROCHIP-LAN8700 Datasheet
939Kb / 74P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
06/23/16
LAN8720AI-CP MICROCHIP-LAN8720AI-CP Datasheet
1Mb / 29P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com