Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN8710i Datasheet(PDF) 16 Page - SMSC Corporation

Part # LAN8710i
Description  MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710i Datasheet(HTML) 16 Page - SMSC Corporation

Back Button LAN8710i Datasheet HTML 12Page - SMSC Corporation LAN8710i Datasheet HTML 13Page - SMSC Corporation LAN8710i Datasheet HTML 14Page - SMSC Corporation LAN8710i Datasheet HTML 15Page - SMSC Corporation LAN8710i Datasheet HTML 16Page - SMSC Corporation LAN8710i Datasheet HTML 17Page - SMSC Corporation LAN8710i Datasheet HTML 18Page - SMSC Corporation LAN8710i Datasheet HTML 19Page - SMSC Corporation LAN8710i Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 79 page
background image
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology in a Small Footprint
Datasheet
Revision 1.0 (04-15-09)
16
SMSC LAN8710/LAN8710i
DATASHEET
3.2
LED Signals
RXER/
RXD4/
PHYAD0
13
IOPD
RXER – Receive Error: Asserted to indicate that an error was detected
somewhere in the frame presently being transferred from the transceiver.
The RXER signal is optional in RMII Mode.
RXD4 – MII Receive Data 4: In Symbol Interface (5B Decoding) mode, this
signal is the MII Receive Data 4 signal, the MSB of the received 5-bit
symbol code-group. Unless configured in this mode, the pin functions as
RXER.
This signal is mux’d with PHYAD0
PHYAD0 – PHY Address Bit 0: set the SMI address of the PHY.
See Section 5.3.9.1 for information on the ADDRESS options.
RXCLK/
PHYAD1
7IOPD
RXCLK – Receive Clock: In MII mode, this pin is the receive clock output.
25MHz in 100Base-TX mode. 2.5MHz in 10Base-T mode.
This signal is mux’d with PHYAD1
PHYAD1 – PHY Address Bit 1: set the SMI address of the transceiver.
See Section 5.3.9.1 for information on the ADDRESS options.
RXDV
26
O8
Receive Data Valid: Indicates that recovered and decoded data is being
presented on RXD pins.
COL/
CRS_DV/
MODE2
15
IOPU
COL – MII Mode Collision Detect: Asserted to indicate detection of
collision condition.
CRS_DV – RMII Mode CRS_DV (Carrier Sense/Receive Data Valid)
Asserted to indicate when the receive medium is non-idle. When a 10BT
packet is received, CRS_DV is asserted, but RXD[1:0] is held low until the
SFD byte (10101011) is received. In 10BT, half-duplex mode, transmitted
data is not looped back onto the receive data pins, per the RMII standard.
MODE2 – PHY Operating Mode Bit 2: set the default MODE of the PHY.
See Section 5.3.9.2 for information on the MODE options.
CRS
14
IOPD
Carrier Sense: Indicates detection of carrier.
Table 3.3 LED Signals 32-QFN
SIGNAL
NAME
32-QFN
PIN #
TYPE
DESCRIPTION
LED1/
REGOFF
3IOPD
LED1 – Link activity LED Indication.
See Section 5.3.7 for a description of LED modes.
REGOFF – Regulator Off: This pin may be used to configure the internal
1.2V regulator off. As described in Section 4.9, this pin is sampled during the
power-on sequence to determine if the internal regulator should turn on.
When the regulator is disabled, external 1.2V must be supplied to VDDCR.
When LED1/REGOFF is pulled high to VDD2A with an external resistor, the
internal regulator is disabled.
When LED1/REGOFF is floating or pulled low, the internal regulator is
enabled (default).
Table 3.2 MII/RMII Signals (continued) 32-QFN (continued)
SIGNAL
NAME
32-QFN
PIN #
TYPE
DESCRIPTION


Similar Part No. - LAN8710i

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN8710A SMSC-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
logo
Microchip Technology
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8710A-EZC SMSC-LAN8710A-EZC Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
LAN8710A-EZC-TR SMSC-LAN8710A-EZC-TR Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
LAN8710AI SMSC-LAN8710AI Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
More results

Similar Description - LAN8710i

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN8710A SMSC-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
logo
Microchip Technology
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
LAN8700C-AEZG-TR MICROCHIP-LAN8700C-AEZG-TR Datasheet
723Kb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR Technology in a Small Footprint
Revision 2.3 04-12-11
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8741A MICROCHIP-LAN8741A Datasheet
1,012Kb / 106P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8742A MICROCHIP-LAN8742A Datasheet
1Mb / 124P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8700IC-AEZG MICROCHIP-LAN8700IC-AEZG Datasheet
1Mb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
Revision 2.3 (04-12-11)
LAN8700 MICROCHIP-LAN8700 Datasheet
939Kb / 74P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
06/23/16
LAN8720AI-CP MICROCHIP-LAN8720AI-CP Datasheet
1Mb / 29P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com