Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN8710 Datasheet(PDF) 17 Page - SMSC Corporation

Part # LAN8710
Description  MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710 Datasheet(HTML) 17 Page - SMSC Corporation

Back Button LAN8710 Datasheet HTML 13Page - SMSC Corporation LAN8710 Datasheet HTML 14Page - SMSC Corporation LAN8710 Datasheet HTML 15Page - SMSC Corporation LAN8710 Datasheet HTML 16Page - SMSC Corporation LAN8710 Datasheet HTML 17Page - SMSC Corporation LAN8710 Datasheet HTML 18Page - SMSC Corporation LAN8710 Datasheet HTML 19Page - SMSC Corporation LAN8710 Datasheet HTML 20Page - SMSC Corporation LAN8710 Datasheet HTML 21Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 79 page
background image
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology in a Small Footprint
Datasheet
SMSC LAN8710/LAN8710i
17
Revision 1.0 (04-15-09)
DATASHEET
3.3
Management Signals
3.4
General Signals
3.5
10/100 Line Interface Signals
LED2/
nINTSEL
2IOPU
LED2 – Link Speed LED Indication.
See Section 5.3.7 for a description of LED modes.
nINTSEL: On power-up or external reset, the mode of the nINT/TXER/TXD4
pin is selected.
When LED2/nINTSEL is floated or pulled to VDDIO, nINT is selected for
operation on pin nINT/TXER/TXD4 (default).
When LED2/nINTSEL is pulled low to VSS through a resistor, TXER/TXD4
is selected for operation on pin nINT/TXER/TXD4.
See Section 4.10 for additional information.
Table 3.4 Management Signals 32-QFN
SIGNAL
NAME
32-QFN
PIN #
TYPE
DESCRIPTION
MDIO
16
IOD8
Management Data Input/OUTPUT: Serial management data input/output.
MDC
17
I8
Management Clock: Serial management clock.
Table 3.5 General Signals 32-QFN
SIGNAL
NAME
32-QFN
PIN #
TYPE
DESCRIPTION
XTAL1/
CLKIN
5ICLK
Clock Input: Crystal connection or external clock input.
XTAL2
4
OCLK
Clock Output: Crystal connection.
Float this pin when an external clock is driven to XTAL1/CLKIN.
nRST
19
IOPU
External Reset: Input of the system reset. This signal is active LOW.
Table 3.6 10/100 Line Interface Signals 32-QFN
SIGNAL
NAME
32-QFN
PIN #
TYPE
DESCRIPTION
TXP
29
AIO
Transmit/Receive Positive Channel 1.
Table 3.3 LED Signals 32-QFN (continued)
SIGNAL
NAME
32-QFN
PIN #
TYPE
DESCRIPTION


Similar Part No. - LAN8710

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN8710A SMSC-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
logo
Microchip Technology
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8710A-EZC SMSC-LAN8710A-EZC Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
LAN8710A-EZC-TR SMSC-LAN8710A-EZC-TR Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
LAN8710AI SMSC-LAN8710AI Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
More results

Similar Description - LAN8710

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN8710A SMSC-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
logo
Microchip Technology
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
LAN8700C-AEZG-TR MICROCHIP-LAN8700C-AEZG-TR Datasheet
723Kb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR Technology in a Small Footprint
Revision 2.3 04-12-11
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8741A MICROCHIP-LAN8741A Datasheet
1,012Kb / 106P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8742A MICROCHIP-LAN8742A Datasheet
1Mb / 124P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8700IC-AEZG MICROCHIP-LAN8700IC-AEZG Datasheet
1Mb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
Revision 2.3 (04-12-11)
LAN8700 MICROCHIP-LAN8700 Datasheet
939Kb / 74P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
06/23/16
LAN8720AI-CP MICROCHIP-LAN8720AI-CP Datasheet
1Mb / 29P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com