Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5042B3A Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # 5042B3A
Description  High-stability Crystal Oscillator IC with Frequency Adjustment Function
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

5042B3A Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  5042B3A Datasheet HTML 1Page - Nippon Precision Circuits Inc 5042B3A Datasheet HTML 2Page - Nippon Precision Circuits Inc 5042B3A Datasheet HTML 3Page - Nippon Precision Circuits Inc 5042B3A Datasheet HTML 4Page - Nippon Precision Circuits Inc 5042B3A Datasheet HTML 5Page - Nippon Precision Circuits Inc 5042B3A Datasheet HTML 6Page - Nippon Precision Circuits Inc 5042B3A Datasheet HTML 7Page - Nippon Precision Circuits Inc 5042B3A Datasheet HTML 8Page - Nippon Precision Circuits Inc 5042B3A Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
5042 series
SEIKO NPC CORPORATION—3
PAD LAYOUT
(Unit:
µm)
PAD DIMENSIONS
PIN DESCRIPTION
BLOCK DIAGRAM
Chip size: 0.84mm
× 0.69mm
Chip thickness: 130
µm ± 15µm
Pad size: 80
µm × 80µm
Chip base: VSS level
Pad No.
Pin
I/O
Name
Description
Pad dimensions [µm]
XY
1
XTN
O
Amplifier output
Crystal connection pins.
Crystal is connected between XT and XTN.
–225.2
–253.5
2
XT
I
Amplifier input
225.2
–253.5
3
INHN
I
Output state control input
High impedance when LOW (oscillator stops).
Power-saving pull-up resistor built-in.
328.5
–5.0
4
VSS
(–) ground
328.5
223.8
5
Q
O
Output
Output frequency determined by internal circuit
to one of fO, fO/2, fO/4, fO/8, fO/16, fO/32.
High impedance in standby mode
–328.5
223.8
6
VDD
(+) supply voltage
–328.5
–5.0
*1. N = 1, 2, 4, 8, 16, 32 (mask option)
*2. 5042A
×A version only
Q
VDD
XTN
VSS
(0,0)
(420,345)
X
Y
INHN
XT
12
4
5
3
6
(
−420,−345)
RF
1
N
INHN
VSS
Temperature
Compensation
Oscillation
Detection
FO, TO, RTG, TLO, TLG,
THO, THG
Control Register
Q
Regulator
RV
RV
XT
XTN
VDD
*1
*2


Similar Part No. - 5042B3A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
50420-8000 MOLEX7-50420-8000 Datasheet
92Kb / 3P
   OBD-II Crimp Terminal, Female, 50420, 4.00mm (.157") Pitch
logo
Aavid, Thermal Division...
504222B00000 AAVID-504222B00000 Datasheet
78Kb / 2P
   For use with TO-220 packages
504222B00000G AAVID-504222B00000G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
504222B00000G AAVID-504222B00000G Datasheet
8Mb / 116P
   How to Use This Catalog
logo
List of Unclassifed Man...
5042MTH1R ETC2-5042MTH1R Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
More results

Similar Description - 5042B3A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
5041 NPC-5041 Datasheet
121Kb / 11P
   High-stability Crystal Oscillator IC with Frequency Adjustment Function
WF5091A NPC-WF5091A Datasheet
412Kb / 13P
   32kHz output Crystal Oscillator IC with Frequency Adjustment Function
logo
New Japan Radio
NJU6314 NJRC-NJU6314 Datasheet
108Kb / 6P
   High Frequency-Stability Fundamental Quartz Crystal Oscillator IC
logo
Epson Company
HG-8002JA EPSON-HG-8002JA Datasheet
66Kb / 1P
   PROGRAMMABLE HIGH-STABILITY HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Jauch Quartz Gmbh
JO22H-2.5V JAUCH-JO22H-2.5V Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
JO22H-3.3V JAUCH-JO22H-3.3V Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
JO32H JAUCH-JO32H Datasheet
166Kb / 2P
   High Stability Oscillator with Stop Function
JO53H JAUCH-JO53H Datasheet
155Kb / 2P
   High Stability Oscillator with Stop Function
JO22H-1.8V JAUCH-JO22H-1.8V Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
JO32H-2.5V JAUCH-JO32H-2.5V Datasheet
166Kb / 2P
   High Stability Oscillator with Stop Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com