Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5042A5A Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # 5042A5A
Description  High-stability Crystal Oscillator IC with Frequency Adjustment Function
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

5042A5A Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button 5042A5A Datasheet HTML 3Page - Nippon Precision Circuits Inc 5042A5A Datasheet HTML 4Page - Nippon Precision Circuits Inc 5042A5A Datasheet HTML 5Page - Nippon Precision Circuits Inc 5042A5A Datasheet HTML 6Page - Nippon Precision Circuits Inc 5042A5A Datasheet HTML 7Page - Nippon Precision Circuits Inc 5042A5A Datasheet HTML 8Page - Nippon Precision Circuits Inc 5042A5A Datasheet HTML 9Page - Nippon Precision Circuits Inc 5042A5A Datasheet HTML 10Page - Nippon Precision Circuits Inc 5042A5A Datasheet HTML 11Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
5042 series
SEIKO NPC CORPORATION—7
AC Characteristics
Clock output characteristics (5042A1A to A6A, Q pin)
VDD = 2.25V to 3.63V, VSS = 0V, Ta = −40°C to +85°C, CLOUT = 15pF unless otherwise noted.
Clock output characteristics (5042B1A to B6A, Q pin)
VDD = 1.60V to 2.25V, VSS = 0V, Ta = −40°C to +85°C, CLOUT = 15pF unless otherwise noted.
Parameter
Symbol
Conditions
Rating
Unit
MIN
TYP
MAX
Output rise time
tr
Measurement circuit 1, 0.1VDD → 0.9VDD
4.5
ns
Output fall time
tf
Measurement circuit 1, 0.9VDD → 0.1VDD
4.5
ns
Output duty cycle*1
*1. This parameter is measured using the NPC’s standard crystal. Note that the values will vary with the crystal characteristics used or mounting
conditions.
Duty
Measurement circuit 1, threshold voltage 0.5VDD,
Duty = Tw/T
× 100
45
50
55
%
Output disable delay time
tOD
Measurement circuit 2, INHN
= HIGH → LOW
100
ns
Parameter
Symbol
Conditions
Rating*1
*1. Values in parentheses ( ) are provisional only.
Unit
MIN
TYP
MAX
Output rise time
tr
Measurement circuit 1, 0.1VDD → 0.9VDD
––5
ns
Output fall time
tf
Measurement circuit 1, 0.9VDD → 0.1VDD
––5
ns
Output duty cycle*2
*2. This parameter is measured using the NPC’s standard crystal. Note that the values will vary with the crystal characteristics used or mounting
conditions.
Duty
Measurement circuit 1, threshold voltage 0.5VDD,
Duty = Tw/T
× 100
(45)
(50)
(55)
%
Output disable delay time
tOD
Measurement circuit 2, INHN
= HIGH → LOW
100
ns
Figure 1. Output switching waveform
*1. tOSC is oscillator start-up time. It is interval of time until the oscillation is stabilized and varies with the crystal used.
Please contact us for further details.
Figure 2. Output disable timing chart
0.9VDD
Q
DUTY measurement
voltage (0.5VDD
)
TW
tr
tf
T
0.1VDD
0.9VDD
0.1VDD
DUTY= TW/ T
100 (%)
Q
INHN
tOD
0.5VDD
0.1V
Hi-Z
Normal output
0.5VDD
0.1V
tOSC
0.5VDD
Normal output
tr = tf = 2ns
(10% to 90%)
Low
*1


Similar Part No. - 5042A5A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
50420-8000 MOLEX7-50420-8000 Datasheet
92Kb / 3P
   OBD-II Crimp Terminal, Female, 50420, 4.00mm (.157") Pitch
logo
Aavid, Thermal Division...
504222B00000 AAVID-504222B00000 Datasheet
78Kb / 2P
   For use with TO-220 packages
504222B00000G AAVID-504222B00000G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
504222B00000G AAVID-504222B00000G Datasheet
8Mb / 116P
   How to Use This Catalog
logo
List of Unclassifed Man...
5042MTH1R ETC2-5042MTH1R Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
More results

Similar Description - 5042A5A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
5041 NPC-5041 Datasheet
121Kb / 11P
   High-stability Crystal Oscillator IC with Frequency Adjustment Function
WF5091A NPC-WF5091A Datasheet
412Kb / 13P
   32kHz output Crystal Oscillator IC with Frequency Adjustment Function
logo
New Japan Radio
NJU6314 NJRC-NJU6314 Datasheet
108Kb / 6P
   High Frequency-Stability Fundamental Quartz Crystal Oscillator IC
logo
Epson Company
HG-8002JA EPSON-HG-8002JA Datasheet
66Kb / 1P
   PROGRAMMABLE HIGH-STABILITY HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Jauch Quartz Gmbh
JO22H-2.5V JAUCH-JO22H-2.5V Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
JO22H-3.3V JAUCH-JO22H-3.3V Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
JO32H JAUCH-JO32H Datasheet
166Kb / 2P
   High Stability Oscillator with Stop Function
JO53H JAUCH-JO53H Datasheet
155Kb / 2P
   High Stability Oscillator with Stop Function
JO22H-1.8V JAUCH-JO22H-1.8V Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
JO32H-2.5V JAUCH-JO32H-2.5V Datasheet
166Kb / 2P
   High Stability Oscillator with Stop Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com