Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-F4SE-36M125-A001 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FAR-F4SE-36M125-A001
Description  IF Filter for Terrestrial-TV
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F4SE-36M125-A001 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FAR-F4SE-36M125-A001 Datasheet HTML 1Page - Fujitsu Component Limited. FAR-F4SE-36M125-A001 Datasheet HTML 2Page - Fujitsu Component Limited. FAR-F4SE-36M125-A001 Datasheet HTML 3Page - Fujitsu Component Limited. FAR-F4SE-36M125-A001 Datasheet HTML 4Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Customer Name
Standard specification
Application
IF Filter for Terrestrial-TV
System
South America
FUJITSU MEDIA DEVICES LIMITED
Center Frequency
36.125 MHz
DATE
Jun. 27 2003
FMD Part Number
FAR-F4SE-36M125-A001
Version 1.1
Dimensions
Fig.1
Pin Configuration
Table 2
Pin No.
Symbol
Function
#1
IN
Input
#2
IN(GND)
Input(Ground)
#3
GND
Ground
#4
OUT
Output
#5
OUT
Output
4-2.54
0.6+/-0.1
13.7+/-0.2
0.25+/-0.1
0.825+/-0.2
2.15+/-0.1
#1
Unit : mm
C0.7
#2
#3
#4
#5


Similar Part No. - FAR-F4SE-36M125-A001

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F4SE-36M125-H0E5 FUJITSU-FAR-F4SE-36M125-H0E5 Datasheet
70Kb / 5P
   IF Filter for TV tuner
FAR-F4SE-36M125-H0E7 FUJITSU-FAR-F4SE-36M125-H0E7 Datasheet
103Kb / 7P
   IF Filter for Terrestrial-TV/STB
FAR-F4SE-36M125-H0E8 FUJITSU-FAR-F4SE-36M125-H0E8 Datasheet
103Kb / 7P
   IF Filter for Terrestrial-TV/STB
More results

Similar Description - FAR-F4SE-36M125-A001

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F4SE-44M000-H0A2 FUJITSU-FAR-F4SE-44M000-H0A2 Datasheet
89Kb / 5P
   IF Filter for Terrestrial-TV
FAR-F4SE-44M000-H0A6 FUJITSU-FAR-F4SE-44M000-H0A6 Datasheet
69Kb / 5P
   IF Filter for Terrestrial-TV
FAR-F4SE-57M000-H0J9 FUJITSU-FAR-F4SE-57M000-H0J9 Datasheet
94Kb / 7P
   IF Filter for Terrestrial-TV
FAR-F4SE-57M000-H0JC FUJITSU-FAR-F4SE-57M000-H0JC Datasheet
168Kb / 7P
   IF Filter for Terrestrial-TV
FAR-F4SE-44M000-H0A4 FUJITSU-FAR-F4SE-44M000-H0A4 Datasheet
99Kb / 7P
   IF Filter for Terrestrial-TV
FAR-F4SE-44M000-H0A8 FUJITSU-FAR-F4SE-44M000-H0A8 Datasheet
100Kb / 7P
   IF Filter for Terrestrial-TV
FAR-F4SE-57M000-H0J6 FUJITSU-FAR-F4SE-57M000-H0J6 Datasheet
94Kb / 7P
   IF Filter for Terrestrial-TV
FAR-F4SE-36M000-A005 FUJITSU-FAR-F4SE-36M000-A005 Datasheet
94Kb / 4P
   IF Filter for Terrestrial-TV
FAR-K4SH-36M000-L0E1 FUJITSU-FAR-K4SH-36M000-L0E1 Datasheet
124Kb / 9P
   IF Filter for Digital Terrestrial TV
SBSF03AAPL FUJITSU-SBSF03AAPL Datasheet
100Kb / 6P
   IF Filter for Digital Terrestrial TV
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com