Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-D5GD-942M50-D1DF Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FAR-D5GD-942M50-D1DF
Description  WCDMA Band VIII Duplexer (Rx balanced)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-D5GD-942M50-D1DF Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FAR-D5GD-942M50-D1DF Datasheet HTML 1Page - Fujitsu Component Limited. FAR-D5GD-942M50-D1DF Datasheet HTML 2Page - Fujitsu Component Limited. FAR-D5GD-942M50-D1DF Datasheet HTML 3Page - Fujitsu Component Limited. FAR-D5GD-942M50-D1DF Datasheet HTML 4Page - Fujitsu Component Limited. FAR-D5GD-942M50-D1DF Datasheet HTML 5Page - Fujitsu Component Limited. FAR-D5GD-942M50-D1DF Datasheet HTML 6Page - Fujitsu Component Limited. FAR-D5GD-942M50-D1DF Datasheet HTML 7Page - Fujitsu Component Limited. FAR-D5GD-942M50-D1DF Datasheet HTML 8Page - Fujitsu Component Limited. FAR-D5GD-942M50-D1DF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Customer Name
Standard
FUJITSU MEDIA DEVICES LIMITED
System
WCDMA Band VIII Duplexer (Rx balanced)
DATE
July 30, 2008
FMD P/N
FAR-D5GD-942M50-D1DF
Version 1.0gg
Pb-free
Pb
* Pb Free Part
Table 1. Electrical Specification
Specification
(ver.1.0gg)
Unit
Remarks
Item
Condition
(MHz)
Min
Typ
Max
Insertion loss
880.4~914.6
-
2.2
3.0
dB
(*1)
Pass band ripple
880.4~914.6
-
1.0
2.0
dB
Tx
-
1.9
2.2
-
VSWR
Ant
880.4~914.6
-
1.7
2.1
-
Input Power
880.4~914.6
29dBm, Ta=+55oC
10000h, CW
-
927.4~957.6
42
49
-
dB
(*2)
1574~1577
28
34
-
dB
1760~1830
20
28
-
dB
Tx
to
ANT
Absolute attenuation
2640~2745
12
19
-
dB
Insertion loss
925.4~959.6
-
2.5
3.5
dB
(*1)
Pass band ripple
925.4~959.6
-
0.9
2.0
dB
Amplitude balance
925.4~959.6
-1.1
-0.5/
+0.5
+1.1
dB
Phase balance
925.4~959.6
-11
-6/
+4
+11
deg
Ant
-
1.8
2.2
-
VSWR
Rx
925.4~959.6
-
2.0
2.3
-
ANT
to
Rx
Absolute attenuation
882.4~912.6
47
54
-
dB
(*2)
882.4~912.6
53
56
-
dB
(*2)
Tx to
Rx
Isolation
927.4~957.6
46
50
-
dB
(*2)
Tx port
50
Ohm
Single-ended
Rx port
100
Ohm
Differential
Terminating Impedance
Ant port
50
Ohm
Single-ended
Operating Temperature
-15 to +80
o
C
Device size (LxWxH)
3.0 x 2.5 x 0.7
mm
(*1) Specification of insertion loss excludes loss that comes from the test board. (Approximately 0.05dB)
(*2) Integrated attenuation or isolation over +/-1.92MHz around the WCDMA channel center frequency


Similar Part No. - FAR-D5GD-942M50-D1DF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-D5GA-881M50-D1AA FUJITSU-FAR-D5GA-881M50-D1AA Datasheet
326Kb / 11P
   Cellular SAW Duplexer
FAR-D5GK-942M50-D1KF FUJITSU-FAR-D5GK-942M50-D1KF Datasheet
212Kb / 9P
   900MHz WCDMA Duplexer (Rx Single-ended)
More results

Similar Description - FAR-D5GD-942M50-D1DF

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7675 EPCOS-B7675 Datasheet
193Kb / 11P
   SAW duplexer WCDMA Band VIII
B7953 EPCOS-B7953 Datasheet
117Kb / 10P
   SAW duplexer WCDMA band VIII
B9449 EPCOS-B9449 Datasheet
87Kb / 8P
   SAW RX filter WCDMA band VIII
B9461 EPCOS-B9461 Datasheet
110Kb / 9P
   SAW RX filter WCDMA band VIII / GSM 900
logo
TriQuint Semiconductor
TQM626028L TRIQUINT-TQM626028L_15 Datasheet
337Kb / 18P
   WCDMA / HSUPA Band VIII Tritium III PA Duplexer Module
TQM626028L TRIQUINT-TQM626028L Datasheet
337Kb / 18P
   WCDMA / HSUPA Band VIII Tritium III PA Duplexer Module?
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-4104 AVAGO-ACMD-4104 Datasheet
120Kb / 3P
   UMTS Band 4 Duplexer with Balanced Rx Port
ACMD-6207 AVAGO-ACMD-6207_15 Datasheet
668Kb / 15P
   LTE Band 7 Duplexer with Balanced Rx Port
ACMD-6207 AVAGO-ACMD-6207 Datasheet
668Kb / 15P
   LTE Band 7 Duplexer with Balanced Rx Port
logo
Broadcom Corporation.
ACMD-6207 BOARDCOM-ACMD-6207 Datasheet
668Kb / 15P
   LTE Band 7 Duplexer with Balanced Rx Port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com