Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDW-JJD-MN1-1-I1 Datasheet(PDF) 9 Page - DOMINANT Semiconductors

Part # DDW-JJD-MN1-1-I1
Description  High brightness surface mount LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDW-JJD-MN1-1-I1 Datasheet(HTML) 9 Page - DOMINANT Semiconductors

Back Button DDW-JJD-MN1-1-I1 Datasheet HTML 4Page - DOMINANT Semiconductors DDW-JJD-MN1-1-I1 Datasheet HTML 5Page - DOMINANT Semiconductors DDW-JJD-MN1-1-I1 Datasheet HTML 6Page - DOMINANT Semiconductors DDW-JJD-MN1-1-I1 Datasheet HTML 7Page - DOMINANT Semiconductors DDW-JJD-MN1-1-I1 Datasheet HTML 8Page - DOMINANT Semiconductors DDW-JJD-MN1-1-I1 Datasheet HTML 9Page - DOMINANT Semiconductors DDW-JJD-MN1-1-I1 Datasheet HTML 10Page - DOMINANT Semiconductors DDW-JJD-MN1-1-I1 Datasheet HTML 11Page - DOMINANT Semiconductors DDW-JJD-MN1-1-I1 Datasheet HTML 12Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
23/09/2009 V(3)
8
Packaging Specification
Average 1pc DomiLED/Multi DomiLED
1 completed bag (2000pcs)
0.034
190 ± 10
Weight (gram)
Cardboard
Box
Dimensions (mm)
Empty Box
Weight (kg)
300 x 250 x 250
416 x 516 x 476
15 reels MAX
96 reels MAX
Small
Large
For DomiLEDTM
Reel / Box
Quantity / Box (pcs)
Cardboard Box
Size
0.58
1.74
30,000 MAX
192,000 MAX
Weight (gram)
0.034
190 ± 10
GaN White : DDx-JJx-I1
DOMINANT TM
Semiconductors
Innovating Illumination
DOMINANT TM
Semiconductors
D/C: date code
S/N : serial no
GROUP : group
QTY : product quantity per reel
PART NO : partno
LOT NO : lotno
Moisture sensitivity level
Moisture absorbent material +
Moisture indicator
The reel, moisture absorbent material and moisture indicator are
sealed inside the moisture proof foil bag
Reel
Barcode label
DOMINANT Semiconductors
ROHS Compliant
PB Free
Label


Similar Part No. - DDW-JJD-MN1-1-I1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDW-JJD-MN1-1-I1 DOMINANT-DDW-JJD-MN1-1-I1 Datasheet
176Kb / 8P
   LED GaN
More results

Similar Description - DDW-JJD-MN1-1-I1

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PSO-SSS-C10 BRIGHT-BL-PSO-SSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-SSS-C20 BRIGHT-BL-PSR-SSS-C20 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSY-CSS-C10 BRIGHT-BL-PSY-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-CSS-C10 BRIGHT-BL-PSR-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PDT-SRS-C10 BRIGHT-BL-PDT-SRS-C10 Datasheet
253Kb / 8P
   High brightness surface mount LED.
BL-PDB-UJS-C10 BRIGHT-BL-PDB-UJS-C10 Datasheet
1Mb / 12P
   High brightness surface mount LED.
logo
DOMINANT Semiconductors
DDX-DJX DOMINANT-DDX-DJX Datasheet
1Mb / 15P
   High brightness surface mount LED
DDW-UJG DOMINANT-DDW-UJG Datasheet
1Mb / 17P
   High brightness surface mount LED
DWF-LJG DOMINANT-DWF-LJG Datasheet
1Mb / 16P
   High brightness surface mount LED
DWW-DZKG DOMINANT-DWW-DZKG Datasheet
1Mb / 16P
   High brightness surface mount LED
DDX-JJX-I1 DOMINANT-DDX-JJX-I1 Datasheet
781Kb / 12P
   High brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com