Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTCDTF-10605 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CTCDTF-10605
Description  Toroidal Chokes for Class D Amplifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CTCDTF-10605 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CTCDTF-10605 Datasheet HTML 1Page - Central Semiconductor Corp CTCDTF-10605 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2009 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 05.07.09
Toroidal Chokes for Class D Amplifiers www.ctparts.com
CTCDTF Series
From 4.7 µH to 56 µH
SPECIFICATIONS
Not Shown at Actual Size
CHARACTERISTICS
Description: Toroidal Chokes for Class D amplifiers.
Applications: Powered Loudspeakers, electronic motor drives, portable amps,
PA systems & car amps.
Testing: Inductance is tested at 10kHz, 10 gauss, 0Adc.
Winding: Single layer wound for high self-resonant frequency.
Core: 10 permeability Carbonyl Micrometals© Core.
Packaging: Bulk Packaged.
Additional Information:
D
• L of less than 10% a currents greater than 100A
Class-D Operation 250kHz - 500kHz
High Linearity Under Peak Bias Conditions
Extremely Low Loss Under Typical Class-D ripple Current conditions
Reduced THD Due to Highest Linearity
Custom values & horizontal mounted configurations available upon request.
Note: Application should limit long term absolute temperature of component to
be 75°C Max.
Miscellaneous: RoHS Compliant.
Samples available. See website for ordering information.
Part Number
Closest
Standard value
µHy
Nominal Initial
Inductance (0 ADC)
µHy (±7%)
DC Resistance
(ref., 20°C)
W
Long-Term r.m.s.
current guideline
Amperes r.m.s.
Peak Current for 5%
Inductance Drop
Amperes peak
Peak Current for
10% Inductance
Drop Amperes Peak
Core Loss (typ.)
at
100 kHz, 140 Gauss
Core Loss (typ.)
at
500 kHz, 50 Gauss
CTCDTF-09401
4.7
4.84
0.011
8.6
35.8
75.6
41 mW
26 mW
CTCDTF-09402
6.8
6.59
0.015
6.8
30.7
64.8
CTCDTF-09403
10.0
10.3
0.029
4.3
24.6
51.9
CTCDTF-09404
12.0
12.1
0.036
3.4
22.6
47.8
CTCDTF-09405
15.0
14.8
0.040
3.4
20.5
43.2
CTCDTF-09406
18.0
17.8
0.064
2.1
18.7
39.5
CTCDTF-09407
22.0
21.8
0.072
2.1
16.9
35.6
CTCDTF-10601
4.7
4.87
0.009
10.9
49.2
103.8
57 mW
36 mW
CTCDTF-10602
6.8
6.53
0.012
8.6
42.5
89.7
CTCDTF-10603
10.0
9.84
0.018
6.8
34.6
73.1
CTCDTF-10604
12.0
12.2
0.025
5.4
31.2
65.8
CTCDTF-10605
15.0
14.7
0.028
5.4
28.3
59.8
CTCDTF-10606
18.0
18.5
0.039
4.3
25.3
53.3
CTCDTF-10607
22.0
21.6
0.050
3.4
23.4
49.3
CTCDTF-13001
4.7
4.85
0.008
13.7
56.8
119.9
110 mW
70 mW
CTCDTF-13002
6.8
6.88
0.009
13.7
47.7
100.7
CTCDTF-13003
10.0
9.9
0.011
13.7
39.7
83.9
CTCDTF-13004
12.0
12.0
0.015
10.9
36.1
76.3
CTCDTF-13005
15.0
15.1
0.022
8.6
32.2
68.0
CTCDTF-13006
18.0
17.6
0.027
6.8
29.8
62.9
CTCDTF-13007
22.0
22.3
0.036
5.4
26.5
55.9
CTCDTF-15401
18.0
18.1
0.020
10.9
40.4
85.3
204 mW
129 mW
CTCDTF-15402
22.0
22.4
0.022
10.9
36.4
76.8
CTCDTF-15403
27.0
27.1
0.030
8.6
33.1
69.8
CTCDTF-15404
33.0
33.6
0.040
6.8
29.7
62.7
CTCDTF-15405
39.0
39.3
0.045
6.8
27.4
57.9
CTCDTF-15406
47.0
47.1
0.062
5.4
25.1
52.9
CTCDTF-15407
56.0
55.6
0.085
4.3
23.1
48.7


Similar Part No. - CTCDTF-10605

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDTF-10605 CT-CTCDTF-10605 Datasheet
419Kb / 2P
   From 4.7 關H to 56 關H
More results

Similar Description - CTCDTF-10605

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDT CT-CTCDT Datasheet
269Kb / 2P
   Toroidal Chokes for Class D Amplifiers
logo
Allied Components Inter...
VTCB210-100L-RC ALLIED-VTCB210-100L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
TC100-1R0M-RC ALLIED-TC100-1R0M-RC Datasheet
377Kb / 1P
   Toroidal Chokes
TC210 ALLIED-TC210 Datasheet
1Mb / 1P
   Toroidal Chokes
VTC0690 ALLIED-VTC0690 Datasheet
215Kb / 1P
   Toroidal Chokes
VTC570 ALLIED-VTC570 Datasheet
1Mb / 1P
   Toroidal Chokes
TC100 ALLIED-TC100 Datasheet
378Kb / 1P
   Toroidal Chokes
TC230-100L-RC ALLIED-TC230-100L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
VTCB210 ALLIED-VTCB210 Datasheet
1Mb / 1P
   Toroidal Chokes
TC230 ALLIED-TC230 Datasheet
1Mb / 1P
   Toroidal Chokes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com