Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM1125ABV Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM1125ABV
Description  Multimelody IC for Pagers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1125ABV Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM1125ABV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM1125ABV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM1125ABV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM1125ABV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM1125ABV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM1125ABV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM1125ABV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM1125ABV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM1125ABV Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SM1125ABV
SEIKO NPC CORPORATION —4
AC Characteristics
Unless otherwise noted Ta =
−20 to 70°C, VSS = 0V, VDD = 2.0 to 3.6V
SC input pulse
SC-SI serial input pulse
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
SC pulse cycle
tSC
“SC input pulse” timing
5.0
µs
SC HIGH-level pulsewidth
tSWH
2.0
µs
SC LOW-level pulsewidth
tSWL
2.0
µs
SC pulse rise time
tSr
200
ns
SC pulse fall time
tSf
200
ns
SI-SC setup time
tDS
“SC-SI serial input pulse”
timing
2.0
µs
SI-SC hold time
tDH
2.0
µs
VIH
VIL
0.5VDD
tSf
tSr
SWL
t
SC
t
0.1VDD
0.9VDD
t SWH
VIH
VIL
0.5VDD
SC
VIH
VIL
0.5VDD
SI
DH
t
t DS


Similar Part No. - SM1125ABV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM1125 NPC-SM1125 Datasheet
96Kb / 12P
   Multimelody IC for Pagers
SM1125 NPC-SM1125 Datasheet
114Kb / 13P
   Multimelody IC for Pagers
SM1125XXV NPC-SM1125XXV Datasheet
114Kb / 13P
   Multimelody IC for Pagers
SM1125 NPC-SM1125_06 Datasheet
114Kb / 13P
   Multimelody IC for Pagers
More results

Similar Description - SM1125ABV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM1125 NPC-SM1125 Datasheet
96Kb / 12P
   Multimelody IC for Pagers
SM1124 NPC-SM1124 Datasheet
92Kb / 10P
   Multimelody IC for Pagers
SM1125 NPC-SM1125_06 Datasheet
114Kb / 13P
   Multimelody IC for Pagers
logo
New Japan Radio
NJM2537 NJRC-NJM2537_1 Datasheet
228Kb / 10P
   FM IF IC FOR PAGERS
logo
Rohm
BH6111FV ROHM-BH6111FV Datasheet
148Kb / 9P
   Power unit IC for pagers
logo
New Japan Radio
NJM2537 NJRC-NJM2537 Datasheet
321Kb / 10P
   FM IF IC FOR PAGERS
logo
Nippon Precision Circui...
SM8211M NPC-SM8211M Datasheet
145Kb / 22P
   POCSAG Decoder For Pagers
logo
CML Microcircuits
FX013 CMLMICRO-FX013 Datasheet
229Kb / 6P
   HSC Tone Decoder for pagers
logo
Nippon Precision Circui...
SM8213AM NPC-SM8213AM Datasheet
171Kb / 33P
   POCSAG Decoder For Multiframe Pagers
logo
Rohm
BH6113FV ROHM-BH6113FV Datasheet
207Kb / 11P
   Power unit ICs for pagers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com