Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAP1005 Datasheet(PDF) 9 Page - SMSC Corporation

Part # CAP1005
Description  5 and 6 Channel Capacitive Touch Sensor
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1005 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button CAP1005 Datasheet HTML 5Page - SMSC Corporation CAP1005 Datasheet HTML 6Page - SMSC Corporation CAP1005 Datasheet HTML 7Page - SMSC Corporation CAP1005 Datasheet HTML 8Page - SMSC Corporation CAP1005 Datasheet HTML 9Page - SMSC Corporation CAP1005 Datasheet HTML 10Page - SMSC Corporation CAP1005 Datasheet HTML 11Page - SMSC Corporation CAP1005 Datasheet HTML 12Page - SMSC Corporation CAP1005 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
5 and 6 Channel Capacitive Touch Sensor
Datasheet
SMSC CAP1005 / CAP1006
9
Revision 1.1 (08-05-09)
DATASHEET
The pin types are described in detail below. All pins labeled with (5V) are 5V tolerant.
APPLICATION NOTE: For the 5V tolerant pins that have a pull-up resistor, the pull-up voltage must not exceed 3.6V
when the CAP1005 / CAP1006 is unpowered.
10
CS1
Capacitive Touch Sensor 1
AIO
Bottom Pad
GND
Ground
Power
Table 1.3 Pin Types
PIN TYPE
DESCRIPTION
Power
This pin is used to supply power or ground to the
device.
DI
Digital Input - This pin is used as a digital input. This
pin is 5V tolerant.
AIO
Analog Input / Output -This pin is used as an I/O for
analog signals.
DIOD
Digital Input / Open Drain Output- This pin is used as a
digital I/O. When it is used as an output, it is open drain
and requires a pull-up resistor. This pin is 5V tolerant.
OD
Open Drain Digital Output - this pin is used as a digital
output. It is open drain and requires a pull-up resistor.
This pin is 5V tolerant.
DO
Push-pull Digital Output - This pin is used as a digital
output and can sink and source current.
DIO
Push-pull Digital Input / Output - This pin is used as an
I/O for digital signals.
Table 1.2 Pin Description for CAP1005 (continued)
PIN
NUMBER
PIN NAME
PIN FUNCTION
PIN TYPE


Similar Part No. - CAP1005

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
CAP1014 SMSC-CAP1014 Datasheet
1Mb / 84P
   Multiple Channel Capacitive Touch Sensor and LED Driver
CAP1014-1-EZK-TR SMSC-CAP1014-1-EZK-TR Datasheet
1Mb / 84P
   Multiple Channel Capacitive Touch Sensor and LED Driver
CAP1014-2-EZK-TR SMSC-CAP1014-2-EZK-TR Datasheet
1Mb / 84P
   Multiple Channel Capacitive Touch Sensor and LED Driver
CAP1026 SMSC-CAP1026 Datasheet
1Mb / 70P
   6 Channel Capacitive Touch Sensor with 2 LED Drivers
CAP1026-1-AP-TR SMSC-CAP1026-1-AP-TR Datasheet
1Mb / 70P
   6 Channel Capacitive Touch Sensor with 2 LED Drivers
More results

Similar Description - CAP1005

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
CAP1106-1-AIA-TR MICROCHIP-CAP1106-1-AIA-TR Datasheet
272Kb / 4P
   5 and 6 Channel Capacitive Touch Sensor
Revision 1.32 01-05-12
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
   6 Channel Capacitive Touch Sensor
01/27/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
   6-Channel Capacitive Touch Sensor
07/14/15
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
   6-channel Capacitive Touch Sensor IC
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
   6-channel Capacitive Touch Sensor IC
logo
Microchip Technology
CAP1296 MICROCHIP-CAP1296 Datasheet
834Kb / 68P
   6-Channel Capacitive Touch Sensor with Proximity
07/14/15
CAP1166 MICROCHIP-CAP1166 Datasheet
980Kb / 79P
   6 Channel Capacitive Touch Sensor with 6 LED Drivers
01/27/15
logo
SMSC Corporation
CAP1066 SMSC-CAP1066 Datasheet
1Mb / 71P
   6 Channel Capacitive Touch Sensor with 6 LED Drivers
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
   8-Channel Capacitive Touch Sensor
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com