Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC47M997 Datasheet(PDF) 5 Page - SMSC Corporation

Part # LPC47M997
Description  LPC Super I/O with Hardware Monitoring Block
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M997 Datasheet(HTML) 5 Page - SMSC Corporation

  LPC47M997 Datasheet HTML 1Page - SMSC Corporation LPC47M997 Datasheet HTML 2Page - SMSC Corporation LPC47M997 Datasheet HTML 3Page - SMSC Corporation LPC47M997 Datasheet HTML 4Page - SMSC Corporation LPC47M997 Datasheet HTML 5Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SMSC LPC47M997
Page 5
Rev. 01-12-07
PRODUCT PREVIEW
Package Outline
Figure 2 - 128 PIN QFP Package Outline, 14x20x2.7 Body, 3.2 mm Footprint
Table 1 - 128 PIN QFP Package Parameters
MIN
NOMINAL
MAX
REMARKS
A
~
~
3.4
Overall Package Height
A1
0.05
~
0.5
Standoff
A2
2.55
~
3.05
Body Thickness
D
23.00
23.20
23.40
X Span
D1
19.90
20.00
20.10
X body Size
E
17.00
17.20
17.40
Y Span
E1
13.90
14.00
14.10
Y body Size
H
0.09
~
0.20
Lead Frame Thickness
L
0.73
0.88
1.03
Lead Foot Length
L1
~
1.60
~
Lead Length
e
0.50 Basic
Lead Pitch
θ
0
o
~
7
o
Lead Foot Angle
W
0.10
~
0.30
Lead Width
R1
0.08
~
~
Lead Shoulder Radius
R2
0.08
~
0.30
Lead Foot Radius
ccc
~
~
0.08
Coplanarity
Notes:
1. Controlling Unit: millimeter.
2. Tolerance on the position of the leads is ± 0.04 mm maximum.
3. Package body dimensions D1 and E1 do not include the mold protrusion.
Maximum mold protrusion is 0.25 mm.
4. Dimension for foot length L measured at the gauge plane 0.25 mm above the seating plane.
5. Details of pin 1 identifier are optional but must be located within the zone indicated.


Similar Part No. - LPC47M997

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47M102S-MC SMSC-LPC47M102S-MC Datasheet
244Kb / 5P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M102S-MC SMSC-LPC47M102S-MC Datasheet
1Mb / 188P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M102S-MS SMSC-LPC47M102S-MS Datasheet
244Kb / 5P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M102S-MS SMSC-LPC47M102S-MS Datasheet
1Mb / 188P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M107S-MC SMSC-LPC47M107S-MC Datasheet
244Kb / 5P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
More results

Similar Description - LPC47M997

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47M192 SMSC-LPC47M192 Datasheet
1Mb / 228P
   LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
logo
Feature Integration Tec...
F71889A FINTEK-F71889A Datasheet
1Mb / 132P
   Super Hardware Monitor LPC I/O
F71889E FINTEK-F71889E Datasheet
3Mb / 114P
   Super Hardware Monitor LPC I/O
F71883 FINTEK-F71883 Datasheet
2Mb / 133P
   Super Hardware Monitor LPC I/O
F71889 FINTEK-F71889 Datasheet
2Mb / 114P
   Super Hardware Monitor LPC I/O
F71862 FINTEK-F71862 Datasheet
837Kb / 110P
   Super Hardware Monitor LPC I/O
F71863 FINTEK-F71863 Datasheet
907Kb / 112P
   Super Hardware Monitor LPC I/O
F71882 FINTEK-F71882 Datasheet
2Mb / 130P
   Super Hardware Monitor LPC I/O
F71808E FINTEK-F71808E Datasheet
694Kb / 92P
   Super Hardware Monitor LPC I/O with Power Saving Control
logo
National Semiconductor ...
PC87365 NSC-PC87365 Datasheet
2Mb / 215P
   128-Pin LPC SuperI/O with System Hardware Monitoring
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com