Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA810M Datasheet(PDF) 3 Page - Sanken electric

Part # STA810M
Description  Separate Excitation Switching Mode Regulator ICs with Flywheel Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STA810M Datasheet(HTML) 3 Page - Sanken electric

  STA810M Datasheet HTML 1Page - Sanken electric STA810M Datasheet HTML 2Page - Sanken electric STA810M Datasheet HTML 3Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5
qSTA810M Series
sTypical Characteristics
Efficiency
Output Voltage Rise
Output Voltage Fluctuation
Overcurrent Protection Characterisitcs
Thermal Protection
Temperature Characteristics
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
30
40
50
60
70
80
90
100
Output Current IO (A)
VIN=8.5V
20V
28V
40V
05
15
10
25
20
30
8
6
4
2
0
Intput Voltage VIN (V)
lO=0A
1A
1.5A
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
6.40
6.50
6.30
6.60
6.70
Output Current IO (A)
VIN=40V
28V
20V
8.5V
0
0.5
1.5
1
2.5
23
8
6
4
2
0
Output Current IO (A)
VIN=8.5V
28V
40V
50
75
125
100
175
150
200
8
6
4
2
0
Ambient Temperature Ta (
°C)
TSD ON
TSD OFF
–50
0
50
100
150
160
140
120
100
80
60
6.65
6.6
6.55
6.5
6.45
6.4
Ambient Temperature Ta (
°C)
Freq
VO
η


Similar Part No. - STA810M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA8100GA STMICROELECTRONICS-STA8100GA Datasheet
1,001Kb / 42P
   Teseo V family automotive multi-band multi-constellation GNSS precise engine receiver
October 2021 Rev 4
More results

Similar Description - STA810M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA820M SANKEN-STA820M Datasheet
436Kb / 2P
   Separate Excitation Switching Mode Regulator ICs with Flywheel Diode
SI-8000GL SANKEN-SI-8000GL_10 Datasheet
45Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000TFE SANKEN-SI-8000TFE Datasheet
443Kb / 2P
   Full-Mold Separate Excitation Step-down Switching Mode Regulator ICs
NR887D SANKEN-NR887D Datasheet
59Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000GL SANKEN-SI-8000GL Datasheet
456Kb / 4P
   Series Compact Separate Excitation Step-down Switching Mode Regulator ICs
SPI-8000A SANKEN-SPI-8000A Datasheet
440Kb / 3P
   Surface Mount, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000HFE SANKEN-SI-8000HFE_10 Datasheet
50Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000SD SANKEN-SI-8000SD Datasheet
455Kb / 5P
   Surface Mount Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000W SANKEN-SI-8000W Datasheet
429Kb / 2P
   Surface-Mount Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000JF SANKEN-SI-8000JF_10 Datasheet
48Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com