Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPI-8003TW Datasheet(PDF) 2 Page - Sanken electric

Part # SPI-8003TW
Description  2-Output Step-down Switching Mode Regulator ICs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SPI-8003TW Datasheet(HTML) 2 Page - Sanken electric

  SPI-8003TW Datasheet HTML 1Page - Sanken electric SPI-8003TW Datasheet HTML 2Page - Sanken electric SPI-8003TW Datasheet HTML 3Page - Sanken electric SPI-8003TW Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
61
ICs
SPI-8001TW/SPI-8002TW/SPI-8003TW
■Electrical Characteristics*1
Unit
V
mV/ °C
%
%
kHz
mV
mV
A
mA
mA
µA
µA
mA
mA
V
V
µA
V
µA
Parameter
Reference Voltage
Temperature Coefficient
of Reference Voltage
Efficiency 1*2
Efficiency 2*2
Oscillation Frequency
Line Regulation
Load Regulation
Overcurrent Protection
Starting Current
Quiescent Circuit Current 1
Quiescent Circuit Current 2
Quiescent Circuit Current 3
Quiescent Circuit Current 4
Quiescent Circuit Current 5
Quiescent Circuit Current 6
High Level Voltage
C/E Pin
Low Level Voltage
Inflow Current
at High
Low Level Voltage
SS Pin*3
Inflow Current
at Low
Symbol
VREF
Conditions
∆VREF/∆T
Conditions
Eff1
Conditions
Eff2
Conditions
fosc
Conditions
VLINE
Conditions
VLOAD
Conditions
IS
Conditions
IIN
Conditions
ICC
Conditions
IIN (off)
Conditions
ICC (off)
Conditions
IIN (ssov)
Conditions
ICC (ssov)
Conditions
VC/EH
Conditions
VC/EL
Conditions
IC/EH
Conditions
VSSL
Conditions
ISSL
Conditions
(Ta=25°C)
*1: Electrical characteristics show the characteristic ratings guaranteed when operating the ICs under the measurement conditions described in the above table.
*2: Efficiency is calculated from the following formula.
η (%) =
VO·IO
× 100
VIN·IIN
*3: Pin 6 and pin 11 are the SS pins. Soft start at power on can be performed with capacitors connected to these pins. The outputs can also be turned ON/OFF with these pins. The
outputs are stopped by setting the voltages of these pins to VSSL or lower. SS-pin voltages can be changed with open-collector drive circuits of transistors.
When using both the soft-start and ON/OFF functions together, the discharge currents from C4 and C5 flow into the ON/OFF control transistors respectively. Therefore, limit the
currents securely to protect the transistors if C4 and C5 capacitances are large. The SS pins are pulled up to the power supply in the ICs, so applying the external voltages are
prohibited.
Ratings
SPI-8001TW
SPI-8002TW
SPI-8003TW
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
0.996
1.006
1.016
0.996
1.006
1.016
0.966
1.006
1.016
VIN=10V, VO=1V, IO=0.1A
VIN=14V, IO=0.1A
±0.1
±0.1
±0.1
VIN=10V, VO=1V, IO=0.1A, Ta=–30 to +135°C
VIN=14V, IO=0.1A, Ta=–30 to +125°C
80
78
78
VIN=VCC=15V, VO=5V, IO=0.5A, IIN: including ICC
VIN= VCC=14V, VO=5V, IO=0.5A, IIN : including ICC
83
81
81
VIN=15V, VO=5V, IO=0.5A, VCC=5V, IIN: excluding ICC
VIN=14V, VCC=5V, VO=5V, IO=0.5A, IIN : excluding ICC
250
215
250
285
200
400
VIN=VCC=15V, VO=5V, IO=0.5A
VIN=14V, IO=0.1A, COSC=100pF
30
60
30
60
30
60
VIN=VCC=10 to 20V, VO=5V, IO=1A
VIN=VCC=9 to 18V, VO=5V, IO=1A
10
40
10
40
10
40
VIN=VCC=15V, VO=5V, IO=0.2 to 1.5A
VIN=VCC=14V, VO=5V, IO=0.2 to 1.5A
1.6
1.6
1.6
VIN=VCC=15V
VIN=VCC=14V
44
4
VIN=15V, VCC=5V, IO=0V, VO≤12V
VIN=14V, VCC=5V, IO=0A, VO≤12V
8.5
8.5
8.5
VCC=15V, IO=0A
VCC=14V, IO=0A
11
1
VIN=15V, VC/E=0V or Open
VIN=14V, VC/E=0V or Open
11
1
VCC=15V, VC/E=0V or Open
VIN=14V, VC/E=0V or Open
—4
VIN=14V, VCC=5V, IO=0A, SS1=SS2=0V
8.5
—VCC=14V, IO=0V, SS1=SS2=0V
22
2
VIN=VCC=15V
VIN=VCC=14V
0.8
0.8
0.8
VIN=VCC=15V
VIN=VCC=14V
95
95
95
VC/E=20V
VC/E=20V
0.5
0.5
0.5
VIN=VCC=15V
VIN=VCC=14V
60
80
60
80
60
80
VSSL=0V, VIN=VCC=15V
VSSL=0V, VIN=VCC=14V


Similar Part No. - SPI-8003TW

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPI-8003TW SANKEN-SPI-8003TW Datasheet
117Kb / 4P
   2-Output, Step-down Switching Mode
SPI-8003TW SANKEN-SPI-8003TW Datasheet
89Kb / 4P
   2-Output, Step-down Switching Mode
More results

Similar Description - SPI-8003TW

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8100QL SANKEN-SI-8100QL Datasheet
436Kb / 2P
   Current Mode Control Step-down Switching Mode Regulator ICs
SI-8000Y SANKEN-SI-8000Y Datasheet
59Kb / 2P
   Current Mode Control Step-down Switching Mode Regulator ICs
SPI-8001TW SANKEN-SPI-8001TW Datasheet
89Kb / 4P
   2-Output, Step-down Switching Mode
SPI-8001TW SANKEN-SPI-8001TW_11 Datasheet
117Kb / 4P
   2-Output, Step-down Switching Mode
SI-8000GL SANKEN-SI-8000GL_10 Datasheet
45Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode Regulator ICs
SPI-8000A SANKEN-SPI-8000A Datasheet
440Kb / 3P
   Surface Mount, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000HFE SANKEN-SI-8000HFE_10 Datasheet
50Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000TFE SANKEN-SI-8000TFE Datasheet
443Kb / 2P
   Full-Mold Separate Excitation Step-down Switching Mode Regulator ICs
NR887D SANKEN-NR887D Datasheet
59Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000GL SANKEN-SI-8000GL Datasheet
456Kb / 4P
   Series Compact Separate Excitation Step-down Switching Mode Regulator ICs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com