Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI-3000KS Datasheet(PDF) 2 Page - Sanken electric

Part # SI-3000KS
Description  Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3000KS Datasheet(HTML) 2 Page - Sanken electric

  SI-3000KS Datasheet HTML 1Page - Sanken electric SI-3000KS Datasheet HTML 2Page - Sanken electric SI-3000KS Datasheet HTML 3Page - Sanken electric SI-3000KS Datasheet HTML 4Page - Sanken electric SI-3000KS Datasheet HTML 5Page - Sanken electric SI-3000KS Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
15
ICs
SI-3000KS Series
■External Dimensions (SOP8)
(Unit : mm)
0.995max.
0.10
1.27
0.4±0.1
0.4±0.1
0.15+0.1
5.1±0.4
1.27
8765
1234
–0.05
0.12 M
Pin Assignment
q VC
w VIN
e VO
r Sence (ADJ for SI-3012KS)
t GND
y GND
u GND
i GND
Plastic Mold Package Type
Flammability: UL 94V-0
Product Mass: Approx. 0.1 g
■Block Diagram
■Typical Connection Diagram
●SI-3012KS
●SI-3025KS, SI-3033KS
●SI-3012KS
●SI-3025KS, SI-3033KS
R1, R2: Output voltage setting resistors
The output voltage can be set by connecting R1 and R2
as shown above.
The recommended value of R2 is 24 k
Ω .
R1=(VO–VADJ)
÷(VADJ/R2)
2
VIN
1
REF
VC
VOUT
ADJ
GND
4
8
7
6
5
3
TSD
-
+
2
VIN
1
REF
VC
VOUT
Sense
GND
4
8
7
6
5
3
TSD
-
+
GND
5 to 8
VIN
CIN
R1
R2
2
VO
CO
3
VC
1
ADJ
4
+
Load
GND
5 to 8
VIN
CIN
R2
2
VO
CO
3
VC
1
sense
4
Load
CIN: Input capacitor (22
µF or larger)
CO: Output capacitor (22
µF or larger)
For SI-3000KS series, Co has to be a low ESR capacitor.
When using the electrolytic capacitor, the SI-3000KS series may oscillate at a low temperature.
■Reference Data
Copper Laminate Area vs.
Thermal Resistance
Copper Laminate Area vs.
Power Dissipation
• Obtaining the junction temperature
Measure the temperature TL at the lead part of the GND
pin (pin 7) with a thermocouple, etc. Then, substitute
this value in the following formula to obtain the junction
temperature.
Tj=PD
× θj–L + TL
(
θj–L = 22°C/W)
Copper laminate area (mm2)
(GND terminal)
10
100
140
120
100
80
60
40
1000
Area of PC board : 40
×40mm
10
100
1.2
1
0.8
0.6
0.4
0.2
0
1000
Tj=100
°C Area of PC board : 40×40mm
Ta=25
°C
Ta=50
°C
Ta=80
°C
Copper laminate area (mm2)
(GND terminal)


Similar Part No. - SI-3000KS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI-3000KS ETC-SI-3000KS Datasheet
85Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
Sanken electric
SI-3000KS SANKEN-SI-3000KS Datasheet
48Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS_10 Datasheet
48Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS_11 Datasheet
82Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results

Similar Description - SI-3000KS

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3012KD ALLEGRO-SI-3012KD Datasheet
69Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000LLSL SANKEN-SI-3000LLSL Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KM SANKEN-SI-3000KM_10 Datasheet
60Kb / 3P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3010KM SANKEN-SI-3010KM Datasheet
149Kb / 12P
   Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000LSA SANKEN-SI-3000LSA Datasheet
75Kb / 2P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS_10 Datasheet
48Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KD SANKEN-SI-3000KD Datasheet
69Kb / 3P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
logo
Allegro MicroSystems
SI-3012KM ALLEGRO-SI-3012KM Datasheet
149Kb / 12P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3012KS ALLEGRO-SI-3012KS Datasheet
97Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000KFE SANKEN-SI-3000KFE Datasheet
56Kb / 2P
   Low Current Consumption Low Dropout Voltage Linear Regulator ICs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com