Electronic Components Datasheet Search |
|
CG2420 Datasheet(PDF) 4 Page - Littelfuse |
|
CG2420 Datasheet(HTML) 4 Page - Littelfuse |
4 / 6 page ©2009 Littelfuse, Inc. Gas Discharge Tube (GDT) Products 30 Revised: November 10, 2009 Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information. Customer should verify actual device performance in their specific applications. CG/CG2 Series CG/CG2 Series Reflow Condition Pb – Free assembly Pre Heat - Temperature Min (T s(min)) 150°C - Temperature Max (T s(max)) 200°C - Time (Min to Max) (t s) 60 – 180 secs Average ramp up rate (Liquidus Temp (T L) to peak 3°C/second max T S(max) to TL - Ramp-up Rate 5°C/second max Reflow - Temperature (T L) (Liquidus) 217°C - Temperature (t L) 60 – 150 seconds Peak Temperature (T P) 260+0/-5 °C Time within 5°C of actual peak Temperature (t p) 10 – 30 seconds Ramp-down Rate 6°C/second max Time 25°C to peak Temperature (T P) 8 minutes Max. Do not exceed 260°C Soldering Parameters - Reflow Soldering (Surface Mount Devices) Time TP TL TS(max) TS(min) 25 tP tL tS time to peak temperature (t 25ºC to peak) Ramp-down Ramp-up Preheat Critical Zone TL to TP Soldering Parameters - Wave Soldering (Thru-Hole Devices) Soldering Parameters - Hand Soldering Dwell Time 0 20 40 60 80 100 120 140 160 180 200 220 240 260 280 300 Time (Seconds) Cooling Time Preheat Time Wave Parameter Lead-Free Recommendation Preheat: (Depends on Flux Activation Temperature) (Typical Industry Recommendation) Temperature Minimum: 100 ° C Temperature Maximum: 150 ° C Preheat Time: 60-180 seconds Solder Pot Temperature: 280 ° C Maximum Solder Dwell Time: 2-5 seconds Recommended Process Parameters: Solder Iron Temperature: 350° C +/- 5°C Heating Time: 5 seconds max. |
Similar Part No. - CG2420 |
|
Similar Description - CG2420 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |