Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3050 Datasheet(PDF) 7 Page - Littelfuse

Part # SP3050
Description  Low Capacitance Diode Array for ESD and Surge Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3050 Datasheet(HTML) 7 Page - Littelfuse

  SP3050 Datasheet HTML 1Page - Littelfuse SP3050 Datasheet HTML 2Page - Littelfuse SP3050 Datasheet HTML 3Page - Littelfuse SP3050 Datasheet HTML 4Page - Littelfuse SP3050 Datasheet HTML 5Page - Littelfuse SP3050 Datasheet HTML 6Page - Littelfuse SP3050 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
©2009 Littelfuse, Inc.
SPA™ Silicon Protection Array Products
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Low Capacitance Diode Array for ESD and Surge Protection
SP3050 Lead-Free/Green Series
Embossed Carrier Tape & Reel Specification -- SOT23-6
GENERAL INFORMATION
1. 3000 PIECES PER REEL.
2. ORDER IN MULTIPLES OF FULL REELS ONLY.
3. MEETS EIA-481 REVISION "A" SPECIFICATIONS.
2.0mm
4.0mm
CL
1.75mm
1.5mm
DIA. HOLE
8mm
4.0mm
8.4mm
180mm
14.4mm
13mm
60mm
ACCESS HOLE
COVER TAPE
USER DIRECTION OF FEED
PIN 1
SOT-23 (8mm POCKET PITCH)


Similar Part No. - SP3050

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3050-04HTG LITTELFUSE-SP3050-04HTG Datasheet
159Kb / 1P
   10/100 relates to the data rate in Mbps (i.e. 10Mbps and 100Mbps)
SP3050-04HTG LITTELFUSE-SP3050-04HTG Datasheet
152Kb / 1P
   1000 relates to the data rate in Mbps (i.e. 1000Mbps)
SP3050-04HTG LITTELFUSE-SP3050-04HTG Datasheet
548Kb / 1P
   LVDS is a low noise, low-voltage signal scheme that uses a small current (typically 3.5mA) to generate a voltage drop across a 100廓 resistor to convey information or data
SP3050 LITTELFUSE-SP3050_11 Datasheet
273Kb / 4P
   TVS Diode Arrays
More results

Similar Description - SP3050

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ1603-02S AMAZING-AZ1603-02S Datasheet
195Kb / 7P
   Low Capacitance ESD Protection Array For ESD and Surge Protection Revision 2019/
Revision 2019/10/15
logo
TECH PUBLIC Electronics...
TPRCLAMP3374N TECHPUBLIC-TPRCLAMP3374N Datasheet
1Mb / 4P
   Low Capacitance Array for ESD Protection Diode
logo
STMicroelectronics
DALC112S1 STMICROELECTRONICS-DALC112S1 Datasheet
31Kb / 3P
   LOW CAPACITANCE DIODE ARRAY FOR ESD PROTECTION
logo
Infineon Technologies A...
TVS3V3L4U INFINEON-TVS3V3L4U Datasheet
1Mb / 16P
   Low Capacitance ESD / Transient / Surge Protection Array
Revision 2.4, 2013-02-06
logo
Diodes Incorporated
DESD1P0RFW DIODES-DESD1P0RFW Datasheet
90Kb / 4P
   LOW CAPACITANCE, ESD PROTECTION DIODE ARRAY
logo
Vishay Siliconix
GMF05MC VISHAY-GMF05MC Datasheet
147Kb / 4P
   Low Capacitance ESD Protection Diode Array
Rev. 1.1, 02-Mar-05
logo
Semtech Corporation
RCLAMP0582B SEMTECH-RCLAMP0582B Datasheet
152Kb / 6P
   Low Capacitance TVS for ESD and Surge Protection
logo
Diodes Incorporated
DESD1P0RFWA DIODES-DESD1P0RFWA Datasheet
459Kb / 5P
   LOW CAPACITANCE ESD PROTECTION DIODE ARRAY
Rev. 1 - 2 September 2022
logo
STMicroelectronics
DALC208SC6Y STMICROELECTRONICS-DALC208SC6Y Datasheet
126Kb / 12P
   Automotive low capacitance diode array for ESD protection
November 2012 Rev 1
logo
Union Semiconductor, In...
UESD6V8L4A UNIONSEMI-UESD6V8L4A_14 Datasheet
319Kb / 9P
   Low Capacitance TVS Diode Array for ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com