Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3050 Datasheet(PDF) 6 Page - Littelfuse

Part # SP3050
Description  Low Capacitance Diode Array for ESD and Surge Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3050 Datasheet(HTML) 6 Page - Littelfuse

  SP3050 Datasheet HTML 1Page - Littelfuse SP3050 Datasheet HTML 2Page - Littelfuse SP3050 Datasheet HTML 3Page - Littelfuse SP3050 Datasheet HTML 4Page - Littelfuse SP3050 Datasheet HTML 5Page - Littelfuse SP3050 Datasheet HTML 6Page - Littelfuse SP3050 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
SPA™ Silicon Protection Array Products
Low Capacitance Diode Array for ESD and Surge Protection
SP3050 Lead-Free/Green Series
Ordering Information
Part Number
Package
Marking
Min. Order Qty.
SOT23-6
3000
Product Characteristics
Lead Plating
Lead Material
Lead Coplanarity
0.0004 inches (0.102mm)
Subsitute Material
Silicon
Body Material
Flammability
2. Dimensions include solder plating.
Part Numbering System
Part Marking System
SP 3050 04 H T G
Silicon
Protection Array
Series
Number of
Channels
Package
H: SOT23-6
T= Tape & Reel
G= Green
L*4
L * 4
Product Series
L = SP3050
Number of Channels
Assembly Site
(Varies)
L = SP3050
(Varies)


Similar Part No. - SP3050

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3050-04HTG LITTELFUSE-SP3050-04HTG Datasheet
159Kb / 1P
   10/100 relates to the data rate in Mbps (i.e. 10Mbps and 100Mbps)
SP3050-04HTG LITTELFUSE-SP3050-04HTG Datasheet
152Kb / 1P
   1000 relates to the data rate in Mbps (i.e. 1000Mbps)
SP3050-04HTG LITTELFUSE-SP3050-04HTG Datasheet
548Kb / 1P
   LVDS is a low noise, low-voltage signal scheme that uses a small current (typically 3.5mA) to generate a voltage drop across a 100廓 resistor to convey information or data
SP3050 LITTELFUSE-SP3050_11 Datasheet
273Kb / 4P
   TVS Diode Arrays
More results

Similar Description - SP3050

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ1603-02S AMAZING-AZ1603-02S Datasheet
195Kb / 7P
   Low Capacitance ESD Protection Array For ESD and Surge Protection Revision 2019/
Revision 2019/10/15
logo
TECH PUBLIC Electronics...
TPRCLAMP3374N TECHPUBLIC-TPRCLAMP3374N Datasheet
1Mb / 4P
   Low Capacitance Array for ESD Protection Diode
logo
STMicroelectronics
DALC112S1 STMICROELECTRONICS-DALC112S1 Datasheet
31Kb / 3P
   LOW CAPACITANCE DIODE ARRAY FOR ESD PROTECTION
logo
Infineon Technologies A...
TVS3V3L4U INFINEON-TVS3V3L4U Datasheet
1Mb / 16P
   Low Capacitance ESD / Transient / Surge Protection Array
Revision 2.4, 2013-02-06
logo
Diodes Incorporated
DESD1P0RFW DIODES-DESD1P0RFW Datasheet
90Kb / 4P
   LOW CAPACITANCE, ESD PROTECTION DIODE ARRAY
logo
Vishay Siliconix
GMF05MC VISHAY-GMF05MC Datasheet
147Kb / 4P
   Low Capacitance ESD Protection Diode Array
Rev. 1.1, 02-Mar-05
logo
Semtech Corporation
RCLAMP0582B SEMTECH-RCLAMP0582B Datasheet
152Kb / 6P
   Low Capacitance TVS for ESD and Surge Protection
logo
Diodes Incorporated
DESD1P0RFWA DIODES-DESD1P0RFWA Datasheet
459Kb / 5P
   LOW CAPACITANCE ESD PROTECTION DIODE ARRAY
Rev. 1 - 2 September 2022
logo
STMicroelectronics
DALC208SC6Y STMICROELECTRONICS-DALC208SC6Y Datasheet
126Kb / 12P
   Automotive low capacitance diode array for ESD protection
November 2012 Rev 1
logo
Union Semiconductor, In...
UESD6V8L4A UNIONSEMI-UESD6V8L4A_14 Datasheet
319Kb / 9P
   Low Capacitance TVS Diode Array for ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com