Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP1001-04XTG Datasheet(PDF) 7 Page - Littelfuse

Part # SP1001-04XTG
Description  Silicon Protection Arrays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP1001-04XTG Datasheet(HTML) 7 Page - Littelfuse

  SP1001-04XTG Datasheet HTML 1Page - Littelfuse SP1001-04XTG Datasheet HTML 2Page - Littelfuse SP1001-04XTG Datasheet HTML 3Page - Littelfuse SP1001-04XTG Datasheet HTML 4Page - Littelfuse SP1001-04XTG Datasheet HTML 5Page - Littelfuse SP1001-04XTG Datasheet HTML 6Page - Littelfuse SP1001-04XTG Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
17
©2008 Littelfuse, Inc.
Silicon Protection ArraysTM
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
8pF ESD Protection Array
SP1001 Lead-Free/Green Series
Embossed Carrier Tape & Reel Specification - SC70-5 and SC70-6
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.065
0.073
F
3.45
3.55
0.135
0.139
P2
1.95
2.05
0.077
0.081
D
1.40
1.60
0.055
0.063
D1
1.00
1.25
0.039
0.049
P0
3.90
4.10
0.154
0.161
10P0
40.0 +/- 0.20
1.574 +/- 0.008
W
7.70
8.10
0.303
0.318
P
3.90
4.10
0.153
0.161
A0
2.14
2.34
0.084
0.092
B0
2.24
2.44
0.088
0.096
K0
1.12
1.32
0.044
0.051
t
0.27 max
0.010 max
Dimensions
Embossed Carrier Tape & Reel Specification - SOT553 and SOT563
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.065
0.073
F
3.45
3.55
0.135
0.139
P2
1.95
2.05
0.077
0.081
D
1.40
1.60
0.055
0.063
D1
0.45
0.55
0.017
0.021
P0
3.90
4.1
0.154
0.161
10P0
40.0 +/- 0.20
1.574 +/- 0.008
W
7.70
8.10
0.303
0.318
P
3.90
4.10
0.153
0.161
A0
1.73
1.83
0.068
0.072
B0
1.73
1.83
0.068
0.072
K0
0.64
0.74
0.025
0.029
t
0.22 max
0.010 max
Dimensions


Similar Part No. - SP1001-04XTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1001-04XTG LITTELFUSE-SP1001-04XTG Datasheet
298Kb / 6P
   SP1001 Series - 8pF 15kV Unidirectional TVS Array
SP1001-04XTG LITTELFUSE-SP1001-04XTG Datasheet
104Kb / 1P
   Silicon Protection Arrays
logo
TECH PUBLIC Electronics...
SP1001-04XTG TECHPUBLIC-SP1001-04XTG Datasheet
1Mb / 4P
   Low-Capacitance Array with 15-kV ESD Protection
More results

Similar Description - SP1001-04XTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3003-02XTG LITTELFUSE-SP3003-02XTG Datasheet
105Kb / 1P
   Silicon Protection Arrays
SP0502BAJTG LITTELFUSE-SP0502BAJTG Datasheet
104Kb / 1P
   Silicon Protection Arrays
SP03-6 LITTELFUSE-SP03-6 Datasheet
213Kb / 6P
   Silicon Protection Arrays
logo
ON Semiconductor
CM1223 ONSEMI-CM1223_12 Datasheet
335Kb / 13P
   Capacitance ESD Protection Arrays with Backdrive Protection
July, 2012 ??Rev. 6
logo
NXP Semiconductors
PESDXS5UD NXP-PESDXS5UD Datasheet
115Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
logo
Diodes Incorporated
DESD24VS5U6SOQ DIODES-DESD24VS5U6SOQ Datasheet
433Kb / 5P
   FIVEFOLD ESD PROTECTION DIODE ARRAYS
July 2020 Rev.1 - 2
logo
NXP Semiconductors
PESDXS5UD PHILIPS-PESDXS5UD Datasheet
115Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
logo
Nexperia B.V. All right...
PESDXS5UD_SER NEXPERIA-PESDXS5UD_SER Datasheet
664Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02 - 7 December 2006
logo
ON Semiconductor
CM1293A ONSEMI-CM1293A_12 Datasheet
518Kb / 9P
   Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
logo
Semikron International
DAN803 SEMIKRON-DAN803 Datasheet
157Kb / 2P
   Silicon rectifiers arrays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com