Electronic Components Datasheet Search |
|
16R1000G Datasheet(PDF) 1 Page - Littelfuse |
|
16R1000G Datasheet(HTML) 1 Page - Littelfuse |
1 / 6 page 117 ©2009 Littelfuse, Inc. Revised: April 3, 2009 POLYFUSE® Resettable PTCs ©2009 Littelfuse, Inc. 16R Series Radial Leaded > 16R Series Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/16R.html for current information. 16R Series The 16R Series Radial Leaded device is designed to provide different products in the general applications with maximum 16 volts and a maximum 100-ampere short circuit rating. Electrical Characteristics Part Number I hold (A) I trip (A) V max (Vdc) I max (A) P d typ. (W) MaximumTime ToTrip Resistance Agency Approvals Current (A) Time (Sec.) R min (Ω) R 1max (Ω) 16R250G 2.5 4.7 16 100 1.0 12.5 5.0 0.0220 0.0530 XX 16R300G 3.0 5.1 16 100 2.3 15.0 1.0 0.0380 0.0975 XX 16R400G 4.0 6.8 16 100 2.4 20.0 1.7 0.0210 0.0600 XX 16R500G 5.0 8.5 16 100 2.6 25.0 2.0 0.0150 0.0340 XX 16R600G 6.0 10.2 16 100 2.8 30.0 3.3 0.0100 0.0280 XX 16R700G 7.0 11.9 16 100 3.0 35.0 3.5 0.0077 0.0200 XX 16R800G 8.0 13.6 16 100 3.0 40.0 5.0 0.0056 0.0175 XX 16R900G 9.0 15.3 16 100 3.3 45.0 5.5 0.0047 0.0135 XX 16R1000G 10.0 17.0 16 100 3.6 50.0 6.0 0.0040 0.0102 XX 16R1100G 11.0 18.7 16 100 3.7 55.0 7.0 0.0037 0.0089 XX 16R1200G 12.0 20.4 16 100 4.2 60.0 7.5 0.0033 0.0086 XX 16R1400G 14.0 23.8 16 100 4.6 70.0 9.0 0.0026 0.0064 XX Description Features Applications requirements I hold = Hold current: maximum current device will pass without tripping in 23°C still air. I trip = Trip current: minimum current at which the device will trip in 23°C still air. V max = Maximum voltage device can withstand without damage at rated current (Imax) I max = Maximum fault current device can withstand without damage at rated voltage (Vmax) P d = Power dissipated from device when in the tripped state at 23°C still air. R min = Minimum resistance of device in initial (un-soldered) state. R 1max = Maximum resistance of device at 23°C measured one hour after tripping. Caution: Operation beyond the specified rating may result in damage and possible arcing and flame. Agency Approvals AGENCY AGENCY FILE NUMBER E183209 R50119318 |
Similar Part No. - 16R1000G |
|
Similar Description - 16R1000G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |