Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI-3000KD Datasheet(PDF) 2 Page - Sanken electric

Part # SI-3000KD
Description  Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3000KD Datasheet(HTML) 2 Page - Sanken electric

  SI-3000KD Datasheet HTML 1Page - Sanken electric SI-3000KD Datasheet HTML 2Page - Sanken electric SI-3000KD Datasheet HTML 3Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
21
ICs
SI-3000KD Series
■Electrical Characteristics 2 (High VO Type)
*1: Refer to the Dropout Voltage parameter.
*2: Is1 is specified at the 5% drop point of output voltage VO under the condition of Output Voltage parameter.
*3: Output is OFF when the output control terminal (VC terminal) is open. Each input level is equivalent to LS-TTL level. Therefore, the device can be driven directly by LS-TTLs.
*4: SI-3010KD, SI-3050KD, cannot be used in the following applications because the built-in foldback-type overcurrent protection may cause errors during start-up stage.
(1) Constant current load (2) Positive and negative power supply (3) Series-connected power supply (4) VO adjustment by raising ground voltage
*5: VIN (max) and IO (max) are restricted by the relation PD = (VIN - VO)
✕ IO. Please calculate these values referring to the Copper laminate area vs. Power dissipation data as shown
hereinafter.
■External Dimensions (TO263-5)
(unit : mm)
Pin Assignment
q VC
w VIN
e GND (Common to the rear side of product)
r VO
t Sense
(ADJ for SI-3010KD/3012KD)
Plastic Mold Package Type
Flammability: UL94V-0
Product Mass: Approx. 1.48g
9.9
±0.2
Case temperature
measurement point
(15
°)
(0.5)
2-R0.3
10.0
±0.02
3-R0.3
(2
×R0.45)
(R0.3)
(R0.3)
0.88
±0.10
1.5 Dp:
±0.2
φ
(1.7
±0.25
)
12345
(1.7
±0.25
)
(1.7
±0.25
)
(1.7
±0.25
)
0.8
±0.1
0.8
±0.1
4.5
±0.2
1.3
0.10
±0.15
2.4
±0.2
+0.10
–0.05
10.0
±0.2
(4.4)
(8.0)
(3
°)
(3
°)
(3
°)
(3
°)
(3
°)
0~6
°
Unit
V
V
mV
mV
V
µA
µA
mV/
°C
dB
A
V
µA
µA
V
Parameter
Input Voltage
Output Voltage
(Reference Voltage VADJ for SI-3010KD)
Line Regulation
Load Regulation
Dropout Voltage
Quiescent Circuit Current
Circuit Current at Output OFF
Temperature Coefficient of
Output Voltage
Ripple Rejection
Overcurrent Protection Starting Current*2
*4
Control Voltage (Output ON)*3
Control Voltage (Output OFF)*3
VC
Control Current (Output ON)
Terminal
Control Current (Output OFF)
Input Overvoltage Shutdown
Voltage
Symbol
VIN
VO (VADJ)
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
VDIF
Conditions
Conditions
Iq
Conditions
Iq (OFF)
Conditions
∆VO/∆Ta
Conditions
RREJ
Conditions
IS1
Conditions
VC, IH
VC, IL
IC, IH
Conditions
IC, IL
Conditions
VOVP
Conditions
Ratings
SI-3010KD (Variable type)
SI-3050KD
min.
typ.
max.
min.
typ.
max.
2.4*1
27*5
*1
15*5
0.98
1.00
1.02
4.90
5.00
5.10
VIN=7V, IO=10mA
VIN=7V, IO=10mA
30
30
VIN=6 to 11V,
VIN=6 to 11V, IO=10mA
IO=10mA (VO=5V)
75
75
VIN=7V,
VIN=7V, IO=0 to 1A
IO=0 to 1A (VO=5V)
0.3
0.3
IO=0.5A (VO=5V)
IO=0.5A
0.6
0.6
IO=1A (VO=5V)
IO=1A
600
600
VIN=7V, IO=0A, VC=2V
VIN=7V, IO=0A,
R2=10k
VC=2V
11
VIN=7V, VC=0V
VIN=7V, VC=0V
±0.5
±0.5
Tj=0 to 100
°C (VO=5V)
Tj=0 to 100
°C
75
75
VIN=7V,
VIN=7V,
f=100 to 120Hz, IO=0.1A (VO=5V)
f=100 to 120Hz, IO=0.1A
1.1
1.1
VIN=7V
VIN=7V
2.0
2.0
0.8
0.8
40
40
VC=2V
VC=2V
–5
0
–5
0
VC=0V
VC=0V
33
26
IO=10mA
IO=10mA


Similar Part No. - SI-3000KD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000KD SANKEN-SI-3000KD_11 Datasheet
94Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results

Similar Description - SI-3000KD

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3012KD ALLEGRO-SI-3012KD Datasheet
69Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000LLSL SANKEN-SI-3000LLSL Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KM SANKEN-SI-3000KM_10 Datasheet
60Kb / 3P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3010KM SANKEN-SI-3010KM Datasheet
149Kb / 12P
   Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000LSA SANKEN-SI-3000LSA Datasheet
75Kb / 2P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS Datasheet
97Kb / 6P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS_10 Datasheet
48Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Allegro MicroSystems
SI-3012KM ALLEGRO-SI-3012KM Datasheet
149Kb / 12P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3012KS ALLEGRO-SI-3012KS Datasheet
97Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000KFE SANKEN-SI-3000KFE Datasheet
56Kb / 2P
   Low Current Consumption Low Dropout Voltage Linear Regulator ICs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com