Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3003 Datasheet(PDF) 2 Page - Sanken electric

Part # 2SK3003
Description  External dimensions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SK3003 Datasheet(HTML) 2 Page - Sanken electric

  2SK3003 Datasheet HTML 1Page - Sanken electric 2SK3003 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(Unit: mm)
a
b
GDS
φ3.3±0.2
10.0±
0.2
1.35 ±
0.15
1.35 ±
0.15
0.85
2.54
2.54
2.2
±0.2
0.45
2.4
±0.2
4.2±
0.2
C 0.5
2.8
General product
a: Part Number
b: Lot Number
Weight: Approx 2.0g
Weight: Approx 6.5g
a: Part Number
b: Lot Number
a
b
4.4
1.5
1.5
φ3.3±0.1
15.6 ±0.2
2.15
±0.15
5.45 ±0.1
5.45 ±0.1
GD
S
0.8
0.65
3.35
±0.2
3.45
±0.2
5.5
±0.2
1.05
1.75
±0.15
a
b
GDS
φ3.3±0.2
10.0±
0.2
1.35
±0.15
1.35
±0.15
0.85
2.54
2.54
2.2 ±
0.2
0.45
+0.2
–0.1
+0.2
–0.1
+0.2
–0.1
+0.2
–0.1
2.4
±0.2
4.2±0.2
C 0.5
2.8
FM20 (TO-220F)
1
a
b
0.8
4.4
1.5
1.5
φ3.3±0.2
15.6 ±0.2
1.75 ±0.15
2.15 ±0.15
1.05
5.45
±0.1
5.45 ±
0.1
GD
S
0.65
3.35 ±0.2
3.45
±0.2
5.5 ±0.2
FM100 (TO-3PF)
2
3
External dimensions
UL approved product
General product
UL approved product
+0.2
–0.1
+0.2
–0.1
+0.2
–0.1
+0.2
–0.1


Similar Part No. - 2SK3003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SK3003 ETC2-2SK3003 Datasheet
35Kb / 2P
   External dimensions 1
logo
Sanken electric
2SK3003 SANKEN-2SK3003 Datasheet
42Kb / 2P
   External dimensions
logo
Inchange Semiconductor ...
2SK3003 ISC-2SK3003 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
2SK3003 DOINGTER-2SK3003 Datasheet
1,012Kb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - 2SK3003

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FKV550T SANKEN-FKV550T Datasheet
27Kb / 1P
   External dimensions
2SK3003 SANKEN-2SK3003 Datasheet
42Kb / 2P
   External dimensions
2SK3004 SANKEN-2SK3004 Datasheet
49Kb / 2P
   External dimensions
2SK3199 SANKEN-2SK3199 Datasheet
49Kb / 2P
   External dimensions
logo
List of Unclassifed Man...
DG24064 ETC-DG24064 Datasheet
85Kb / 1P
   EXTERNAL DIMENSIONS
logo
Sanken electric
2SK3199 SANKEN-2SK3199 Datasheet
53Kb / 2P
   External dimensions
2SK3332 SANKEN-2SK3332 Datasheet
48Kb / 2P
   External dimensions
FKV550T SANKEN-FKV550T Datasheet
27Kb / 1P
   External dimensions
logo
List of Unclassifed Man...
DG32240 ETC-DG32240 Datasheet
87Kb / 1P
   EXTERNAL DIMENSIONS
logo
Sanken electric
2SK2943 SANKEN-2SK2943 Datasheet
48Kb / 2P
   External dimensions
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com