Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28610P Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28610P
Description  GREEN-MODE FLYBACK CONTROLLER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28610P Datasheet(HTML) 1 Page - Texas Instruments

  UCC28610P Datasheet HTML 1Page - Texas Instruments UCC28610P Datasheet HTML 2Page - Texas Instruments UCC28610P Datasheet HTML 3Page - Texas Instruments UCC28610P Datasheet HTML 4Page - Texas Instruments UCC28610P Datasheet HTML 5Page - Texas Instruments UCC28610P Datasheet HTML 6Page - Texas Instruments UCC28610P Datasheet HTML 7Page - Texas Instruments UCC28610P Datasheet HTML 8Page - Texas Instruments UCC28610P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
+
-
V
OUT
VDD
VGG
ZCD
FB
CL
DRV
GND
MOT
UCC28610
V
IN
AC
UCC28610
www.ti.com ......................................................................................................................................... SLUS888C – JANUARY 2009 – REVISED SEPTEMBER 2009
GREEN-MODE FLYBACK CONTROLLER
• AC/DC Adapters, 12 W to 65 W
• Cascoded Configuration Allows Fully
Integrated Current Control Without External
• High Efficiency Housekeeping and Auxillary
Power Supplies
Sense Resistor
• Offline Battery Chargers
• Fast Start Up With Low Standby Power
• Consumer Electronics (DVD Players, Set-Top
Achieved by Cascode Configuration
Boxes, DTV, Gaming, Printers, etc.)
• Frequency and Peak Current Modulation for
Optimum Efficiency Over Entire Operating
Range
The UCC28610 brings a new level of performance
• Green-Mode (GM) Burst Switching Packets
and reliability to the AC/DC consumer power supply
Improve No-Load Efficiency
solution.
• Advanced Overcurrent Protection Limits RMS
A
PWM
modulation
algorithm
varies
both
the
Input and Output Currents
switching
frequency
and
primary
current
while
• Thermal Shutdown
maintaining
discontinuous
or
transition
mode
• Timed Overload With Retry or Latch-Off
operation over the entire operating range. Combined
Response
with a cascoded architecture, these innovations result
in
efficiency,
reliability,
and
system
cost
• Programmable Opto-Less Output Over-Voltage
improvements
over
a
conventional
flyback
Protection
architecture.
• Fast Latched Fault Recovery
The UCC28610 offers a predictable maximum power
• 8-Pin SOIC Package and 8-Pin PDIP Lead-Free
threshold and a timed response to an overload,
Packages
allowing safe handling of surge power requirements.
Overload fault response is user-programmed for retry
or latch-off mode. Additional protection features
include output overvoltage detection, programmable
maximum on-time, and thermal shutdown.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCC28610P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28610 TI-UCC28610 Datasheet
1Mb / 48P
[Old version datasheet]   Green-Mode Flyback Controller
UCC28610D TI-UCC28610D Datasheet
1Mb / 48P
[Old version datasheet]   Green-Mode Flyback Controller
UCC28610DR TI-UCC28610DR Datasheet
1Mb / 48P
[Old version datasheet]   Green-Mode Flyback Controller
UCC28610 TI-UCC28610_15 Datasheet
1Mb / 48P
[Old version datasheet]   Green-Mode Flyback Controller
More results

Similar Description - UCC28610P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28610 TI-UCC28610_15 Datasheet
1Mb / 48P
[Old version datasheet]   Green-Mode Flyback Controller
logo
Excelliance MOS Corp.
EM8632 EXCELLIANCE-EM8632 Datasheet
285Kb / 11P
   Green mode PWM Flyback Controller
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
   Green mode PWM Flyback Controller
logo
Fairchild Semiconductor
SG6902 FAIRCHILD-SG6902 Datasheet
856Kb / 22P
   Green-Mode PFC / Flyback-PWM Controller
SG6905 FAIRCHILD-SG6905 Datasheet
689Kb / 21P
   Green mode PFC/Flyback-PWM Controller
FAN400A FAIRCHILD-FAN400A_2 Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
logo
Excelliance MOS Corp.
EM8633 EXCELLIANCE-EM8633 Datasheet
258Kb / 12P
   Green mode PWM Flyback Controller with External Over
logo
Texas Instruments
UCC28600 TI1-UCC28600_13 Datasheet
1,019Kb / 31P
[Old version datasheet]   8-Pin Quasi-Resonant Flyback Green-Mode Controller
logo
Excelliance MOS Corp.
EM8633L EXCELLIANCE-EM8633L Datasheet
256Kb / 12P
   Green mode PWM Flyback Controller with External Over
logo
Texas Instruments
UCC28600 TI-UCC28600 Datasheet
354Kb / 25P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com