Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74LVC3157 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC3157
Description  SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC3157 Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC3157 Datasheet HTML 1Page - Unisonic Technologies U74LVC3157 Datasheet HTML 2Page - Unisonic Technologies U74LVC3157 Datasheet HTML 3Page - Unisonic Technologies U74LVC3157 Datasheet HTML 4Page - Unisonic Technologies U74LVC3157 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74LVC3157
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-358.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ +7.0
V
Switch Voltage
VS
-0.5 ~ VCC+0.5
V
Input Voltage
VIN
-0.5 ~ +7.0
V
VCC or GND Current
ICC
±100
mA
Continuous Output Current
IOUT
128
mA
Input Clamp Current (VIN<0V)
IIK
-50
mA
Operating Temperature
TOPR
-40 ~ + 85
°C
Storage Temperature
TSTG
-65 ~ + 150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction to Ambient
θJA
270
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
1.65
5.5
V
Control Input Voltage
VIN
(Note)
0
VCC
V
Switch Input Voltage
VIN
(Note)
0
VCC
V
Output Voltage
VOUT
(Note)
0
VCC
V
VCC=1.65V to 1.95V
0.75×VCC
V
High-level Input Voltage
VIH
VCC=2.3V to 5.5V
0.7×VCC
V
VCC=1.65V to 1.95V
0.25×VCC
V
Low-level Input Voltage
VIL
VCC=2.3V to 5.5V
0.3×VCC
V
Control Input
VCC=2.3V~3.6V
10
ns/V
Input Rise or Fall Times
ΔV
Δt
Control Input
VCC=4.5V~5.5V
5
ns/V
Note: Control input must be held HIGH or LOW; it must not float
ELECTRICAL CHARACTERISTICS (Ta=25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
VCC=4.5V, VIN=0V ,IOUT=30mA
3.0
7.0
VCC=4.5V, VIN=2.4V ,IOUT=-30mA
5.0
12.0
VCC=4.5V, VIN=4.5V ,IOUT=-30mA
7.0
15.0
VCC=3V, VIN=0V ,IOUT=24mA
4.0
9.0
VCC=3V, VIN=3V ,IOUT=-24mA
10.0 20.0
VCC=2.3V, VIN=0V ,IOUT=8mA
5.0
12.0
VCC=2.3V, VIN=2.3V ,IOUT=-8mA
13.0 30.0
VCC=1.65V, VIN=0V ,IOUT=4mA
6.5
20.0
Switch On Resistance
RON
VCC=1.65V, VIN=1.65V ,IOUT=-4mA
17.0 50.0
VCC=4.5V, VBN=3.15V, IA=-30mA
0.15
VCC=3V, VBN=2.1V, IA=-24mA
0.2
VCC=2.3V, VBN=1.6V, IA=-8mA
0.5
On Resistance Match
Between Channel
ΔRON
VCC=1.65V, VBN=1.15V, IA=-4mA
0.5
Input Leakage Current
II(LEAK)
VCC=0 to 5.5V, 0≤VIN≤5.5V
±0.1
μA
Off State Leakage Current
IOFF
VCC=1.65 to 5.5V, 0≤A,B≤VCC
±0.1
μA
Quiescent Supply Current
IQ
VCC=5.5V, VIN=VCC or GND, IOUT=0
1
μA
Analog Signal Range
VCC= VCC, VIN=VCC or GND
0
VCC
V


Similar Part No. - U74LVC3157

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC3157 UTC-U74LVC3157 Datasheet
203Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
U74LVC3157G-AL6-R UTC-U74LVC3157G-AL6-R Datasheet
203Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
U74LVC3157G-AL6-R UTC-U74LVC3157G-AL6-R Datasheet
203Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
U74LVC3157 UTC-U74LVC3157_10 Datasheet
203Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
U74LVC3157 UTC-U74LVC3157_15 Datasheet
203Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
More results

Similar Description - U74LVC3157

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
logo
Unisonic Technologies
U74LVC3157 UTC-U74LVC3157_15 Datasheet
203Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G3157 TI-SN74LVC1G3157_07 Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1 Datasheet
404Kb / 16P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
APRIL2008
SN74LVC1G3157 TI1-SN74LVC1G3157_17 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
logo
Diodes Incorporated
74LVC1G3157 DIODES-74LVC1G3157 Datasheet
1Mb / 18P
   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
logo
Unisonic Technologies
U74LVC1G3157 UTC-U74LVC1G3157_15 Datasheet
208Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
U74LVC1G3157 UTC-U74LVC1G3157_17 Datasheet
153Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G3157 TI1-SN74LVC1G3157_14 Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com