Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74LVC2G14 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC2G14
Description  DUAL SCHMITT-TRIGGER INVERTER WITH 5V TOLERANT INPUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G14 Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC2G14 Datasheet HTML 1Page - Unisonic Technologies U74LVC2G14 Datasheet HTML 2Page - Unisonic Technologies U74LVC2G14 Datasheet HTML 3Page - Unisonic Technologies U74LVC2G14 Datasheet HTML 4Page - Unisonic Technologies U74LVC2G14 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74LVC2G14
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-355.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ +6.5
V
Input Voltage
VIN
-0.5 ~ +6.5
V
high-impedance
power-off
-0.5 ~ 6.5
V
High State
Output Voltage
Low State
VOUT
-0.5 ~VCC+0.5
V
VCC or GND Current
ICC
±100
mA
Continuous Output Current
IO
±50
mA
Input Clamp Current
IIK
-50
mA
Output Clamp Current
IOK
-50
mA
Storage Temperature
TSTG
-65 ~ + 150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction to Ambient
θJA
259
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Supply Voltage
VCC
1.65
5.5
V
VCC=1.65V
0.70
1.40
V
VCC=2.3V
1.00
1.70
V
VCC=3V
1.30
2.20
V
VCC=4.5V
1.90
3.10
V
Positive-going input threshold
voltage
VT+
VCC=5.5V
2.20
3.70
V
VCC=1.65V
0.30
0.70
V
VCC=2.3V
0.40
1.00
V
VCC=3V
0.60
1.30
V
VCC=4.5V
1.10
2.00
V
Negative-going input threshold
voltage
VT-
VCC=5.5V
1.40
2.50
V
VCC=1.65V
0.30
0.80
V
VCC=2.3V
0.40
0.90
V
VCC=3V
0.40
1.10
V
VCC=4.5V
0.60
1.30
V
Hysteresis voltage(VT+ - VT-)
ΔVT
VCC=5.5V
0.70
1.40
V
Control Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
High or low state
0
VCC
V
VCC =1.65V
-4
mA
VCC =2.3V
-8
mA
VCC =3V
-16
mA
VCC =3V
-24
mA
High level output current
IOH
VCC =4.5V
-32
mA
VCC =1.65V
4
mA
VCC =2.3V
8
mA
VCC =3V
16
mA
VCC =3V
24
mA
Low level output current
IOL
VCC =4.5V
32
mA
Operating Temperature
TOPR
-40
85
°C


Similar Part No. - U74LVC2G14

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC2G14 UTC-U74LVC2G14 Datasheet
143Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER WITH 5V TOLERANT INPUT
U74LVC2G14G-AG6-R UTC-U74LVC2G14G-AG6-R Datasheet
143Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER WITH 5V TOLERANT INPUT
U74LVC2G14G-AG6-R UTC-U74LVC2G14G-AG6-R Datasheet
191Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER
U74LVC2G14G-AL6-R UTC-U74LVC2G14G-AL6-R Datasheet
143Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER WITH 5V TOLERANT INPUT
U74LVC2G14G-AL6-R UTC-U74LVC2G14G-AL6-R Datasheet
191Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER
More results

Similar Description - U74LVC2G14

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC2G14 UTC-U74LVC2G14_10 Datasheet
143Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER WITH 5V TOLERANT INPUT
logo
NXP Semiconductors
74LVC14A PHILIPS-74LVC14A Datasheet
95Kb / 10P
   Hex inverting Schmitt-trigger with 5V tolerant input
1998 Apr 28
logo
Fairchild Semiconductor
74LCX14MX FAIRCHILD-74LCX14MX Datasheet
777Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
logo
ON Semiconductor
74LCX14 ONSEMI-74LCX14 Datasheet
756Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
December 2013 Rev. 1.7.1
logo
Fairchild Semiconductor
74LCX14 FAIRCHILD-74LCX14_08 Datasheet
766Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
74LCX14 FAIRCHILD-74LCX14 Datasheet
82Kb / 11P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
logo
ON Semiconductor
MC74HC1G14 ONSEMI-MC74HC1G14 Datasheet
79Kb / 6P
   Inverter with Schmitt-Trigger Input
August, 2005 ??Rev. 10
logo
Hitachi Semiconductor
J205293_HD74HC1G14 HITACHI-J205293_HD74HC1G14 Datasheet
231Kb / 9P
   Inverter with Schmitt-trigger Input
HD74LV1G14A HITACHI-HD74LV1G14A Datasheet
54Kb / 9P
   Inverter with Schmitt-trigger Input
logo
Renesas Technology Corp
HD74HC1G14 RENESAS-HD74HC1G14 Datasheet
55Kb / 8P
   Inverter with Schmitt-trigger Input
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com