Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWH01NBT-C0 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PWH01NBT-C0
Description  WHITE HIGH POWER LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PWH01NBT-C0 Datasheet(HTML) 1 Page - Unisonic Technologies

  PWH01NBT-C0 Datasheet HTML 1Page - Unisonic Technologies PWH01NBT-C0 Datasheet HTML 2Page - Unisonic Technologies PWH01NBT-C0 Datasheet HTML 3Page - Unisonic Technologies PWH01NBT-C0 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PWH01NBT-C0
LIGHT EMITTING DIODE
www.unisonic.com.tw
1 of 4
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R125-016.A
WHITE HIGH POWER LED
FEATURES
* Very long operating life
* Energy efficient
APPLICATIONS
* Automotive exterior and interior lighting
* Architectural lighting
* Electronic signs and signals
MECHANICAL DIMENSIONS
Note:Dimensions shown in mm


Similar Part No. - PWH01NBT-C0

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
PWH10-100 RCD-PWH10-100 Datasheet
45Kb / 1P
   5W TO 50 WATT POWER RESISTORS CERAMIC ENCASED, RADIAL LEADS
PWH10-1000 RCD-PWH10-1000 Datasheet
45Kb / 1P
   5W TO 50 WATT POWER RESISTORS CERAMIC ENCASED, RADIAL LEADS
PWH10-1001 RCD-PWH10-1001 Datasheet
45Kb / 1P
   5W TO 50 WATT POWER RESISTORS CERAMIC ENCASED, RADIAL LEADS
PWH10-101 RCD-PWH10-101 Datasheet
45Kb / 1P
   5W TO 50 WATT POWER RESISTORS CERAMIC ENCASED, RADIAL LEADS
PWH10-102 RCD-PWH10-102 Datasheet
45Kb / 1P
   5W TO 50 WATT POWER RESISTORS CERAMIC ENCASED, RADIAL LEADS
More results

Similar Description - PWH01NBT-C0

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1519 YOBON-YB1519 Datasheet
271Kb / 7P
   High-Power White LED Driver
logo
P-tec Corporation
PL1011SN-WCCW P-TEC-PL1011SN-WCCW Datasheet
33Kb / 1P
   High Power White SMD LED
PL00875W-WCCW P-TEC-PL00875W-WCCW Datasheet
1Mb / 5P
   5W WHITE HIGH POWER LED
logo
Diodes Incorporated
PAM2800AABR DIODES-PAM2800AABR Datasheet
293Kb / 7P
   HIGH POWER WHITE LED DRIVER
December 2016
logo
STMicroelectronics
STCF02 STMICROELECTRONICS-STCF02 Datasheet
223Kb / 4P
   High Power White Led Driver
logo
Power Analog Micoelectr...
PAM2800 PAM-PAM2800 Datasheet
92Kb / 7P
   High Power White LED Driver
logo
P-tec Corporation
PL00555W-WCCWZ P-TEC-PL00555W-WCCWZ Datasheet
1Mb / 6P
   0.5W WHITE HIGH POWER LED
logo
YOBON TECHNOLOGIES,INC.
YB1509 YOBON-YB1509 Datasheet
96Kb / 7P
   High-Power White LED Driver
logo
Unisonic Technologies
PWW01NBT-C0 UTC-PWW01NBT-C0 Datasheet
247Kb / 4P
   Warm WHITE HIGH POWER LED
logo
P-tec Corporation
PL00875WR-WCCW P-TEC-PL00875WR-WCCW Datasheet
1Mb / 5P
   5W WHITE HIGH POWER LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com