Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61166DSKT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61166DSKT
Description  WHITE LED DRIVER WITH INTEGRATED POWER DIODE AND FAST BURST MODE DIMMING
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61166DSKT Datasheet(HTML) 1 Page - Texas Instruments

  TPS61166DSKT Datasheet HTML 1Page - Texas Instruments TPS61166DSKT Datasheet HTML 2Page - Texas Instruments TPS61166DSKT Datasheet HTML 3Page - Texas Instruments TPS61166DSKT Datasheet HTML 4Page - Texas Instruments TPS61166DSKT Datasheet HTML 5Page - Texas Instruments TPS61166DSKT Datasheet HTML 6Page - Texas Instruments TPS61166DSKT Datasheet HTML 7Page - Texas Instruments TPS61166DSKT Datasheet HTML 8Page - Texas Instruments TPS61166DSKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
C1
4.7 F
m
R1
8
L1
4.7 H
m
TPS61166
VIN
NC
SW
FB
EN
OUT
VO
VBAT
GND
PWM
V
2.5Vto6V
in
15kHz/50%dutycycle
C2
4.7 F
m
TPS61166
www.ti.com.......................................................................................................................................................................................... SLVS991 – SEPTEMBER 2009
WHITE LED DRIVER WITH INTEGRATED POWER DIODE AND FAST BURST MODE
DIMMING
• IC Supply Range: 2.5-V to 6-V
• Power Stage Input Range: 4.5-V to 10-V
The TPS61166 is a boost converter with a 20-V rated
integrated switch FET and power diode that drives up
• Integrated 1.1-A / 20-V Internal Switch FET and
to 5 LEDs in series. This device integrates a high
Power Diode
side switch FET that can turn on/off the LED current
• Drive up to 5 LEDs in Series
within 1-
µs of the applied external PWM signal. The
• Fast on/off LED Current Within 1-µs in
high
side
switch
also
provides
input-to-output
isolation during IC shutdown.
Brightness Dimming
• Burst PWM Dimming Method With Frequency
The default white LED current is set with the external
Range From 60-Hz to 40-kHz
sensor resistor R1, and the feedback voltage is
regulated to 200-mV, as shown in the typical
• Built-in Soft Start-up
application circuit. The LED current can be adjusted
• Over Load Protection
using a pulse width modulation (PWM) signal through
• Over Voltage Protection
the PWM pin. The LED current is synchronized to the
PWM signal. The device does not discharge the
• 2.5 × 2.5 × 0.8 mm SON Package
output
ceramic
capacitor
during
dimming,
thus
reducing audible noise when dimming.
Separating the IC input (VIN pin) and power stage
• Small Form Factor LCD Backlight
input (VBAT pin) makes the device flexible enough to
• Mobile Phone
support single- or two-cell Li-ion battery applications.
• Digital Camera
Other protection features include 1.1-A peak-to-peak
• Personal Camcorder
over current protection (OCP), over voltage protection
• Single Lens Reflex
(OVP), over load protection (OLP), and thermal
shutdown. The TPS61166 is available in a 2.5 mm ×
2.5 mm SON package with thermal pad.
Figure 1. Single Cell Li-Ion Battery Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS61166DSKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160 TI-TPS61160 Datasheet
557Kb / 21P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160 TI1-TPS61160 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160 Datasheet
1Mb / 39P
[Old version datasheet]   White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI-TPS61160A Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160A TI1-TPS61160A Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
More results

Similar Description - TPS61166DSKT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_07 Datasheet
184Kb / 9P
   White LED Driver with Digital Dimming
ISL97632 INTERSIL-ISL97632_08 Datasheet
175Kb / 9P
   White LED Driver with Digital Dimming
logo
New Japan Radio
NJU6051 NJRC-NJU6051 Datasheet
192Kb / 20P
   White LED Driver with Automatic Dimming Control
NJU6052 NJRC-NJU6052 Datasheet
209Kb / 23P
   White LED Driver with Automatic Dimming Control
logo
SamHop Microelectronics...
SM8205 SAMHOP-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
M.S. Kennedy Corporatio...
SM8205 MSK-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
Renesas Technology Corp
ISL97634 RENESAS-ISL97634 Datasheet
875Kb / 12P
   White LED Driver with Wide PWM Dimming Range
logo
Intersil Corporation
ISL97634 INTERSIL-ISL97634_08 Datasheet
460Kb / 10P
   White LED Driver with Wide PWM Dimming Range
logo
Silan Microelectronics ...
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
   1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
Intersil Corporation
ISL97634IRT14Z-T INTERSIL-ISL97634IRT14Z-T Datasheet
584Kb / 12P
   White LED Driver with Wide PWM Dimming Range
August 27, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com