Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54318RTET Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54318RTET
Description  2.95V To 6V Input 3A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54318RTET Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54318RTET Datasheet HTML 6Page - Texas Instruments TPS54318RTET Datasheet HTML 7Page - Texas Instruments TPS54318RTET Datasheet HTML 8Page - Texas Instruments TPS54318RTET Datasheet HTML 9Page - Texas Instruments TPS54318RTET Datasheet HTML 10Page - Texas Instruments TPS54318RTET Datasheet HTML 11Page - Texas Instruments TPS54318RTET Datasheet HTML 12Page - Texas Instruments TPS54318RTET Datasheet HTML 13Page - Texas Instruments TPS54318RTET Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
300
310
320
330
340
350
360
370
380
390
400
3
3.5
4
4.5
5
5.5
6
V
-InputVoltage-V
IN
T =25°C
J
88
90
92
94
96
98
100
102
104
106
108
110
VsenseRising,V
=3.3V
IN
VsenseRising
VsenseFalling
VsenseFalling
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
0
20
40
60
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V
=3.3V
IN
TPS54318
SLVS975 – SEPTEMBER 2009 ......................................................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS CURVES (continued)
SUPPLY CURRENT vs INPUT VOLTAGE
PWRGD THRESHOLD vs TEMPERATURE
Figure 19.
Figure 20.
PWRGD ON RESISTANCE vs TEMPERATURE
Figure 21.
OVERVIEW
The TPS54318 is a 6-V, 3-A, synchronous step-down (buck) converter with two integrated n-channel MOSFETs.
To improve performance during line and load transients the device implements a constant frequency, peak
current mode control which reduces output capacitance and simplifies external frequency compensation design.
The wide switching frequency of 200 kHz to 2000 kHz allows for efficiency and size optimization when selecting
the output filter components. The switching frequency is adjusted using a resistor to ground on the RT/CLK pin.
The device has an internal phase lock loop (PLL) on the RT/CLK pin that is used to synchronize the power
switch turn on to a falling edge of an external system clock.
The TPS54318 has a typical default start up voltage of 2.6 V. The EN pin has an internal pull-up current source
that can be used to adjust the input voltage under voltage lockout (UVLO) with two external resistors. In addition,
the pull up current provides a default condition when the EN pin is floating for the device to operate. The total
operating current for the TPS54318 is 350
μA when not switching and under no load. When the device is
disabled, the supply current is less than 5
μA.
The integrated 30 m
Ω MOSFETs allow for high efficiency power supply designs with continuous output currents
up to 3 amperes.
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS54318


Similar Part No. - TPS54318RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54318RTET TI-TPS54318RTET Datasheet
1Mb / 36P
[Old version datasheet]   2.95V To 6V Input, 3A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
More results

Similar Description - TPS54318RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54318 TI-TPS54318_1 Datasheet
1Mb / 36P
[Old version datasheet]   2.95V To 6V Input, 3A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
logo
Richtek Technology Corp...
RT8079 RICHTEK-RT8079 Datasheet
199Kb / 13P
   2.95V to 6V Input, 3A Output, 2MHz, Synchronous Step-Down Converter
logo
Texas Instruments
TPS5432 TI1-TPS5432 Datasheet
1Mb / 28P
[Old version datasheet]   2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
TPS5432 TI-TPS5432_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
TPS54418_101 TI-TPS54418_101 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418_10 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs (SWIFT??
TPS54218 TI-TPS54218 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input 2 A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
TPS54395 TI1-TPS54395 Datasheet
1,014Kb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
logo
Monolithic Power System...
MP8843 MPS-MP8843 Datasheet
609Kb / 22P
   6V, 3A, Synchronous, Step-Down Switcher with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com