Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75DP120RHHR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP120RHHR
Description  DisplayPort 1:1 Dual-Mode Repeater
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75DP120RHHR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75DP120RHHR Datasheet HTML 5Page - Texas Instruments SN75DP120RHHR Datasheet HTML 6Page - Texas Instruments SN75DP120RHHR Datasheet HTML 7Page - Texas Instruments SN75DP120RHHR Datasheet HTML 8Page - Texas Instruments SN75DP120RHHR Datasheet HTML 9Page - Texas Instruments SN75DP120RHHR Datasheet HTML 10Page - Texas Instruments SN75DP120RHHR Datasheet HTML 11Page - Texas Instruments SN75DP120RHHR Datasheet HTML 12Page - Texas Instruments SN75DP120RHHR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
SN75DP120
www.ti.com
SLLSE08 – OCTOBER 2009
ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Supply current under active operating
LP# = VCC, ML: VOD = 1200mVp-p,
165
200
mA
mode
2.7Gbps PRBS; AUX: VID = 1000mVp-p,
1Mbps PRBS; VDD= 3.6V, VCC=3.6V
IPDWN
Device power under power down
LP# = VCC, ML: VID = 0mVp-p,
8
12
mA
mode (D3) or standby main link
AUX: VID = 0mVp-p; VDD= 3.6V, VCC=3.6V
disabled
Low power current
LP# = 0V, VDD= 3.6V, VCC=3.6V HPD_INV,
1
10
µA
CAD_INV = NC, 0V
ILP
LP# = 0V, VDD= 3.6V, VCC=3.6V
400
640
HPD_INV=VCC
IDD
Supply current
VDD = 3.6V, HPD_INV = VDD
4
mA
tPWDNEX
D3 Powerdown or standby mode exit
Total time for the device to exit from D3 or standby
1.2
1.8
µs
time
state to active mode
HOT PLUG AND CABLE ADAPTER DETECT
The SN75DP120 has an integrated 125K
Ω pull down on the HPD_SINK input pin. The HPD and CAD timing
diagrams in this section are for the non-inverting case. The same timing diagrams apply for the inverting case
except the output is inverted. The VOH level of CAD_SRC follows that of VDD irrespective of CAD_INV setting.
However VOH for HPD_SRC depends on HPD_INV setting. When HPD_INV is low or left floating, HPD_SRC
VOH follows that of VDD. When HPD_INV = H then HPD_SRC VOH is set to 0.8V – 1.1V irrespective of VDD.
Explanation of HPD power management and interrupt behavior of the SN75DP120 is located in the Application
Information section at the end of the datasheet.
ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HPD_INV, CAD_INV = L
VOH3.3
High-level output voltage
VDD = 3.3 V, IOH = –100 µA,
3
V
(CAD_SRC and HPD_SRC)
CAD_SINK, HPD_SINK = H
VOH2.5
High-level output voltage
VDD = 2.5 V, IOH = –100 µA,
2.25
V
(CAD_SRC and HPD_SRC)
CAD_SINK, HPD_SINK = H
VOH1.8
High-level output voltage
VDD = 1.8 V, IOH = –100 µA,
1.62
1.8
V
(CAD_SRC and HPD_SRC)
CAD_SINK, HPD_SINK = H
VOL3.3
High-level output voltage
VDD = 3.3 V, IOL = 100 µA,
0.1
V
(CAD_SRC and HPD_SRC)
CAD_SINK, HPD_SINK = L
VOL2.5
Low-level output voltage
VDD = 2.5 V, IOL = 100 µA,
0.1
V
(CAD_SRC and HPD_SRC)
CAD_SINK, HPD_SINK = L
VOL1.8
Low-level output voltage
VDD = 1.8 V, IOL = 100 µA,
0.1
V
(CAD_SRC and HPD_SRC)
CAD_SINK, HPD_SINK = L
HPD_INV = H
VOH1.1
High-level output voltage
IOH = –100 µA,
0.8
0.9
1.1
V
(HPD_SRC)
HPD_SINK = L
VOL1.1
Low-level output voltage
IOH = 100 µA,
0.1
V
(HPD_SRC)
HPD_SINK = H
IIH
High-level input current
VIH = 2.0 V, VDD = 3.6 V
–5
35
µA
(HPD_SINK, CAD_SINK, HPD_INV, CAD_INV)
(Leakage includes pull down resistor)
IL
lLow-level input current
VIL = 0.8 V, VDD = 3.6 V
–5
35
µA
(HPD_SINK, CAD_SINK, HPD_INV, CAD_INV)
(Leakage includes pull down resistor)
RHPDIN
Weak pull down resistor on HPD_SINK
100
125
150
k
Ω
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN75DP120


Similar Part No. - SN75DP120RHHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP122 TI-SN75DP122 Datasheet
914Kb / 35P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122ARTQR TI1-SN75DP122ARTQR Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122ARTQT TI1-SN75DP122ARTQT Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122RTQR TI1-SN75DP122RTQR Datasheet
953Kb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
More results

Similar Description - SN75DP120RHHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP118 TI-SN75DP118 Datasheet
540Kb / 15P
[Old version datasheet]   DisplayPort 1:1 Repeater
SN75DP118 TI-SN75DP118_1 Datasheet
717Kb / 18P
[Old version datasheet]   DisplayPort 1:1 Repeater
SN75DP119 TI1-SN75DP119_14 Datasheet
1Mb / 28P
[Old version datasheet]   DisplayPort 1:1 Signal Repeater and Signal Conditioner
SN75DP119 TI1-SN75DP119 Datasheet
1Mb / 23P
[Old version datasheet]   DisplayPort 1:1 Signal Repeater and Signal Conditioner
logo
Pericom Semiconductor C...
PI2EQXDP101-A PERICOM-PI2EQXDP101-A Datasheet
828Kb / 11P
   1 to 1 DisplayPort ReDriver
logo
Texas Instruments
SN65MLVD128 TI-SN65MLVD128 Datasheet
186Kb / 16P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
SN65MLVD128 TI1-SN65MLVD128_08 Datasheet
501Kb / 18P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
logo
IOGEAR
GDP14RPT IOGEAR-GDP14RPT Datasheet
150Kb / 2P
   DisplayPort 1.4 8K Repeater
logo
NXP Semiconductors
CBTL04DP211BS-518 NXP-CBTL04DP211BS-518 Datasheet
256Kb / 18P
   DisplayPort 2 : 1 multiplexer
Rev. 2-13 April 2012
logo
Texas Instruments
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com