Electronic Components Datasheet Search |
|
OPA1612AID Datasheet(PDF) 2 Page - Texas Instruments |
|
|
OPA1612AID Datasheet(HTML) 2 Page - Texas Instruments |
2 / 21 page 1 2 3 4 8 7 6 5 NC (1) V+ OUT NC (1) NC (1) -IN +IN V- 1 2 3 4 8 7 6 5 V+ OUTB - INB +INB OUTA - INA +INA V - A B OPA1611 OPA1612 SBOS450A – JULY 2009 – REVISED AUGUST 2009........................................................................................................................................................ www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ABSOLUTE MAXIMUM RATINGS (1) Over operating free-air temperature range (unless otherwise noted). VALUE UNIT Supply Voltage VS = (V+) – (V–) 40 V Input Voltage (V–) – 0.5 to (V+) + 0.5 V Input Current (All pins except power-supply pins) ±10 mA Output Short-Circuit(2) Continuous Operating Temperature (TA) –55 to +125 °C Storage Temperature (TA) –65 to +150 °C Junction Temperature (TJ) 200 °C Human Body Model (HBM) 3000 V ESD Ratings Charged Device Model (CDM) 1000 V Machine Model (MM) 200 V (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not supported. (2) Short-circuit to VS/2 (ground in symmetrical dual supply setups), one amplifier per package. PACKAGE INFORMATION(1) PRODUCT PACKAGE-LEAD PACKAGE DESIGNATOR PACKAGE MARKING TI OPA OPA1611 SO-8 D 1611A TI OPA OPA1612 SO-8 D 1612A (1) For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. PIN CONFIGURATIONS D PACKAGE D PACKAGE OPA1611, SO-8 OPA1612, SO-8 (TOP VIEW) (TOP VIEW) (1) NC denotes no internal connection. Pin can be left floating or connected to any voltage between (V–) and (V+). 2 Copyright © 2009, Texas Instruments Incorporated Product Folder Link(s): OPA1611 OPA1612 |
Similar Part No. - OPA1612AID |
|
Similar Description - OPA1612AID |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |