Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD16408Q5 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CSD16408Q5
Description  N-Channel NexFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD16408Q5 Datasheet(HTML) 5 Page - Texas Instruments

  CSD16408Q5 Datasheet HTML 1Page - Texas Instruments CSD16408Q5 Datasheet HTML 2Page - Texas Instruments CSD16408Q5 Datasheet HTML 3Page - Texas Instruments CSD16408Q5 Datasheet HTML 4Page - Texas Instruments CSD16408Q5 Datasheet HTML 5Page - Texas Instruments CSD16408Q5 Datasheet HTML 6Page - Texas Instruments CSD16408Q5 Datasheet HTML 7Page - Texas Instruments CSD16408Q5 Datasheet HTML 8Page - Texas Instruments CSD16408Q5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC − Case Temperature − °C
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
−75
−25
25
75
125
175
G007
ID = 20A
VGS = 10V
0.0
0.2
0.4
0.6
0.8
1.0
VSD − Source to Drain Voltage − V
G008
TC = 125°C
TC = 25°C
100
1
0.01
0.0001
0.001
0.1
10
V
-DraintoSourceVoltage-V
DS
G009
1k
10
0.01
1
100
0.1
0.01
0.1
10
100
1
1ms
10ms
100ms
DC
1s
SinglePulse
AreaLimited
byRDS(on)
TypicalR
=100 C/W(minCu)
q
JA
o
t(AV) − Time in Avalanche − ms
G010
1k
10
1
100
0.001
0.01
1
100
0.1
TC = 25°C
TC = 125°C
10
TC − Case Temperature − °C
0
20
40
60
80
100
120
−50
−25
0
25
50
75
100
125
150
175
G011
CSD16408Q5
www.ti.com
SLPS228 – OCTOBER 2009
TYPICAL MOSFET CHARACTERISTICS (continued)
TA = 25°C unless otherwise stated
Figure 8. Normalized On-State Resistance vs. Temperature
Figure 9. Typical Diode Forward Voltage
Figure 10. Maximum Safe Operating Area
Figure 11. Single Pulse Unclamped Inductive Switching
Figure 12. Maximum Drain Current vs. Temperature
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - CSD16408Q5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16408Q5C TI-CSD16408Q5C Datasheet
177Kb / 10P
[Old version datasheet]   DualCool??N-Ch NexFET??Power MOSFET
CSD16408Q5C TI1-CSD16408Q5C_10 Datasheet
340Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD16408Q5 TI1-CSD16408Q5_11 Datasheet
323Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
More results

Similar Description - CSD16408Q5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16322Q5 TI-CSD16322Q5 Datasheet
287Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16404Q5A TI-CSD16404Q5A Datasheet
511Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16401Q5 TI1-CSD16401Q5 Datasheet
332Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16414Q5 TI1-CSD16414Q5 Datasheet
348Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16415Q5 TI1-CSD16415Q5 Datasheet
568Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com